Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
PHOENIX CONTACT |
RIF-2-BPT
|
106Kb / 16P |
RIF-2... relay base, for industrial relay with 2 or 4 PDTs, push-in connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5
|
RIF-4-BPT
|
98Kb / 12P |
RIF-4... relay base, for high-power relay with 2 or 3 PDTs or 3 N/O contacts, push-in connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5
|
RIF-3-BSC
|
63Kb / 3P |
RIF-3... relay base, for octal relay with 2 changeover contacts, screw connection, plug-in option for input/ interference suppression modules, for mounting on NS 35/7,5
|
RIF-1-BPT
|
124Kb / 20P |
RIF-1... relay base, for miniature power relay with 1 or 2 PDTs or solid-state relays of the same design, push-in connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5
|
RIF-2-BSC
|
64Kb / 3P |
RIF-2... relay base, for industrial relay with 2 or 4 changeover contacts, screw connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5
|
RIF-4-BSC
|
64Kb / 3P |
RIF-4... relay base, for high-power relay with 2 or 3 changeover contacts or 3 N/O contacts, screw connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5
|
RIF-1-BSC
|
63Kb / 3P |
RIF-1... relay base, for miniature power relay with 1 or 2 changeover contacts or identical solid-state relays, screw connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5
|
RIF-0-BPT
|
112Kb / 11P |
RIF-0... relay base, for miniature power relay with 1 PDT or solid-state relays of the same design, push-in connection, for mounting on NS 35/7,5
|
RIF-0-BSC
|
66Kb / 3P |
RIF-0... relay base, for miniature power relay with 1 changeover contact or identical solid-state relays, screw connection, for mounting on NS 35/7,5
|
PLC-BPT-24DC
|
111Kb / 9P |
14 mm PLC basic terminal block with push-in connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 2 PDTs, input voltage 24 V DC
|