Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Rohm |
2SCR553PFRA
|
1Mb / 8P |
Middle Power Transistor (50V / 2A)
|
2SAR512PFRA
|
1Mb / 8P |
Middle Power Transistor(-30V/-2A)
|
2SCR513PFRA
|
1Mb / 8P |
Middle Power Transistor (50V / 1A)
|
2SCR512PFRA
|
1Mb / 8P |
Middle Power Transistor (30V / 2A)
|
2SCR533PFRA
|
1Mb / 8P |
Middle Power Transistor (50V / 3A)
|
2SAR533PFRA
|
1Mb / 8P |
Middle Power Transistor(-50V / -3A)
|
2SAR513PFRA
|
1Mb / 8P |
Middle Power Transistor(-50V / -1A)
|
2SA2094TLQ
|
471Kb / 7P |
PNP -2A -60V Middle Power Transistor
|
2SB1443
|
118Kb / 3P |
Power Transistor (-50V, -2A)
|
2SAR553R
|
1Mb / 9P |
PNP -2.0A -50V Middle Power Transistor
|