Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL2110AR4Z Datasheet (PDF) - Renesas Technology Corp

ISL2110AR4Z Datasheet PDF - Renesas Technology Corp
No. de pieza ISL2110AR4Z
Descarga  ISL2110AR4Z Descarga

Tamaño del archivo   768.97 Kbytes
Page   15 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos 100V, 3A/4A Peak, High Frequency Half-Bridge Drivers

ISL2110AR4Z Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ISL2110AR4Z Datasheet PDF - Renesas Technology Corp

No. de pieza ISL2110AR4Z
Descarga  ISL2110AR4Z Click to download

Tamaño del archivo   768.97 Kbytes
Page   15 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos 100V, 3A/4A Peak, High Frequency Half-Bridge Drivers

ISL2110AR4Z Datasheet (HTML) - Renesas Technology Corp

Back Button ISL2110AR4Z Datasheet HTML 1Page - Renesas Technology Corp ISL2110AR4Z Datasheet HTML 2Page - Renesas Technology Corp ISL2110AR4Z Datasheet HTML 3Page - Renesas Technology Corp ISL2110AR4Z Datasheet HTML 4Page - Renesas Technology Corp ISL2110AR4Z Datasheet HTML 5Page - Renesas Technology Corp ISL2110AR4Z Datasheet HTML 6Page - Renesas Technology Corp ISL2110AR4Z Datasheet HTML 7Page - Renesas Technology Corp ISL2110AR4Z Datasheet HTML 8Page - Renesas Technology Corp ISL2110AR4Z Datasheet HTML 9Page - Renesas Technology Corp ISL2110AR4Z Datasheet HTML 10Page - Renesas Technology Corp Next Button 

ISL2110AR4Z Detalles de producto

100V, 3A/4A Peak, High Frequency Half-Bridge Drivers

The ISL2110, ISL2111 are 100V, high frequency, half-bridge N-Channel power MOSFET driver ICs. They are based on the popular HIP2100, HIP2101 half-bridge drivers, but offer several performance improvements. Peak output pull-up/pull-down current has been increased to 3A/4A, which significantly reduces switching power losses and eliminates the need for external totem-pole buffers in many applications. Also, the low end of the VDD operational supply range has been extended to 8VDC. The ISL2110 has additional input hysteresis for superior operation in noisy environments and the inputs of the ISL2111, like those of the ISL2110, can now safely swing to the VDD supply rail.

Features
• Drives N-Channel MOSFET half-bridge
• SOIC, DFN, and TDFN package options
• SOIC, DFN, and TDFN packages compliant with 100V conductor spacing guidelines per IPC-2221
• Pb-free (RoHS compliant)
• Bootstrap supply max voltage to 114VDC
• On-chip 1W bootstrap diode
• Fast propagation times for multi-MHz circuits
• Drives 1nF load with typical rise/fall times of 9ns/7.5ns
• CMOS compatible input thresholds (ISL2110)
• 3.3V/TTL compatible input thresholds (ISL2111)
• Independent inputs provide flexibility
• No start-up problems
• Outputs unaffected by supply glitches, HS ringing below ground or HS slewing at high dv/dt
• Low power consumption
• Wide supply voltage range (8V to 14V)
• Supply undervoltage protection
• 1.6W/1W typical output pull-up/pull-down resistance

Applications
• Telecom half-bridge DC/DC converters
• Telecom full-bridge DC/DC converters
• Two-switch forward converters
• Active-clamp forward converters
• Class-D audio amplifiers




Número de pieza similar - ISL2110AR4Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL2110AR4Z INTERSIL-ISL2110AR4Z Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL2110AR4Z INTERSIL-ISL2110AR4Z Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
More results


Descripción similar - ISL2110AR4Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results




Acerca de Renesas Technology Corp


Renesas Technology Corp es una compañía de semiconductores japoneses que proporciona una amplia gama de microcontroladores, sistemas a chips y dispositivos analógicos y de energía para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía se formó en 2010 a través de la fusión de NEC Electronics Corporation y Renesas Technology Corporation.
Renesas es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en el desarrollo de tecnologías avanzadas en áreas como Internet de las cosas (IoT), inteligencia artificial (IA) y electrónica automotriz.
La compañía tiene operaciones en más de 20 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com