| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AIF Datasheet
# Example questions:
➢ What is the maximum allowable current share accuracy?
➢ What is the operating temperature range when the power supply is actively operating?
➢ What is the typical efficiency of this power supply at 230 vac and 1600w?
# AIF - PFC Series Power Module
## General Specifications
️· Total Power: 1600 Watts
️· Input Voltage: 85 - 370 VDC (configurable), 85-264 VAC
️· # of Outputs: Single
️· Warranty: 2 years
## Features
️· Unity power factor
️· High efficiency (up to 95%)
️· Universal input voltage and frequency range
️· Positive and negative enable functions
️· Parallelable with accurate current sharing
️· Harmonic distortion <10% (IEC1000-3-2 compliant)
️· 100°C baseplate operating temperature
️· DC input option
️· Power fail warning signal
️· Enable output to control DC-DC converters
️· EEPROM data storage via I2C interface
️· External inrush current limited protection
️· Power density up to 290 W/in³
## Electrical Specifications
️· Input Range: 85 - 264 VAC / 120 - 370 VDC (configurable)
️· Input Surge: 290 VAC / 1 second
️· Efficiency: 95% @ 230 VAC, 1600 W (typical)
️· Power Factor: 0.99 typical (Po ± 500 W), 0.97 typical (Po ± 1000 W)
️· Output Voltage: 380V typical (Io = 4.2A), 393V typical (Io = 0A)
️· Current Share Accuracy: 10% max
️· Overvoltage Protection: 430 V max
️· Power Limit (AC Input): Vin = 85 VAC, Pmax = 1000W; Vin = 230 VAC, Pmax = 1600W; Vin = 370 Vdc, Pmax = 1600W
## Control Features
️· Power Fail Warning: Direct drive output to opto-isolator (adjustable 195-355 Vdc)
️· LD Enable: Direct drive output to opto-isolator
️· PFC Enable: TTL compatible
️· Voltage Adjust: 76% to 100% of output voltage
️· Clock Input: 6 Vp-p @ 1 MHz ± 5%
️· Clock Output: 6 Vp-p @ 1 MHz ± 5%
️· Temperature Monitor Output: 10 mV/°C
️· Current Monitor Output: 0 to 1 mA (1 mA = 4.2 A)
## Environmental Specifications
️· Operating Temperature: -20°C to +100°C (baseplate)
️· Startup Temperature: -40°C to +100°C (baseplate)
️· Storage Temperature: -40°C to +120°C
️· Overtemperature Protection: 120°C max
️· MTBF: 1 million hours
## Ordering Information
️· AIF04ZPFC-01L: 1600W Low Profile PC Module (total input current < 16 Arms)
️· AIF04ZPFC-02L: 1600W Low Profile PC Module (requires external rail rectifiers)
️· AIF04ZPFC-01NL/AIF04ZPFC-01NL: Negative Enable
## Safety Certifications
️· UL 60950 Recognized
️· cUL 60950 Recognized
️· TUV EN60950 Licensed
# AIF - PFC Series Power Module
## General Specifications
️· Total Power: 1600 Watts
️· Input Voltage: 85 - 370 VDC (configurable), 85-264 VAC
️· # of Outputs: Single
️· Warranty: 2 years
## Features
️· Unity power factor
️· High efficiency (up to 95%)
️· Universal input voltage and frequency range
️· Positive and negative enable functions
️· Parallelable with accurate current sharing
️· Harmonic distortion <10% (IEC1000-3-2 compliant)
️· 100°C baseplate operating temperature
️· DC input option
️· Power fail warning signal
️· Enable output to control DC-DC converters
️· EEPROM data storage via I2C interface
️· External inrush current limited protection
️· Power density up to 290 W/in³
## Electrical Specifications
️· Input Range: 85 - 264 VAC / 120 - 370 VDC (configurable)
️· Input Surge: 290 VAC / 1 second
️· Efficiency: 95% @ 230 VAC, 1600 W (typical)
️· Power Factor: 0.99 typical (Po ± 500 W), 0.97 typical (Po ± 1000 W)
️· Output Voltage: 380V typical (Io = 4.2A), 393V typical (Io = 0A)
️· Current Share Accuracy: 10% max
️· Overvoltage Protection: 430 V max
️· Power Limit (AC Input): Vin = 85 VAC, Pmax = 1000W; Vin = 230 VAC, Pmax = 1600W; Vin = 370 Vdc, Pmax = 1600W
## Control Features
️· Power Fail Warning: Direct drive output to opto-isolator (adjustable 195-355 Vdc)
️· LD Enable: Direct drive output to opto-isolator
️· PFC Enable: TTL compatible
️· Voltage Adjust: 76% to 100% of output voltage
️· Clock Input: 6 Vp-p @ 1 MHz ± 5%
️· Clock Output: 6 Vp-p @ 1 MHz ± 5%
️· Temperature Monitor Output: 10 mV/°C
️· Current Monitor Output: 0 to 1 mA (1 mA = 4.2 A)
## Environmental Specifications
️· Operating Temperature: -20°C to +100°C (baseplate)
️· Startup Temperature: -40°C to +100°C (baseplate)
️· Storage Temperature: -40°C to +120°C
️· Overtemperature Protection: 120°C max
️· MTBF: 1 million hours
## Ordering Information
️· AIF04ZPFC-01L: 1600W Low Profile PC Module (total input current < 16 Arms)
️· AIF04ZPFC-02L: 1600W Low Profile PC Module (requires external rail rectifiers)
️· AIF04ZPFC-01NL/AIF04ZPFC-01NL: Negative Enable
## Safety Certifications
️· UL 60950 Recognized
️· cUL 60950 Recognized
️· TUV EN60950 Licensed
| Part No. | AIF |
| Manufacturer | ARTESYN |
| Size | 549 Kbytes |
| Pages | 3 pages |
| Description | Up to 1600 W output power |