Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6150XX149521 Datasheet with Chat AI
Part No.6150XX149521
ManufacturerWURTH
Size711 Kbytes
Pages3 pages
DescriptionHORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP
Datasheet Summary with AI

# Modular Jack Datasheet Summary

## Product Overview
️· Horizontal plastic 8P8C & 6P6C modular jack assembly.
️· Designed for use in general electronic equipment.
️· WERI Part No: 615 0xx 149 521

## Technical Specifications
️· Material:
- Insulator: PBT, UL94-V0 Flammability Rating, Black Color
- Contact Material: Copper Alloy, Stamped
- Contact Plating: Gold
- Metal Pin: Brass, NI Plated
️· Electrical:
- Current Rating: 1.5A
- Working Voltage: 120 VAC
- Insulation Resistance: >500 MΩ
- Withstanding Voltage: 1000 VAC/min
- Contact Resistance: 20 mΩ max
️· Environmental:

- Operating Temperature: -40°C to +85°C
- Compliance: Lead Free & RoHS
️· Quality Class: 500 Mating Cycles
️· Standard: Certified E324776

## Dimensions & Packaging
️· Dimensions (A4 size): Refer to drawing for precise measurements (A, B values with tolerances).
️· Available Ports: 2, 3, & 4
️· Tray Packaging:
- Trays: 11 trays per pile, 2 extra trays on upper layer.
- Tray Size: 275x140x20 mm
- Carton Size: 460x310x310 mm
- Waterproof Bag Size: 450x350x570 mm
️· Pcs/Tray: 40 (2 port), 20 (3 & 4 port)
️· Pcs/Carton: 1400 (2 port), 700 (3 & 4 port)

## Manufacturing & Safety
️· Soldering: JEDEC Lead Free Wave Soldering Process.
️· Caution: Not for use in high-safety/reliability applications (aerospace, aviation, medical, etc.) without prior written approval. Requires thorough safety evaluation for high-reliability electrical circuits.

# Modular Jack Datasheet Summary

## Product Overview
️· Horizontal plastic 8P8C & 6P6C modular jack assembly.
️· Designed for use in general electronic equipment.
️· WERI Part No: 615 0xx 149 521

## Technical Specifications
️· Material:
- Insulator: PBT, UL94-V0 Flammability Rating, Black Color
- Contact Material: Copper Alloy, Stamped
- Contact Plating: Gold
- Metal Pin: Brass, NI Plated
️· Electrical:
- Current Rating: 1.5A
- Working Voltage: 120 VAC
- Insulation Resistance: >500 MΩ
- Withstanding Voltage: 1000 VAC/min
- Contact Resistance: 20 mΩ max
️· Environmental:
- Operating Temperature: -40°C to +85°C
- Compliance: Lead Free & RoHS
️· Quality Class: 500 Mating Cycles
️· Standard: Certified E324776

## Dimensions & Packaging
️· Dimensions (A4 size): Refer to drawing for precise measurements (A, B values with tolerances).
️· Available Ports: 2, 3, & 4
️· Tray Packaging:
- Trays: 11 trays per pile, 2 extra trays on upper layer.
- Tray Size: 275x140x20 mm
- Carton Size: 460x310x310 mm
- Waterproof Bag Size: 450x350x570 mm
️· Pcs/Tray: 40 (2 port), 20 (3 & 4 port)
️· Pcs/Carton: 1400 (2 port), 700 (3 & 4 port)

## Manufacturing & Safety
️· Soldering: JEDEC Lead Free Wave Soldering Process.
️· Caution: Not for use in high-safety/reliability applications (aerospace, aviation, medical, etc.) without prior written approval. Requires thorough safety evaluation for high-reliability electrical circuits.

Part No.6150XX149521
ManufacturerWURTH
Size711 Kbytes
Pages3 pages
DescriptionHORIZONTAL PLASTIC 8P8C ASSEMBLY MODULAR JACK TAB UP