| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MBR545 Datasheet
# Example questions:
➢ What is the maximum average rectified output current this diode can handle?
➢ Which package types are available for the mbr545, and what do the pin assignments ‘a’ and ‘k’ represent?
➢ What are the operating and storage temperature ranges for this mbr545 diode?
# MBR545 Schottky Barrier Rectifier
## Description
· Schottky barrier rectifier using advanced UTC technology.
· Suitable for free wheeling, high frequency inverters, low voltage, and polarity protection applications.
## Features
· Low forward voltage drop
· High efficiency
· Low power loss
· High surge capability
· High current capability
## Ordering Information
· MBR545L-SMA-R: SMA package, Tape Reel
· MBR545G-SMA-R: SMA package, Tape Reel
· MBR545L-SMB-R: SMB package, Tape Reel
· MBR545G-SMB-R: SMB package, Tape Reel
· Pin Assignment: A = Anode, K = Cathode
## Absolute Maximum Ratings (at 25°C)
· DC Blocking Voltage (VDC): 45 V
· RMS Voltage (VRMS): 31.5 V
· Recurrent Peak Reverse Voltage (VRRM): 45 V
· Average Rectified Output Current (IO): 5.0 A
· Non-Repetitive Peak Forward Surge Current (IFSM): 150 A
· Operating Junction Temperature (TJ): -65 ~ +150 °C
· Storage Temperature (TSTG): -65 ~ +150 °C
## Thermal Resistances
· Junction to Ambient (θJA): 50 °C/W
## Electrical Characteristics (at 25°C)
· Forward Voltage Drop (VF) @ IF = 5.0A: 0.70 V
· Peak Reverse Current (IR) @ TJ = 25°C: 0.05 mA
· Peak Reverse Current (IR) @ TJ = 100°C: 10 mA
# MBR545 Schottky Barrier Rectifier
## Description
· Schottky barrier rectifier using advanced UTC technology.
· Suitable for free wheeling, high frequency inverters, low voltage, and polarity protection applications.
## Features
· Low forward voltage drop
· High efficiency
· Low power loss
· High surge capability
· High current capability
## Ordering Information
· MBR545L-SMA-R: SMA package, Tape Reel
· MBR545G-SMA-R: SMA package, Tape Reel
· MBR545L-SMB-R: SMB package, Tape Reel
· MBR545G-SMB-R: SMB package, Tape Reel
· Pin Assignment: A = Anode, K = Cathode
## Absolute Maximum Ratings (at 25°C)
· DC Blocking Voltage (VDC): 45 V
· RMS Voltage (VRMS): 31.5 V
· Recurrent Peak Reverse Voltage (VRRM): 45 V
· Average Rectified Output Current (IO): 5.0 A
· Non-Repetitive Peak Forward Surge Current (IFSM): 150 A
· Operating Junction Temperature (TJ): -65 ~ +150 °C
· Storage Temperature (TSTG): -65 ~ +150 °C
## Thermal Resistances
· Junction to Ambient (θJA): 50 °C/W
## Electrical Characteristics (at 25°C)
· Forward Voltage Drop (VF) @ IF = 5.0A: 0.70 V
· Peak Reverse Current (IR) @ TJ = 25°C: 0.05 mA
· Peak Reverse Current (IR) @ TJ = 100°C: 10 mA
| Part No. | MBR545 |
| Manufacturer | UTC |
| Size | 140 Kbytes |
| Pages | 3 pages |
| Description | SCHOTTKY BARRIER RECTIFIER |