Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MA4SW110 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MA4SW110 Datasheet

  • # Example questions: ➢ What are the two primary methods suggested for die attachment of these chips, and briefly describe the temperature considerations for the eutectic method?
    ➢ What is the recommended bonding ribbon size for the ma4sw110, ma4sw210, and ma4sw310 chips?
    ➢ What esd class sensitivity do these chips possess, and what does this imply regarding handling procedures?

  • Part No.MA4SW110
    ManufacturerMACOM
    Size208 Kbytes
    Pages8 pages
    DescriptionMonolithic PIN Diode Switches
    Datasheet Summary with AI

    1. General Description and Function:

    ️· Type: Monolithic PIN diode switches. These are integrated circuits that use PIN diodes to switch radio frequency (RF) signals.
    ️· Application: Suitable for applications requiring switching of RF signals, likely in things like RF front ends, test equipment, or switching matrices.
    ️· Number of Diodes: The key difference between the models is the number of diodes they contain:
    - MA4SW110: Contains diodes (likely a single or few)
    - MA4SW210: Contains diodes (likely a few)
    - MA4SW310: Contains diodes (likely a few)

    2. Electrical Characteristics (Detailed in the full datasheet - but not present in the provided snippets):

    ️· Switching Speed: The datasheet would specify how quickly the diodes can switch on and off.
    ️· Insertion Loss: How much signal is lost when the signal passes through the switch in the "on" state.
    ️· Isolation: How much signal leakage occurs when the switch is in the "off" state.
    ️· Bias Current: The current required to operate the diodes properly.
    ️· Frequency Range: The range of frequencies over which the switches are designed to perform optimally.

    3. Mechanical Characteristics (Die Dimensions):

    ️· MA4SW110:
    - A: 0.014 - 0.018 inches (0.35 - 0.45 mm)
    - B: 0.025 - 0.029 inches (0.64 - 0.74 mm)
    ️· MA4SW210:
    - A: 0.029 - 0.033 inches (0.73 - 0.83 mm)
    - B: 0.004 - 0.006 inches (0.10 - 0.15 mm)
    ️· MA4SW310:
    - A: 0.046 - 0.050 inches (1.16 - 1.26 mm)
    - B: 0.036 - 0.040 inches (0.92 - 1.02 mm)

    4. Handling and Mounting Considerations:

    ️· Cleanliness: These components need to be handled in a clean environment to prevent contamination.
    ️· Electrostatic Sensitivity (ESD): These switches are sensitive to ESD damage and proper handling procedures are essential. Class 1 ESD sensitive.
    ️· Mounting Options:
    - Eutectic Die Attachment: Recommended using a gold-tin eutectic solder preform (specific temperatures and profiles given).
    - Epoxy Die Attachment: Using a suitable epoxy adhesive (specific recommendations and cure schedules given).

    5. Wire Bonding:

    ️· Bond Pad Thickness: 2.5 µM gold.
    ️· Wire Type: 0.003” x 0.00025” ribbon or 0.001” diameter gold wire.
    ️· Bonding Parameters: Specific temperatures and forces are recommended for optimal bonding.

    1. General Description and Function:

    ️· Type: Monolithic PIN diode switches. These are integrated circuits that use PIN diodes to switch radio frequency (RF) signals.
    ️· Application: Suitable for applications requiring switching of RF signals, likely in things like RF front ends, test equipment, or switching matrices.
    ️· Number of Diodes: The key difference between the models is the number of diodes they contain:
    - MA4SW110: Contains diodes (likely a single or few)
    - MA4SW210: Contains diodes (likely a few)
    - MA4SW310: Contains diodes (likely a few)

    2. Electrical Characteristics (Detailed in the full datasheet - but not present in the provided snippets):

    ️· Switching Speed: The datasheet would specify how quickly the diodes can switch on and off.
    ️· Insertion Loss: How much signal is lost when the signal passes through the switch in the "on" state.
    ️· Isolation: How much signal leakage occurs when the switch is in the "off" state.
    ️· Bias Current: The current required to operate the diodes properly.
    ️· Frequency Range: The range of frequencies over which the switches are designed to perform optimally.

    3. Mechanical Characteristics (Die Dimensions):

    ️· MA4SW110:
    - A: 0.014 - 0.018 inches (0.35 - 0.45 mm)
    - B: 0.025 - 0.029 inches (0.64 - 0.74 mm)
    ️· MA4SW210:
    - A: 0.029 - 0.033 inches (0.73 - 0.83 mm)
    - B: 0.004 - 0.006 inches (0.10 - 0.15 mm)
    ️· MA4SW310:
    - A: 0.046 - 0.050 inches (1.16 - 1.26 mm)
    - B: 0.036 - 0.040 inches (0.92 - 1.02 mm)

    4. Handling and Mounting Considerations:

    ️· Cleanliness: These components need to be handled in a clean environment to prevent contamination.
    ️· Electrostatic Sensitivity (ESD): These switches are sensitive to ESD damage and proper handling procedures are essential. Class 1 ESD sensitive.
    ️· Mounting Options:
    - Eutectic Die Attachment: Recommended using a gold-tin eutectic solder preform (specific temperatures and profiles given).
    - Epoxy Die Attachment: Using a suitable epoxy adhesive (specific recommendations and cure schedules given).

    5. Wire Bonding:

    ️· Bond Pad Thickness: 2.5 µM gold.
    ️· Wire Type: 0.003” x 0.00025” ribbon or 0.001” diameter gold wire.
    ️· Bonding Parameters: Specific temperatures and forces are recommended for optimal bonding.

    Part No.MA4SW110
    ManufacturerMACOM
    Size208 Kbytes
    Pages8 pages
    DescriptionMonolithic PIN Diode Switches