| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BXHF1176 Datasheet
# Example questions:
➢ What is the operating temperature range for the bxhf1176 amplifier?
➢ What is the typical output power of the bxhf1176 at the 1 db compression point?
➢ What is the minimum supply current required for the bxhf1176?
# Standard Microwave Amplifier - Model BXHF1176
## Overview
Model BXHF1176 is a high-frequency amplifier covering 100 MHz to 20 GHz, utilizing a laser-sealed housing for environmental protection. A screened MIL-STD-883 version is available (Model #SXHF1176). Specifications are based on measurements in a 50 Ω system with a +/- 2% DC supply voltage tolerance.
## Features
· Ultra Broad Bandwidth: 100 MHz to 20 GHz
· High Power: +26.5 dBm Typical
· Internal Voltage Regulator: +12 to +15 volts
· RoHS Compliant Option (Model Number BXHF1176-LF)
## Technical Specifications
| Parameter | Unit | Typical | Min/Max |
|---|---|---|---|
| Frequency Range | MHz | 100 MHz to 20<br>GHz | 100 MHz to 20<br>GHz |
| Gain | dB | 11 | 8 |
| Noise Figure | dB | 4.5 | 8 |
| Output Power @ 1 dB<br>Compression | dBm | 26.5 | 22 |
| Output 3rd Order Intercept | dBm | 36 | --- |
| Output 2nd Order Intercept | dBm | 44 | --- |
| Reverse Isolation | dB | 20 | --- |
| Input VSWR | --- | 2.0:1 | 2.2:1 |
| Output VSWR | --- | 2.0:1 | 2.2:1 |
| Supply Voltage | volts | +12 V to +15 V | +12 V to +15 V |
| Supply Current | mA | 250 | 270 |
| Maximum (No Damage) Ratings | Col2 |
|---|---|
| Storage Temperature | -62°C to<br>+125°C |
| Operating<br>Temperature | -55°C to +85°C |
| DC Voltage @ 25°C | +18 volts |
| Input Drive @ 25°C<br>(CW) | 13 dBm |
| Parameter | Specification |
|---|---|
| Specification Temperatures<br>(Min/Max) | -20°C to +70°C |
| Housing Size | 1.50” L x 1.06” W x 0.30” H |
| Housing Drawing | SMA Connectorized Housing (HF2) |
# Standard Microwave Amplifier - Model BXHF1176
## Overview
Model BXHF1176 is a high-frequency amplifier covering 100 MHz to 20 GHz, utilizing a laser-sealed housing for environmental protection. A screened MIL-STD-883 version is available (Model #SXHF1176). Specifications are based on measurements in a 50 Ω system with a +/- 2% DC supply voltage tolerance.
## Features
· Ultra Broad Bandwidth: 100 MHz to 20 GHz
· High Power: +26.5 dBm Typical
· Internal Voltage Regulator: +12 to +15 volts
· RoHS Compliant Option (Model Number BXHF1176-LF)
## Technical Specifications
| Parameter | Unit | Typical | Min/Max |
|---|---|---|---|
| Frequency Range | MHz | 100 MHz to 20<br>GHz | 100 MHz to 20<br>GHz |
| Gain | dB | 11 | 8 |
| Noise Figure | dB | 4.5 | 8 |
| Output Power @ 1 dB<br>Compression | dBm | 26.5 | 22 |
| Output 3rd Order Intercept | dBm | 36 | --- |
| Output 2nd Order Intercept | dBm | 44 | --- |
| Reverse Isolation | dB | 20 | --- |
| Input VSWR | --- | 2.0:1 | 2.2:1 |
| Output VSWR | --- | 2.0:1 | 2.2:1 |
| Supply Voltage | volts | +12 V to +15 V | +12 V to +15 V |
| Supply Current | mA | 250 | 270 |
| Maximum (No Damage) Ratings | Col2 |
|---|---|
| Storage Temperature | -62°C to<br>+125°C |
| Operating<br>Temperature | -55°C to +85°C |
| DC Voltage @ 25°C | +18 volts |
| Input Drive @ 25°C<br>(CW) | 13 dBm |
| Parameter | Specification |
|---|---|
| Specification Temperatures<br>(Min/Max) | -20°C to +70°C |
| Housing Size | 1.50” L x 1.06” W x 0.30” H |
| Housing Drawing | SMA Connectorized Housing (HF2) |
| Part No. | BXHF1176 |
| Manufacturer | API |
| Size | 742 Kbytes |
| Pages | 3 pages |
| Description | Standard Microwave Amplifier Frequency Range: 100 MHz to 20 GHz |