Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HSMBJSAC50 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HSMBJSAC50 Datasheet

  • # Example questions: ➢ What are the key differences in capacitance between the configuration shown in fig. 4 and the configurations in fig. 5 and fig. 6?
    ➢ What is the primary function of adding a low capacitance rectifier diode in parallel with the tvs device, as described in the 'schematic applications' section?
    ➢ How does ambient temperature affect the peak pulse power capability of the device?

  • Part No.HSMBJSAC50
    ManufacturerETC2
    Size287 Kbytes
    Pages3 pages
    DescriptionTransient Voltage Suppressor
    Datasheet Summary with AI

    1. General Description & Purpose:

    ️· Type: Transient Voltage Suppressors (TVS)
    ️· Function: Protects circuits from voltage surges and transients.
    ️· Application: Suitable for unidirectional applications, and can be used with rectifier diodes for reverse protection.

    2. Key Features/Specifications (from tables):

    Part Number VWM (Volts) VRRM (Volts) Ipp (Amps) tr (Rise Time – ns) td (Delay Time – ns) Capacitance (pF)
    HSMBJSAC5.0 5.0 30
    HSMBJSAC10 10 30
    HSMBJSAC18 18.0 20.0 6.8 30
    HSMBJSAC22 22.0 24.4 5.8 30
    HSMBJSAC26 26.0 28.9 4.1 30
    HSMBJSAC36 36.0 40.0 30
    HSMBJSAC45 45.0 50.0 30
    HSMBJSAC50 50.0 55.5 30
    HSMBJSAC75 75.0 83.3 30

    ️· VWM (Working Voltage): The maximum DC voltage that the TVS can safely handle. Ranges from 5.0V to 75V.
    ️· VRRM (Reverse Working Voltage): Indicates the maximum reverse voltage
    ️· Ipp (Peak Pulse Current): The maximum surge current that the TVS can withstand.
    ️· tr (Rise Time): How quickly the TVS responds to a voltage transient (lower is better for protection).
    ️· td (Delay Time): The time delay before the TVS starts clamping the voltage.
    ️· Capacitance: The capacitance of the device, typically 30 pF (picofarads).

    3. Figures and Diagrams (Key Points):

    ️· Fig. 1: Peak Pulse Power vs. Pulse Time: Shows the relationship between pulse duration and maximum power dissipation.
    ️· Fig. 3: Derating Curve: Illustrates how the maximum power dissipation decreases as the ambient temperature increases.
    ️· Fig. 4: TVS with Internal Diode: Shows a basic TVS circuit.
    ️· Fig. 5: Unidirectional Configuration: Shows how to add a rectifier diode for reverse polarity protection.
    ️· Fig. 4 : Bidirectional Configuration Shows how two TVS devices can be used for bidirectional protection.

    4. Schematic Applications Notes

    ️· Reverse Polarity Protection: A rectifier diode can be added in parallel with the TVS to protect against reverse polarity voltage surges.
    ️· Bidirectional Protection: Using two TVS devices in an anti-parallel configuration provides protection against voltage surges of either polarity.

    5. Key Terms (Explained):

    ️· Transient Voltage Suppressor (TVS): A semiconductor device designed to protect circuits from voltage spikes.
    ️· Clamping: The action of limiting voltage to a safe level.
    ️· Avalanche Breakdown: The process by which the TVS conducts current to shunt excess voltage.

    In Summary: This document provides specifications and application notes for a series of TVS diodes, useful for protecting electronic circuits from transient voltage events. The datasheet includes electrical characteristics, application circuits, and performance graphs.

    1. General Description & Purpose:

    ️· Type: Transient Voltage Suppressors (TVS)
    ️· Function: Protects circuits from voltage surges and transients.
    ️· Application: Suitable for unidirectional applications, and can be used with rectifier diodes for reverse protection.

    2. Key Features/Specifications (from tables):

    Part Number VWM (Volts) VRRM (Volts) Ipp (Amps) tr (Rise Time – ns) td (Delay Time – ns) Capacitance (pF)
    HSMBJSAC5.0 5.0 30
    HSMBJSAC10 10 30
    HSMBJSAC18 18.0 20.0 6.8 30
    HSMBJSAC22 22.0 24.4 5.8 30
    HSMBJSAC26 26.0 28.9 4.1 30
    HSMBJSAC36 36.0 40.0 30
    HSMBJSAC45 45.0 50.0 30
    HSMBJSAC50 50.0 55.5 30
    HSMBJSAC75 75.0 83.3 30

    ️· VWM (Working Voltage): The maximum DC voltage that the TVS can safely handle. Ranges from 5.0V to 75V.
    ️· VRRM (Reverse Working Voltage): Indicates the maximum reverse voltage
    ️· Ipp (Peak Pulse Current): The maximum surge current that the TVS can withstand.
    ️· tr (Rise Time): How quickly the TVS responds to a voltage transient (lower is better for protection).
    ️· td (Delay Time): The time delay before the TVS starts clamping the voltage.
    ️· Capacitance: The capacitance of the device, typically 30 pF (picofarads).

    3. Figures and Diagrams (Key Points):

    ️· Fig. 1: Peak Pulse Power vs. Pulse Time: Shows the relationship between pulse duration and maximum power dissipation.
    ️· Fig. 3: Derating Curve: Illustrates how the maximum power dissipation decreases as the ambient temperature increases.
    ️· Fig. 4: TVS with Internal Diode: Shows a basic TVS circuit.
    ️· Fig. 5: Unidirectional Configuration: Shows how to add a rectifier diode for reverse polarity protection.
    ️· Fig. 4 : Bidirectional Configuration Shows how two TVS devices can be used for bidirectional protection.

    4. Schematic Applications Notes

    ️· Reverse Polarity Protection: A rectifier diode can be added in parallel with the TVS to protect against reverse polarity voltage surges.
    ️· Bidirectional Protection: Using two TVS devices in an anti-parallel configuration provides protection against voltage surges of either polarity.

    5. Key Terms (Explained):

    ️· Transient Voltage Suppressor (TVS): A semiconductor device designed to protect circuits from voltage spikes.
    ️· Clamping: The action of limiting voltage to a safe level.
    ️· Avalanche Breakdown: The process by which the TVS conducts current to shunt excess voltage.

    In Summary: This document provides specifications and application notes for a series of TVS diodes, useful for protecting electronic circuits from transient voltage events. The datasheet includes electrical characteristics, application circuits, and performance graphs.

    Part No.HSMBJSAC50
    ManufacturerETC2
    Size287 Kbytes
    Pages3 pages
    DescriptionTransient Voltage Suppressor