Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S3JB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about S3JB Datasheet

  • # Example questions: ➢ What are the two package types this rectifier diode is available in, and what suffixes designate each?
    ➢ What is the maximum average rectified current (io) this diode can handle at a case temperature of 75°c?
    ➢ What is the typical junction to terminal thermal resistance (rθjt) and under what conditions is it measured?

  • Part No.S3JB
    ManufacturerDIODES
    Size48 Kbytes
    Pages2 pages
    Description3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
    Datasheet Summary with AI

    1. General Information

    ️· Product Series: S3 (Includes S3A/AB, S3B/BB, S3D/DB, S3G/GB, S3J/JB, S3K/KB, S3M/MB)
    ️· Type: Rectifier
    ️· Application: Suitable for single-phase, half-wave, 60Hz applications. Requires current derating by 20% for capacitive loads.

    2. Package and Suffix Information

    ️· SMB Package: Suffixes AB, DB, GB, JB, KB, MB.
    ️· SMC Package: Suffixes A, B, D, G, J, K, M.
    ️· Marking: YWW (Date Code) + XXXX (Product & Manufacturer Code)

    3. Electrical Characteristics (Typical Values - See Tables Below)

    ️· Key Parameters:
    - Peak Repetitive Reverse Voltage (VRRM)
    - Working Peak Reverse Voltage (VRWM)
    - DC Blocking Voltage (VR)
    - RMS Reverse Voltage (VR(RMS))
    - Average Rectified Current (IO)
    - Non-Repetitive Peak Forward Surge Current (IFSM)
    - Forward Voltage (VFM)
    - Peak Reverse Current (IRM)
    - Total Capacitance (CT)
    - Thermal Resistance (RθJA)
    - Operating & Storage Temperature Range (Tj, TSTG)

    4. Tables Summarizing Electrical Characteristics

    *Note: "–" indicates values are the same across all S3 variations for the respective parameter.*

    Characteristic S3A/AB S3B/BB S3D/DB S3G/GB S3J/JB S3K/KB S3M/MB Unit
    VRRM (V) 50 100 200 400 600 800 1000 V
    VRWM (V) V
    VR (V) V
    VR(RMS) (V) 30 70 140 280 420 560 700 V
    IO (A) 3.0 3.0 3.0 3.0 3.0 3.0 3.0 A
    IFSM (A) 100 100 100 100 100 100 100 A
    VFM (V) 1.15 1.15 1.15 1.15 1.15 1.15 1.15 V
    IRM (µA) 10 250 10 250 10 250 10 250 µA
    CT (pF) 40 40 40 40 40 40 40 pF
    RθJA (°C/W) 10 10 10 10 10 10 10 °C/W
    Tj, TSTG (°C) -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 °C

    5. Key Figures/Diagrams

    ️· Figure 1: Forward Current Derating Curve: Illustrates the relationship between forward current and ambient temperature.
    ️· Figure 3: Forward Surge Current Derating Curve Shows surge current limits.
    ️· Figure 4: Typical Reverse Characteristics: Illustrates the IRM vs voltage relationship
    ️· Figure 2: Typical Forward Characteristics: Shows the VF vs current relationship



    Important Considerations

    ️· Derating: The 20% current derating is crucial for capacitive loads.
    ️· Package Selection: Choose either SMB or SMC package based on application requirements.
    ️· Temperature Range: Ensure operation remains within the specified temperature range (-65°C to +150°C).

    1. General Information

    ️· Product Series: S3 (Includes S3A/AB, S3B/BB, S3D/DB, S3G/GB, S3J/JB, S3K/KB, S3M/MB)
    ️· Type: Rectifier
    ️· Application: Suitable for single-phase, half-wave, 60Hz applications. Requires current derating by 20% for capacitive loads.

    2. Package and Suffix Information

    ️· SMB Package: Suffixes AB, DB, GB, JB, KB, MB.
    ️· SMC Package: Suffixes A, B, D, G, J, K, M.
    ️· Marking: YWW (Date Code) + XXXX (Product & Manufacturer Code)

    3. Electrical Characteristics (Typical Values - See Tables Below)

    ️· Key Parameters:
    - Peak Repetitive Reverse Voltage (VRRM)
    - Working Peak Reverse Voltage (VRWM)
    - DC Blocking Voltage (VR)
    - RMS Reverse Voltage (VR(RMS))
    - Average Rectified Current (IO)
    - Non-Repetitive Peak Forward Surge Current (IFSM)
    - Forward Voltage (VFM)
    - Peak Reverse Current (IRM)
    - Total Capacitance (CT)
    - Thermal Resistance (RθJA)
    - Operating & Storage Temperature Range (Tj, TSTG)

    4. Tables Summarizing Electrical Characteristics

    *Note: "–" indicates values are the same across all S3 variations for the respective parameter.*

    Characteristic S3A/AB S3B/BB S3D/DB S3G/GB S3J/JB S3K/KB S3M/MB Unit
    VRRM (V) 50 100 200 400 600 800 1000 V
    VRWM (V) V
    VR (V) V
    VR(RMS) (V) 30 70 140 280 420 560 700 V
    IO (A) 3.0 3.0 3.0 3.0 3.0 3.0 3.0 A
    IFSM (A) 100 100 100 100 100 100 100 A
    VFM (V) 1.15 1.15 1.15 1.15 1.15 1.15 1.15 V
    IRM (µA) 10 250 10 250 10 250 10 250 µA
    CT (pF) 40 40 40 40 40 40 40 pF
    RθJA (°C/W) 10 10 10 10 10 10 10 °C/W
    Tj, TSTG (°C) -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 -65 to +150 °C

    5. Key Figures/Diagrams

    ️· Figure 1: Forward Current Derating Curve: Illustrates the relationship between forward current and ambient temperature.
    ️· Figure 3: Forward Surge Current Derating Curve Shows surge current limits.
    ️· Figure 4: Typical Reverse Characteristics: Illustrates the IRM vs voltage relationship
    ️· Figure 2: Typical Forward Characteristics: Shows the VF vs current relationship



    Important Considerations

    ️· Derating: The 20% current derating is crucial for capacitive loads.
    ️· Package Selection: Choose either SMB or SMC package based on application requirements.
    ️· Temperature Range: Ensure operation remains within the specified temperature range (-65°C to +150°C).

    Part No.S3JB
    ManufacturerDIODES
    Size48 Kbytes
    Pages2 pages
    Description3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER