| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MP2499 Datasheet
# Example questions:
➢ What is the recommended range for the inductor's dc current rating, relative to the maximum load current, and why is this important?
➢ How is the output voltage set, and what is the suggested value for resistor r1 in the feedback resistor divider?
➢ Explain how the output current is sensed and limited, detailing the two methods described and the formula used to calculate the current limit in each case.
1. General Overview
️· What it is: The MP2499 is a synchronous buck regulator with load current limiting and overvoltage protection. It's designed to regulate voltage efficiently.
️· Key Features:
- Synchronous rectification for high efficiency.
- Load current limiting (100mV threshold)
- Overvoltage protection (OVP)
- Adjustable output voltage.
- Soft start capability.
- Small package size (SOIC-16).
2. Output Voltage Setting
️· Resistor Divider: Use a resistor divider (R1 and R2) connected to the FB (feedback) pin to set the output voltage.
️· Formula: `R2 = (Vout - 1V) / 0.8V * R1`
️· Recommendation: Choose R1 around 300kΩ for optimal performance.
️· Example Values: A table is provided with recommended values for common output voltages (1.8V, 2.5V, 3.3V, 5V).
3. Inductor Selection
️· Inductance: Typically 33µH to 47µH.
️· DC Current Rating: Should be at least 25% higher than the maximum load current.
️· DCR (DC Resistance): Keep DCR below 200mΩ for best efficiency.
️· Ripple Current: Keep inductor ripple current around 30% of the maximum load current.
️· Formula to calculate inductance:
`L = (Vin - Vout) * Vout / (Vin * ΔIL * fsw)`
4. Capacitor Selection
️· Input Capacitor: Reduces surge current and switching noise. Ceramic capacitors with X5R or X7R dielectrics are preferred.
️· Output Capacitor: Maintains stable output voltage and contributes to loop stability. Also use ceramic capacitors with X5R or X7R dielectrics.
️· Soft Start Capacitor: Determines the soft-start time using a formula: T = 0.7 * Css/ (39 * 10^-6)
5. Current Limiting
️· Threshold: 100mV.
️· Methods: Two methods are shown:
- Using Inductor DCR: Output Current = (Vin - Vout)/R
- Using External Sense Resistor: Output Current = 100mV / Rsense
6. Overvoltage Protection (OVP)
️· Zener Diode: Use a Zener diode with a voltage equal to the input voltage to limit the clamp voltage during surge conditions. Refer to the graph "Clamp Voltage vs. VDD-VCTR" for guidance.
7. Soft Start
️· Function: Reduces startup current surge.
️· Control: Controlled by a soft-start capacitor.
8. Package Information
️· Package Type: SOIC-16
️· Drawing is Not To Scale: Refer to the detailed drawing in the datasheet for accurate dimensions.
Key Considerations/Notes:
️· Stability: Proper capacitor selection is crucial for loop stability.
️· Efficiency: Minimize inductor DCR and use synchronous rectification to maximize efficiency.
️· Component Selection: Always refer to the datasheet's specifications for minimum ratings.
️· Component tolerances Resistors should be selected with a 1% tolerance for proper function of the circuit.
1. General Overview
️· What it is: The MP2499 is a synchronous buck regulator with load current limiting and overvoltage protection. It's designed to regulate voltage efficiently.
️· Key Features:
- Synchronous rectification for high efficiency.
- Load current limiting (100mV threshold)
- Overvoltage protection (OVP)
- Adjustable output voltage.
- Soft start capability.
- Small package size (SOIC-16).
2. Output Voltage Setting
️· Resistor Divider: Use a resistor divider (R1 and R2) connected to the FB (feedback) pin to set the output voltage.
️· Formula: `R2 = (Vout - 1V) / 0.8V * R1`
️· Recommendation: Choose R1 around 300kΩ for optimal performance.
️· Example Values: A table is provided with recommended values for common output voltages (1.8V, 2.5V, 3.3V, 5V).
3. Inductor Selection
️· Inductance: Typically 33µH to 47µH.
️· DC Current Rating: Should be at least 25% higher than the maximum load current.
️· DCR (DC Resistance): Keep DCR below 200mΩ for best efficiency.
️· Ripple Current: Keep inductor ripple current around 30% of the maximum load current.
️· Formula to calculate inductance:
`L = (Vin - Vout) * Vout / (Vin * ΔIL * fsw)`
4. Capacitor Selection
️· Input Capacitor: Reduces surge current and switching noise. Ceramic capacitors with X5R or X7R dielectrics are preferred.
️· Output Capacitor: Maintains stable output voltage and contributes to loop stability. Also use ceramic capacitors with X5R or X7R dielectrics.
️· Soft Start Capacitor: Determines the soft-start time using a formula: T = 0.7 * Css/ (39 * 10^-6)
5. Current Limiting
️· Threshold: 100mV.
️· Methods: Two methods are shown:
- Using Inductor DCR: Output Current = (Vin - Vout)/R
- Using External Sense Resistor: Output Current = 100mV / Rsense
6. Overvoltage Protection (OVP)
️· Zener Diode: Use a Zener diode with a voltage equal to the input voltage to limit the clamp voltage during surge conditions. Refer to the graph "Clamp Voltage vs. VDD-VCTR" for guidance.
7. Soft Start
️· Function: Reduces startup current surge.
️· Control: Controlled by a soft-start capacitor.
8. Package Information
️· Package Type: SOIC-16
️· Drawing is Not To Scale: Refer to the detailed drawing in the datasheet for accurate dimensions.
Key Considerations/Notes:
️· Stability: Proper capacitor selection is crucial for loop stability.
️· Efficiency: Minimize inductor DCR and use synchronous rectification to maximize efficiency.
️· Component Selection: Always refer to the datasheet's specifications for minimum ratings.
️· Component tolerances Resistors should be selected with a 1% tolerance for proper function of the circuit.
| Part No. | MP2499 |
| Manufacturer | MPS |
| Size | 1,002 Kbytes |
| Pages | 12 pages |
| Description | Integrated 100V Load Dump Protection 2A, 100kHz Step Down Regulator with Programmable Output Current |