Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P1020NXE2DFB Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about P1020NXE2DFB Datasheet

  • # Example questions: ➢ How can the 256kb l2 cache be configured, and what are the benefits of each configuration option?
    ➢ Besides networking and telecom, what other types of applications are the p1011 and p1020 processors well-suited for, and what features make them appropriate for those applications?
    ➢ What are the key differences between the p1011 and p1020 processors in terms of core count and maximum clock frequency?

  • Part No.P1020NXE2DFB
    ManufacturerFREESCALE
    Size227 Kbytes
    Pages2 pages
    DescriptionP1011 and P1020 single- and dual-core communications processors
    Datasheet Summary with AI

    1. Overview & Positioning

    ️· Part of the QorIQ P1 Platform: The P1011 and P1020 are part of the QorIQ P1 platform series, positioned as offering a balance of integration and power efficiency.
    ️· Target Markets: Networking, telecom, defense, and industrial applications.
    ️· Pin Compatibility: The P1011 and P1020 are pin-compatible with other QorIQ P2 platform products, allowing for flexible designs.
    ️· Software Compatibility: They share the e500 Power Architecture core and peripherals, enabling code reuse across different performance points.

    2. Key Features & Technical Specs

    ️· Cores:
    - P1011: Single-core
    - P1020: Dual-core
    ️· Clock Speed: 533 MHz to 800 MHz
    ️· L2 Cache: 256 KB, configurable (partitioned between cores, SRAM, or stashing memory)
    ️· Memory: Supports both DDR2 and DDR3 SDRAM with ECC.
    ️· Interfaces:
    - Three 10/100/1000 Ethernet ports
    - Four SerDes
    - Two PCI Express controllers
    - Two SGMII
    - USB 2.0 controllers
    - SD/MMC interfaces
    - DUART
    - Enhanced Local Bus Controller (eLBC)
    ️· Security: Integrated security engine supporting cryptographic algorithms (3DES, AES, RSA/ECC, MD5/SHA, ARC4, Snow 3G) and XOR acceleration.
    ️· Other Notable Features: TDM interface for legacy phone applications, programmable interrupt controller (PIC), four-channel DMA.

    3. Advantages & Capabilities

    ️· Scalability: The pin and software compatibility across the QorIQ platform allows for easy scaling of performance within a design.
    ️· Flexibility: The dual-core P1020 supports symmetric and asymmetric processing.
    ️· Power Efficiency: Manufactured on a 45nm process.
    ️· Wide Range of Support: Provides connectivity for various standards, including Ethernet, PCI Express, USB, and SD/MMC.

    4. Target Applications (Specific Examples)

    ️· Multi-service gateways
    ️· Ethernet switch controllers
    ️· Wireless LAN access points
    ️· High-performance general-purpose control processor applications

    5. Where to Learn More:

    ️· [freescale.com/QorIQ](https://www.freescale.com/QorIQ)

    1. Overview & Positioning

    ️· Part of the QorIQ P1 Platform: The P1011 and P1020 are part of the QorIQ P1 platform series, positioned as offering a balance of integration and power efficiency.
    ️· Target Markets: Networking, telecom, defense, and industrial applications.
    ️· Pin Compatibility: The P1011 and P1020 are pin-compatible with other QorIQ P2 platform products, allowing for flexible designs.
    ️· Software Compatibility: They share the e500 Power Architecture core and peripherals, enabling code reuse across different performance points.

    2. Key Features & Technical Specs

    ️· Cores:
    - P1011: Single-core
    - P1020: Dual-core
    ️· Clock Speed: 533 MHz to 800 MHz
    ️· L2 Cache: 256 KB, configurable (partitioned between cores, SRAM, or stashing memory)
    ️· Memory: Supports both DDR2 and DDR3 SDRAM with ECC.
    ️· Interfaces:
    - Three 10/100/1000 Ethernet ports
    - Four SerDes
    - Two PCI Express controllers
    - Two SGMII
    - USB 2.0 controllers
    - SD/MMC interfaces
    - DUART
    - Enhanced Local Bus Controller (eLBC)
    ️· Security: Integrated security engine supporting cryptographic algorithms (3DES, AES, RSA/ECC, MD5/SHA, ARC4, Snow 3G) and XOR acceleration.
    ️· Other Notable Features: TDM interface for legacy phone applications, programmable interrupt controller (PIC), four-channel DMA.

    3. Advantages & Capabilities

    ️· Scalability: The pin and software compatibility across the QorIQ platform allows for easy scaling of performance within a design.
    ️· Flexibility: The dual-core P1020 supports symmetric and asymmetric processing.
    ️· Power Efficiency: Manufactured on a 45nm process.
    ️· Wide Range of Support: Provides connectivity for various standards, including Ethernet, PCI Express, USB, and SD/MMC.

    4. Target Applications (Specific Examples)

    ️· Multi-service gateways
    ️· Ethernet switch controllers
    ️· Wireless LAN access points
    ️· High-performance general-purpose control processor applications

    5. Where to Learn More:

    ️· [freescale.com/QorIQ](https://www.freescale.com/QorIQ)

    Part No.P1020NXE2DFB
    ManufacturerFREESCALE
    Size227 Kbytes
    Pages2 pages
    DescriptionP1011 and P1020 single- and dual-core communications processors