Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS11-E2GA222MYGSA Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CS11-E2GA222MYGSA Datasheet

  • # Example questions: ➢ What is the range for 'body thickness (t)' as stated in the 'dimensions (mm)' table?
    ➢ What is the maximum allowable protrusion of the lead-wire?
    ➢ What are the three different pitches (p) listed for component placement within the taping dimensions table?

  • Part No.CS11-E2GA222MYGSA
    ManufacturerTDK
    Size93 Kbytes
    Pages4 pages
    DescriptionMid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
    Datasheet Summary with AI

    # Mid-high Voltage Ceramic Capacitors

    ## CS Series - Disk Type with Lead

    Basic Information

    ️· Type: Disk ceramic capacitors with lead wires.
    ️· Operating Temperature: -25 to +105°C (UL standard: -25 to +85°C).
    ️· Dielectric: Class 2 High Dielectric.
    ️· Safety Standards: Approved to various international standards (IEC, EN, etc.) – see detailed table in datasheet.
    ️· RoHS Compliant: Conforms to EU Directive 2002/95/EC.
    ️· Halogen-Free Options: Compatible with halogen-free external resin coating.

    Features

    ️· Flame-resistant outer insulation for fire/shock protection.
    ️· Compliant with safety standards in 11 countries.
    ️· Withstand Voltage: AC 2600V.

    Capacitance & Tolerance

    ️· Temperature Characteristics: B, E, and F options available.
    ️· Capacitance Tolerance: ±10%, ±20%, +20/-55%, +30/-80%.
    ️· Capacitance Range: (Examples from datasheet) 100pF to 10,000pF (10nF to 100nF).

    Product Identification

    ️· Code includes information on: Type, Shape, Capacitance Characteristics, Rated Voltage, Nominal Capacitance, Tolerance, Class, Lead Type, Safety Standard, and Halogen-Free Compatibility.

    Dimensions & Taping

    ️· Dimensions (D, T) depend on specific product.
    ️· Detailed taping dimensions provided (pitch, width, hole position, etc.) for automatic insertion.

    Markings

    ️· Markings include: Series, Capacitance, Tolerance, Rated Voltage, Date Code, and Safety Standard compliance logos.

    Certifications

    ️· Certified to multiple international standards (IEC, EN, UL, CSA, etc.) – detailed table provided in datasheet.

    Taping Dimensions (Vertical Kink Lead Type)

    ️· Detailed measurements for automatic placement. Includes parameters like pitch, lead diameter, component alignment, and tape width.

    # Mid-high Voltage Ceramic Capacitors

    ## CS Series - Disk Type with Lead

    Basic Information

    ️· Type: Disk ceramic capacitors with lead wires.
    ️· Operating Temperature: -25 to +105°C (UL standard: -25 to +85°C).
    ️· Dielectric: Class 2 High Dielectric.
    ️· Safety Standards: Approved to various international standards (IEC, EN, etc.) – see detailed table in datasheet.
    ️· RoHS Compliant: Conforms to EU Directive 2002/95/EC.
    ️· Halogen-Free Options: Compatible with halogen-free external resin coating.

    Features

    ️· Flame-resistant outer insulation for fire/shock protection.
    ️· Compliant with safety standards in 11 countries.
    ️· Withstand Voltage: AC 2600V.

    Capacitance & Tolerance

    ️· Temperature Characteristics: B, E, and F options available.
    ️· Capacitance Tolerance: ±10%, ±20%, +20/-55%, +30/-80%.
    ️· Capacitance Range: (Examples from datasheet) 100pF to 10,000pF (10nF to 100nF).

    Product Identification

    ️· Code includes information on: Type, Shape, Capacitance Characteristics, Rated Voltage, Nominal Capacitance, Tolerance, Class, Lead Type, Safety Standard, and Halogen-Free Compatibility.

    Dimensions & Taping

    ️· Dimensions (D, T) depend on specific product.
    ️· Detailed taping dimensions provided (pitch, width, hole position, etc.) for automatic insertion.

    Markings

    ️· Markings include: Series, Capacitance, Tolerance, Rated Voltage, Date Code, and Safety Standard compliance logos.

    Certifications

    ️· Certified to multiple international standards (IEC, EN, UL, CSA, etc.) – detailed table provided in datasheet.

    Taping Dimensions (Vertical Kink Lead Type)

    ️· Detailed measurements for automatic placement. Includes parameters like pitch, lead diameter, component alignment, and tape width.

    Part No.CS11-E2GA222MYGSA
    ManufacturerTDK
    Size93 Kbytes
    Pages4 pages
    DescriptionMid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved