![]() |
Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD7730_12 Datasheet
Example questions:
1. What is the resolution of the AD7730 analog front end in terms of counts (Peak-to-Peak)?
2. What are the two additional features of the AD7730 analog front end mentioned in the document?
3. In what type of applications can the AD7730 analog front end be used according to the document?
The document provides information about the AD7730/AD7730L, a bridge transducer ADC manufactured by Analog Devices.
It includes a functional block diagram, key features, additional features, applications, and general description of the device.
The document also outlines the specifications and performance parameters of the AD7730/AD7730L, including static performance, logic inputs and outputs, transducer burnout, offset (TARE) DAC, system calibration, and power requirements.
It also includes a note that the description of the functions and operation applies to both the AD7730 and AD7730L, but specifications and performance parameters differ for the parts.
Part No. | AD7730_12 |
Manufacturer | AD |
Size | 321 Kbytes |
Pages | 53 pages |
Description | Bridge Transducer ADC |