| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE7074 Datasheet
# Example questions:
➢ How does the maximum vswr of 25:1 impact signal reflection and transmission efficiency?
➢ What is the maximum input power, in watts, that this matching pad can handle?
➢ What are the dimensions of this matching pad, specifically the length and width, in both inches and millimeters?
# 50 Ohm N Female To 75 Ohm F Female Matching Pad - PE7074
## Overview
️· Matching pad operating from DC to 3 GHz
️· RoHS Compliant
️· Part Number: PE7074
## Electrical Specifications
️· Frequency Range: DC to 3 GHz
️· Maximum VSWR: 1.25:1
️· Maximum Attenuation: 5.7 dB
️· Attenuation Accuracy: ± 0.5 dB
️· Maximum Input Power: 2 Watts
️· Peak Power: 250 Watts
️· Peak Power Duty Cycle: 5 µs
️· Directionality: Bidirectional
## Mechanical Specifications
️· Length: 1.88 in [47.75 mm]
️· Width/Diameter: 0.63 in [16 mm]
️· Body Material: Passivated Stainless Steel
## Connector Details
️· Connector 1: N Female
- Inner Conductor Material: Beryllium Copper, Gold Plating
- Body Material: Passivated Stainless Steel
️· Connector 2: F Female
- Inner Conductor Material: Brass, Nickel Plating
- Body Material: Brass, Nickel Plating
## Compliance
️· RoHS Compliant
## Notes
️· Values specified are at 25°C, sea level.
️· 75 Ohm type N connectors should only be mated with other 75 Ohm connectors to avoid damage.
️· All dimensions are nominal.
️· Specifications subject to change without notice.
️· Dimensions are in inches [mm].
# 50 Ohm N Female To 75 Ohm F Female Matching Pad - PE7074
## Overview
️· Matching pad operating from DC to 3 GHz
️· RoHS Compliant
️· Part Number: PE7074
## Electrical Specifications
️· Frequency Range: DC to 3 GHz
️· Maximum VSWR: 1.25:1
️· Maximum Attenuation: 5.7 dB
️· Attenuation Accuracy: ± 0.5 dB
️· Maximum Input Power: 2 Watts
️· Peak Power: 250 Watts
️· Peak Power Duty Cycle: 5 µs
️· Directionality: Bidirectional
## Mechanical Specifications
️· Length: 1.88 in [47.75 mm]
️· Width/Diameter: 0.63 in [16 mm]
️· Body Material: Passivated Stainless Steel
## Connector Details
️· Connector 1: N Female
- Inner Conductor Material: Beryllium Copper, Gold Plating
- Body Material: Passivated Stainless Steel
️· Connector 2: F Female
- Inner Conductor Material: Brass, Nickel Plating
- Body Material: Brass, Nickel Plating
## Compliance
️· RoHS Compliant
## Notes
️· Values specified are at 25°C, sea level.
️· 75 Ohm type N connectors should only be mated with other 75 Ohm connectors to avoid damage.
️· All dimensions are nominal.
️· Specifications subject to change without notice.
️· Dimensions are in inches [mm].
| Part No. | PE7074 |
| Manufacturer | PASTERNACK |
| Size | 215 Kbytes |
| Pages | 3 pages |
| Description | 50 Ohm N Female To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant |