Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DS8024-RJX/V+ Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DS8024-RJX/V+ Datasheet

  • # Example questions: ➢ What is the range of the integrated pull-up resistor (rpu) value for the i/o, aux1, and aux2 pins?
    ➢ What is the typical shutdown current threshold (icc(sd)) for the vcc pin during smart card operation?
    ➢ What is the maximum frequency (fiomax) for the data lines (i/o and i/oin)?

  • Part No.DS8024-RJX/V+
    ManufacturerMAXIM
    Size308 Kbytes
    Pages15 pages
    DescriptionSmart Card Interface
    Datasheet Summary with AI

    1. Overall Context:

    ️· Document Type: This is a section outlining the *Recommended DC Operating Conditions* for a component. It's part of a larger document likely detailing the device's specifications.
    ️· Target Audience: Engineers, technicians, and other individuals involved in the design and implementation of systems using this component.
    ️· Operating Conditions: The conditions relate to voltage levels, current flows, timings, and electrical characteristics of various pins and interfaces.
    ️· VDD & VDDA: These likely represent different voltage supplies for the chip (VDD - main supply, VDDA - perhaps a separate analog supply).
    ️· TA: Ambient Temperature

    2. Key Sections and Parameters (Summarized):

    The document describes operating conditions for various pins, categorized as follows:

    ️· Data Lines (I/O and I/OIN):
    - Falling Edge Delay (tD(IO-IOIN))
    - Pullup Pulse Active Time (tPU)
    - Maximum Frequency (fIOMAX)
    - Input Capacitance (CI)
    ️· I/O, AUX1, AUX2 Pins:
    - Output Low Voltage (VOL)
    - Output High Voltage (VOH)
    - Internal Pullup Resistor (RPU_IO)
    - Output Rise/Fall Time (tOT)
    - Input Voltage Levels (VIL, VIH)
    - Input Currents (IIL_IO, IIH_IO)
    - Input Rise/Fall Time (tIT)
    - Current Limitation (IIO(LIMIT))
    - Current When Pullup Active (IPU)
    ️· I/OIN, AUX1IN, AUX2IN Pins:
    - Output Voltage Levels (VOL, VOH)
    - Rise/Fall Time (tOT)
    - Input Voltage Levels (VIL, VIH)
    - Input Currents (IIL_IO, IIH_IO)
    - Input Rise/Fall Time (tIT)
    - Integrated Pullup Resistor (RPU)
    - Current When Pullup Active (IPU)

    3. Common Parameter Units:

    ️· V: Volts
    ️· mA: Milliamps
    ️· µA: Microamps
    ️· ns: Nanoseconds
    ️· µs: Microseconds
    ️· pF: Picofarads
    ️· kΩ: Kilohms

    4. Important Notes/Caveats:

    ️· "Note 3": This notation appears frequently and indicates that specific conditions or limitations are described elsewhere in the full documentation. It's crucial to refer to the entire datasheet for details on "Note 3".
    ️· Pulled-Up Outputs: Several pins (I/O, AUX1, AUX2, I/OIN, AUX1IN, AUX2IN) have internal pull-up resistors. This means that when the pin isn't actively driven low, it's pulled up to the supply voltage (VDD).
    ️· Current Limits: There are limits on the current that can flow into or out of various pins.
    ️· Timings: The document specifies timings like rise/fall times, input/output delays and pulse active times.

    1. Overall Context:

    ️· Document Type: This is a section outlining the *Recommended DC Operating Conditions* for a component. It's part of a larger document likely detailing the device's specifications.
    ️· Target Audience: Engineers, technicians, and other individuals involved in the design and implementation of systems using this component.
    ️· Operating Conditions: The conditions relate to voltage levels, current flows, timings, and electrical characteristics of various pins and interfaces.
    ️· VDD & VDDA: These likely represent different voltage supplies for the chip (VDD - main supply, VDDA - perhaps a separate analog supply).
    ️· TA: Ambient Temperature

    2. Key Sections and Parameters (Summarized):

    The document describes operating conditions for various pins, categorized as follows:

    ️· Data Lines (I/O and I/OIN):
    - Falling Edge Delay (tD(IO-IOIN))
    - Pullup Pulse Active Time (tPU)
    - Maximum Frequency (fIOMAX)
    - Input Capacitance (CI)
    ️· I/O, AUX1, AUX2 Pins:
    - Output Low Voltage (VOL)
    - Output High Voltage (VOH)
    - Internal Pullup Resistor (RPU_IO)
    - Output Rise/Fall Time (tOT)
    - Input Voltage Levels (VIL, VIH)
    - Input Currents (IIL_IO, IIH_IO)
    - Input Rise/Fall Time (tIT)
    - Current Limitation (IIO(LIMIT))
    - Current When Pullup Active (IPU)
    ️· I/OIN, AUX1IN, AUX2IN Pins:
    - Output Voltage Levels (VOL, VOH)
    - Rise/Fall Time (tOT)
    - Input Voltage Levels (VIL, VIH)
    - Input Currents (IIL_IO, IIH_IO)
    - Input Rise/Fall Time (tIT)
    - Integrated Pullup Resistor (RPU)
    - Current When Pullup Active (IPU)

    3. Common Parameter Units:

    ️· V: Volts
    ️· mA: Milliamps
    ️· µA: Microamps
    ️· ns: Nanoseconds
    ️· µs: Microseconds
    ️· pF: Picofarads
    ️· kΩ: Kilohms

    4. Important Notes/Caveats:

    ️· "Note 3": This notation appears frequently and indicates that specific conditions or limitations are described elsewhere in the full documentation. It's crucial to refer to the entire datasheet for details on "Note 3".
    ️· Pulled-Up Outputs: Several pins (I/O, AUX1, AUX2, I/OIN, AUX1IN, AUX2IN) have internal pull-up resistors. This means that when the pin isn't actively driven low, it's pulled up to the supply voltage (VDD).
    ️· Current Limits: There are limits on the current that can flow into or out of various pins.
    ️· Timings: The document specifies timings like rise/fall times, input/output delays and pulse active times.

    Part No.DS8024-RJX/V+
    ManufacturerMAXIM
    Size308 Kbytes
    Pages15 pages
    DescriptionSmart Card Interface