Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD864 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SD864 Datasheet

  • # Example questions: ➢ How does the collector-emitter saturation voltage change when the collector current increases from 5a to 3a?
    ➢ What is the typical dc current gain when the collector current is 5a and the collector-emitter voltage is 3v?
    ➢ What is the maximum continuous collector current this transistor can handle?

  • Part No.2SD864
    ManufacturerISC
    Size250 Kbytes
    Pages2 pages
    Descriptionisc Silicon NPN Darlington Power Transistor
    Datasheet Summary with AI

    # isc Silicon NPN Darlington Power Transistor 2SD864

    ## Description

    · High DC Current Gain: hFE = 1000 (Min) @ IC = 1.5A
    · Collector-Emitter Breakdown Voltage: V(BR)CEO = 120V (Min)
    · Low Collector-Emitter Saturation Voltage: VCE(sat) = 1.5V (Max) @ IC = 1.5A
    · Complement to Type 2SB765

    ## Applications

    · Medium speed and power switching applications

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VCBO Collector-Base Voltage 120 V
    VCEO Collector-Emitter Voltage 120 V
    VEBO Emitter-Base Voltage 7 V
    IC Collector Current-Continuous 3 A
    ICM Collector Current-Peak 6 A
    PC Collector Power Dissipation (TC=25℃) 30 W
    Tj Junction Temperature 150
    Tstg Storage Temperature Range -55~150

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    V(BR)CEO Collector-Emitter Breakdown Voltage IC= 25mA, RBE= ∞ 120 V
    V(BR)EBO Emitter-Base Breakdown Voltage IE= 50mA, IC= 0 7 V
    VCE(sat)-1 Collector-Emitter Saturation Voltage IC= 1.5A, IB= -3mA 1.5 V
    VCE(sat)-2 Collector-Emitter Saturation Voltage IC= 3A, IB= -30mA 3.0 V
    VBE(sat)-1 Base-Emitter Saturation Voltage IC= 1.5A, IB= -3mA 2.0 V
    VBE(sat)-2 Base-Emitter Saturation Voltage IC= 3A, IB= -30mA 3.5 V
    ICBO Collector Cutoff Current VCB= 120V, IE= 0 100 μA
    ICEO Collector Cutoff Current VCE= 100V, RBE= ∞ 10 μA
    hFE DC Current Gain IC= 1.5A; VCE= 3V 1000 20000

    ## Switching Times

    SYMBOL PARAMETER CONDITIONS VALUE UNIT
    ton Turn-on Time IC= 1.5A; IB1= -IB2= 3mA 0.5 μs
    tstg Storage Time Storage Time 4.5 μs
    tf Fall Time Fall Time 1.1 μs

    ## Website

    · www.iscsemi.cn

    # isc Silicon NPN Darlington Power Transistor 2SD864

    ## Description

    · High DC Current Gain: hFE = 1000 (Min) @ IC = 1.5A
    · Collector-Emitter Breakdown Voltage: V(BR)CEO = 120V (Min)
    · Low Collector-Emitter Saturation Voltage: VCE(sat) = 1.5V (Max) @ IC = 1.5A
    · Complement to Type 2SB765

    ## Applications

    · Medium speed and power switching applications

    ## Absolute Maximum Ratings (Ta=25℃)

    SYMBOL PARAMETER VALUE UNIT
    VCBO Collector-Base Voltage 120 V
    VCEO Collector-Emitter Voltage 120 V
    VEBO Emitter-Base Voltage 7 V
    IC Collector Current-Continuous 3 A
    ICM Collector Current-Peak 6 A
    PC Collector Power Dissipation (TC=25℃) 30 W
    Tj Junction Temperature 150
    Tstg Storage Temperature Range -55~150

    ## Electrical Characteristics (TC=25℃ unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT
    V(BR)CEO Collector-Emitter Breakdown Voltage IC= 25mA, RBE= ∞ 120 V
    V(BR)EBO Emitter-Base Breakdown Voltage IE= 50mA, IC= 0 7 V
    VCE(sat)-1 Collector-Emitter Saturation Voltage IC= 1.5A, IB= -3mA 1.5 V
    VCE(sat)-2 Collector-Emitter Saturation Voltage IC= 3A, IB= -30mA 3.0 V
    VBE(sat)-1 Base-Emitter Saturation Voltage IC= 1.5A, IB= -3mA 2.0 V
    VBE(sat)-2 Base-Emitter Saturation Voltage IC= 3A, IB= -30mA 3.5 V
    ICBO Collector Cutoff Current VCB= 120V, IE= 0 100 μA
    ICEO Collector Cutoff Current VCE= 100V, RBE= ∞ 10 μA
    hFE DC Current Gain IC= 1.5A; VCE= 3V 1000 20000

    ## Switching Times

    SYMBOL PARAMETER CONDITIONS VALUE UNIT
    ton Turn-on Time IC= 1.5A; IB1= -IB2= 3mA 0.5 μs
    tstg Storage Time Storage Time 4.5 μs
    tf Fall Time Fall Time 1.1 μs

    ## Website

    · www.iscsemi.cn

    Part No.2SD864
    ManufacturerISC
    Size250 Kbytes
    Pages2 pages
    Descriptionisc Silicon NPN Darlington Power Transistor