Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

301 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 301 Datasheet

  • # Example questions: ➢ How does the automatic temperature compensation feature benefit the performance of the echotel transducers described in the document?
    ➢ What are the primary application focuses or benefits highlighted for each model?
    ➢ What are some of the key features that the model 355 transmitter utilizes to improve accuracy and reliability in level measurement?

  • Part No.301
    ManufacturerMAGNETROL
    Size768 Kbytes
    Pages8 pages
    DescriptionECHOTEL짰NON-CONTACTULTRASOUND
    Datasheet Summary with AI

    1. Overview - What These Devices Are:

    ️· Type: Ultrasonic Level/Interface Transmitters (specifically, models 335, 344/345, and 355). These devices use ultrasonic waves to measure the level of liquids or interfaces (boundaries between liquids) in tanks and vessels.
    ️· Application: Primarily designed for industrial applications, including chemical processing, water/wastewater, food & beverage, and power generation.
    ️· Key Benefit: Non-contact measurement - no need to submerge a sensor in the process liquid, reducing maintenance and eliminating potential contamination.

    2. Model-Specific Features and Specifications (See below for a table summarizing this)

    3. General Features Across Models:

    ️· Temperature Compensation: Automatic temperature compensation to ensure accurate measurements despite temperature fluctuations.
    ️· Multiple Output Options: Options include 4-20mA isolated output and HART communication (model 355).
    ️· Fail-Safe Options: Programmable fail-safe features (holding last known value or going to a defined output) in case of sensor failure.
    ️· Easy Configuration: Many models offer front-panel keypads and alphanumeric displays for easy setup and parameter adjustment.
    ️· Echo Rejection: Techniques to filter out unwanted echoes (like from tank obstructions).
    - Model 355 has a patent-pending "Temperature Compensated Echo Rejection" which constantly adjusts based on temperature.
    ️· Enclosure Options: Available in various materials like cast aluminum and Lexan for different environmental conditions.

    4. Table of Model-Specific Information:

    Feature Model 335 Model 344/345 Model 355
    Frequency 60 kHz 38 kHz (344) / 50 kHz (345) 60 kHz
    Output 4-20mA 4-20mA, RS-232 4-20mA (HART)
    Power Supply 16-36 VDC 120/240 VAC, 24 VDC 16-36 VDC
    Echo Rejection Standard Standard Temperature Compensated
    Display LCD Alphanumeric LCD 2-line x 16 character LCD
    Max. Range 20 feet (6 meters) N/A Not specified in document
    Key Features Automatic self-test, selectable damping Dual flow totalizers, stored tank shapes HART communication, temperature compensation

    5. Contact Information:

    ️· Corporate Headquarters: 5300 Belmont Road, Downers Grove, IL 06515, USA. Phone: 630-969-4000.
    ️· European Headquarters: Heikensstraat 6, 9240 Zele, Belgium.
    ️· Other Locations: Listings for Brazil, Canada, China, Germany, Dubai, India, Italy, Singapore, and the United Kingdom.
    ️· Website: www.magnetrol.com
    ️· Email: info@magnetrol.com

    6. Trademarks:

    ️· Echotel [®] Magnetrol [®] (logo)
    ️· Kynar [®] (a trademark of The Pennwalt Corporation)

    1. Overview - What These Devices Are:

    ️· Type: Ultrasonic Level/Interface Transmitters (specifically, models 335, 344/345, and 355). These devices use ultrasonic waves to measure the level of liquids or interfaces (boundaries between liquids) in tanks and vessels.
    ️· Application: Primarily designed for industrial applications, including chemical processing, water/wastewater, food & beverage, and power generation.
    ️· Key Benefit: Non-contact measurement - no need to submerge a sensor in the process liquid, reducing maintenance and eliminating potential contamination.

    2. Model-Specific Features and Specifications (See below for a table summarizing this)

    3. General Features Across Models:

    ️· Temperature Compensation: Automatic temperature compensation to ensure accurate measurements despite temperature fluctuations.
    ️· Multiple Output Options: Options include 4-20mA isolated output and HART communication (model 355).
    ️· Fail-Safe Options: Programmable fail-safe features (holding last known value or going to a defined output) in case of sensor failure.
    ️· Easy Configuration: Many models offer front-panel keypads and alphanumeric displays for easy setup and parameter adjustment.
    ️· Echo Rejection: Techniques to filter out unwanted echoes (like from tank obstructions).
    - Model 355 has a patent-pending "Temperature Compensated Echo Rejection" which constantly adjusts based on temperature.
    ️· Enclosure Options: Available in various materials like cast aluminum and Lexan for different environmental conditions.

    4. Table of Model-Specific Information:

    Feature Model 335 Model 344/345 Model 355
    Frequency 60 kHz 38 kHz (344) / 50 kHz (345) 60 kHz
    Output 4-20mA 4-20mA, RS-232 4-20mA (HART)
    Power Supply 16-36 VDC 120/240 VAC, 24 VDC 16-36 VDC
    Echo Rejection Standard Standard Temperature Compensated
    Display LCD Alphanumeric LCD 2-line x 16 character LCD
    Max. Range 20 feet (6 meters) N/A Not specified in document
    Key Features Automatic self-test, selectable damping Dual flow totalizers, stored tank shapes HART communication, temperature compensation

    5. Contact Information:

    ️· Corporate Headquarters: 5300 Belmont Road, Downers Grove, IL 06515, USA. Phone: 630-969-4000.
    ️· European Headquarters: Heikensstraat 6, 9240 Zele, Belgium.
    ️· Other Locations: Listings for Brazil, Canada, China, Germany, Dubai, India, Italy, Singapore, and the United Kingdom.
    ️· Website: www.magnetrol.com
    ️· Email: info@magnetrol.com

    6. Trademarks:

    ️· Echotel [®] Magnetrol [®] (logo)
    ️· Kynar [®] (a trademark of The Pennwalt Corporation)

    Part No.301
    ManufacturerMAGNETROL
    Size768 Kbytes
    Pages8 pages
    DescriptionECHOTEL짰NON-CONTACTULTRASOUND