Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MD-996-0001 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MD-996-0001 Datasheet

  • # Example questions: ➢ How much current does the module consume when operating, distinguishing between 'cold' and 'warm' states?
    ➢ What type of antenna connector is used for the gps signal, and what impedance is expected?
    ➢ What is the accuracy of the 1 pps signal, and how is it specified?

  • Part No.MD-996-0001
    ManufacturerVECTRON
    Size215 Kbytes
    Pages3 pages
    DescriptionDisciplined Oscillator Module
    Datasheet Summary with AI

    # MD-996 Disciplined Oscillator Module

    ## Features
    · 1PPS and 10 MHz output signals
    · 15nSec accuracy (one sigma)
    · Automatic self-survey for improved timing accuracy
    · TRAIM (Timing Receiver Autonomous Integrity Monitoring) for high PPS integrity

    ## Description
    · Uses Vectron’s Ovenized Quartz Crystal Oscillators (OCXO) with Trimble’s Mini-Thunderbolt™ platform.
    · Embedded 12-channel GPS receiver for synchronization to GPS or UTC time.
    · Tight holdover performance.
    · Customizable solutions available.

    ## Applications
    · Digital Video Broadcast
    · Telecommunications time synchronization
    · Satellite communication frequency references

    ## Performance Specifications
    · GPS: L1 frequency, C/A code (SPS), 12-channel, continuous tracking, 1Hz update rate.
    · 1 PPS Accuracy: 15 nanoseconds (one sigma)
    · Output Frequency: 10 MHz
    · Phase Noise:
    - 10 Hz: -120 dBc
    - 100 Hz: -135 dBc
    - 1 KHz: -145 dBc
    - 10KHz: -145 dBc
    - 100KHz: -145 dBc
    · Holdover: 27 us for 24 hours with 5°C temperature delta
    · Stability: +/- 50ppb from 0 to 60°C (when not tracking)

    ## Interface Specifications
    · 1 PPS Connector: SMA-f (J3), TTL levels into 50 ohms, 10 microsecond-wide pulse with 20ns leading edge synchronization.
    · 10 MHz Connector: SMA-f (J2)
    · Antenna Interface: SMA-f (J4)
    · Power/I/O Connector: Molex 70543-0005 (6-pin) (J1)
    - Pin 1: NC
    - Pin 2: GPS TXD 3.3V CMOS
    - Pin 3: GPS RXD 3.3V CMOS (5V tolerant)
    - Pin 4: Ground
    - Pin 5: +V Antenna (2.7VDC - 5.5VDC @ up to 100ma)
    - Pin 6: +5V± 0.25V (@ <750ma cold, <350ma warm)
    · Serial Protocol: Trimble Standard Interface Protocol (TSIP), binary protocol @ 9600, 8-None-1

    ## Environmental Specifications
    · Operating Temperature: 0 °C to +60 °C
    · Storage Temperature: -40 °C to +85 °C
    · Operating Humidity: 5% to 95%, non-condensing
    · Operating Altitude: 18,000 m

    ## Physical Characteristics
    · Mounting: Four .130” diameter mounting holes

    # MD-996 Disciplined Oscillator Module

    ## Features
    · 1PPS and 10 MHz output signals
    · 15nSec accuracy (one sigma)
    · Automatic self-survey for improved timing accuracy
    · TRAIM (Timing Receiver Autonomous Integrity Monitoring) for high PPS integrity

    ## Description
    · Uses Vectron’s Ovenized Quartz Crystal Oscillators (OCXO) with Trimble’s Mini-Thunderbolt™ platform.
    · Embedded 12-channel GPS receiver for synchronization to GPS or UTC time.
    · Tight holdover performance.
    · Customizable solutions available.

    ## Applications
    · Digital Video Broadcast
    · Telecommunications time synchronization
    · Satellite communication frequency references

    ## Performance Specifications
    · GPS: L1 frequency, C/A code (SPS), 12-channel, continuous tracking, 1Hz update rate.
    · 1 PPS Accuracy: 15 nanoseconds (one sigma)
    · Output Frequency: 10 MHz
    · Phase Noise:
    - 10 Hz: -120 dBc
    - 100 Hz: -135 dBc
    - 1 KHz: -145 dBc
    - 10KHz: -145 dBc
    - 100KHz: -145 dBc
    · Holdover: 27 us for 24 hours with 5°C temperature delta
    · Stability: +/- 50ppb from 0 to 60°C (when not tracking)

    ## Interface Specifications
    · 1 PPS Connector: SMA-f (J3), TTL levels into 50 ohms, 10 microsecond-wide pulse with 20ns leading edge synchronization.
    · 10 MHz Connector: SMA-f (J2)
    · Antenna Interface: SMA-f (J4)
    · Power/I/O Connector: Molex 70543-0005 (6-pin) (J1)
    - Pin 1: NC
    - Pin 2: GPS TXD 3.3V CMOS
    - Pin 3: GPS RXD 3.3V CMOS (5V tolerant)
    - Pin 4: Ground
    - Pin 5: +V Antenna (2.7VDC - 5.5VDC @ up to 100ma)
    - Pin 6: +5V± 0.25V (@ <750ma cold, <350ma warm)
    · Serial Protocol: Trimble Standard Interface Protocol (TSIP), binary protocol @ 9600, 8-None-1

    ## Environmental Specifications
    · Operating Temperature: 0 °C to +60 °C
    · Storage Temperature: -40 °C to +85 °C
    · Operating Humidity: 5% to 95%, non-condensing
    · Operating Altitude: 18,000 m

    ## Physical Characteristics
    · Mounting: Four .130” diameter mounting holes

    Part No.MD-996-0001
    ManufacturerVECTRON
    Size215 Kbytes
    Pages3 pages
    DescriptionDisciplined Oscillator Module