| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TS12S-M Datasheet
# Example questions:
➢ Which physical dimensions are associated with the ts12s-m-2r5-305 part number?
➢ How does the equivalent series resistance (esr) change at -25℃ compared to its value at 25℃?
➢ What is the acceptable range of capacitance tolerance for these capacitors?
# TS12S-M Electric Double Layer Capacitor (Gold Capacitor)
## Features
️· Radial & Snap-in type
️· Large capacity
️· VENT case
## Specifications
️· Operating Temperature: -25 to +70℃
️· Rated Voltage: 2.5VDC
️· Surge Voltage: 3.0VDC
️· Capacitance Tolerance: -20% to +80%
️· Temperature Characteristics:
- +70℃: ΔC/C ≤30%, ESR ≤100% of value at 25℃
- -25℃: ΔC/C ≤50%, ESR ≤400% of value at 25℃
️· High Temperature Load: After 1000 hours at +70℃ ±2 @ 5.5V: ΔC/C ≤30%, ESR ≤200%
️· Humidity Resistance: After +40℃ ±2, 90-95%RH for 240 hours: ΔC/C ≤30%, IL ≤200%, ESR ≤4x initial value
## Part Numbers & Dimensions
️· TS12S-M-2R5-704: 0.7F, 2.5V, 800 mΩ, Ø8x13mm, P=3.5mm, Ød=0.6mm
️· TS12S-M-2R5-104: 1.0F, 2.5V, 600 mΩ, Ø8x13mm, P=3.5mm, Ød=0.6mm
️· TS12S-M-2R5-205: 2.0F, 2.5V, 300 mΩ, Ø10x20mm, P=4.5mm, Ød=0.6mm
️· TS12S-M-2R5-305: 3.0F, 2.5V, 200 mΩ, Ø8x20mm, P=3.5mm, Ød=0.6mm
️· TS12S-M-2R5-335: 3.3F, 2.5V, 200 mΩ, Ø10x20mm, P=4.5mm, Ød=0.6mm
️· TS12S-M-2R5-475: 4.7F, 2.5V, 150 mΩ, Ø13x21mm, P=4.5mm, Ød=0.6mm
️· TS12S-M-2R5-805: 8.0F, 2.5V, 100 mΩ, Ø13x21mm, P=4.5mm, Ød=0.6mm
## Contact Information
️· Website: www.suntan.com.hk
️· Email: info@suntan.com.hk
️· Tel: (852) 8202 8782
️· Fax: (852) 8208 6246
Note: Specifications are subject to change. Custom voltages up to 2.7V available on request.
# TS12S-M Electric Double Layer Capacitor (Gold Capacitor)
## Features
️· Radial & Snap-in type
️· Large capacity
️· VENT case
## Specifications
️· Operating Temperature: -25 to +70℃
️· Rated Voltage: 2.5VDC
️· Surge Voltage: 3.0VDC
️· Capacitance Tolerance: -20% to +80%
️· Temperature Characteristics:
- +70℃: ΔC/C ≤30%, ESR ≤100% of value at 25℃
- -25℃: ΔC/C ≤50%, ESR ≤400% of value at 25℃
️· High Temperature Load: After 1000 hours at +70℃ ±2 @ 5.5V: ΔC/C ≤30%, ESR ≤200%
️· Humidity Resistance: After +40℃ ±2, 90-95%RH for 240 hours: ΔC/C ≤30%, IL ≤200%, ESR ≤4x initial value
## Part Numbers & Dimensions
️· TS12S-M-2R5-704: 0.7F, 2.5V, 800 mΩ, Ø8x13mm, P=3.5mm, Ød=0.6mm
️· TS12S-M-2R5-104: 1.0F, 2.5V, 600 mΩ, Ø8x13mm, P=3.5mm, Ød=0.6mm
️· TS12S-M-2R5-205: 2.0F, 2.5V, 300 mΩ, Ø10x20mm, P=4.5mm, Ød=0.6mm
️· TS12S-M-2R5-305: 3.0F, 2.5V, 200 mΩ, Ø8x20mm, P=3.5mm, Ød=0.6mm
️· TS12S-M-2R5-335: 3.3F, 2.5V, 200 mΩ, Ø10x20mm, P=4.5mm, Ød=0.6mm
️· TS12S-M-2R5-475: 4.7F, 2.5V, 150 mΩ, Ø13x21mm, P=4.5mm, Ød=0.6mm
️· TS12S-M-2R5-805: 8.0F, 2.5V, 100 mΩ, Ø13x21mm, P=4.5mm, Ød=0.6mm
## Contact Information
️· Website: www.suntan.com.hk
️· Email: info@suntan.com.hk
️· Tel: (852) 8202 8782
️· Fax: (852) 8208 6246
Note: Specifications are subject to change. Custom voltages up to 2.7V available on request.
| Part No. | TS12S-M |
| Manufacturer | SUNTAN |
| Size | 233 Kbytes |
| Pages | 1 page |
| Description | ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR |