Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PA243 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PA243 Datasheet

  • # Example questions: ➢ What three limitations define the soa for the pa243's output stage, as opposed to the limitations found in bipolar output stages?
    ➢ Describe *two* different methods to protect the pa241 from excessive differential input voltages, and what each method achieves.
    ➢ What is the recommended minimum area for the heatslug solder connection to the pcb, and what thermal resistance does this achieve?

  • Part No.PA243
    ManufacturerCIRRUS
    Size254 Kbytes
    Pages6 pages
    DescriptionHigh Voltage Power Operational Amplifier
    Datasheet Summary with AI

    1. General Information & Features:

    ️· Type: PA243DF amplifier (a monolithic amplifier).
    ️· Application: Designed for driving heavy loads (capacitive, inductive, etc.). Suitable for a wide range of audio and RF applications, particularly those requiring high power.
    ️· Safety: Includes built-in protection against voltage stress and thermal overload.

    2. Protection Mechanisms:

    ️· Overvoltage Protection: Input protection diodes are included for inverting and non-inverting configurations. Series resistors or clamping diodes (JFETs) can be added for more demanding applications.
    ️· Thermal Protection: Built-in thermal shutdown to prevent overheating.
    ️· Flyback Protection: Internal parasitic diodes help protect against flyback voltage. External fast-recovery diodes are needed for sustained high-energy flyback.
    ️· Overvoltage Protection: Zener diodes (Z1, Z2) are recommended for clamping transients and preventing power supply reversals (Figure 1).

    3. Stability & Compensation:

    ️· Gain & Phase Shift: Open-loop gain and phase shift increase with temperature.
    ️· Phase Compensation: Compensation capacitor values need to be calculated based on case temperature to achieve a 50° phase margin.
    ️· Input Impedance: Keep the DC summing junction impedance (parallel combination of feedback and input resistors) limited to 5k ohms or less.
    ️· Parasitic Capacitance: Be mindful of parasitic capacitance from traces, sockets, etc. to avoid instability. Small capacitors (single-digit pF) can be used to maintain constant feedback factor (β).

    4. Current Limiting:

    ️· Current Limit Resistor (Rcl): Must be connected externally. Minimum value: 3.9 ohms. Recommended maximum value: 110 ohms.
    ️· Current Limit Calculation: Ilimit = [Vbe] / Rcl. Vbe values vary with case temperature (see CURRENT LIMIT typical graph).
    ️· Spurious Oscillation: Current limiting may cause spurious oscillation; this will cease when the amplifier exits current limit.

    5. Safe Operating Area (SOA):

    ️· Limitations: SOA is limited by transistor voltage withstand capability, die metalization current handling, and MOSFET temperature.
    ️· Pulse Capability: SOA lines represent constant power levels and are shown for a case temperature of 25°C. Pulse stress levels can be calculated for other temperatures.
    ️· Important: SOA graphs are included (Figure 1).

    6. Heatsinking:

    ️· Heatslug: The PA243DF package features a large exposed copper heatslug.
    ️· Thermal Performance: Soldering the heatslug to a minimum 1 square inch foil area on the PCB yields a thermal resistance of 25°C/W. 1-2 square inches is recommended.
    ️· Temperature Monitoring: Measure the top of the package for temperature. Don't let the temperature exceed 85°C.

    7. Application References:

    ️· Several Application Notes (AN1, AN3, AN25, AN38) provide additional information for specific application scenarios.
    ️· Figure 1 provides a schematic illustrating overvoltage protection and related circuits.

    Key Takeaways & Cautions:

    ️· Detailed Design Required: The PA243U requires careful design and consideration of stability, heatsinking, and protection.
    ️· SOA Crucial: Pay close attention to the Safe Operating Area to avoid damage.
    ️· Datasheet Essential: This document is an extract, and the complete datasheet should be consulted for all specifications and detailed information.

    1. General Information & Features:

    ️· Type: PA243DF amplifier (a monolithic amplifier).
    ️· Application: Designed for driving heavy loads (capacitive, inductive, etc.). Suitable for a wide range of audio and RF applications, particularly those requiring high power.
    ️· Safety: Includes built-in protection against voltage stress and thermal overload.

    2. Protection Mechanisms:

    ️· Overvoltage Protection: Input protection diodes are included for inverting and non-inverting configurations. Series resistors or clamping diodes (JFETs) can be added for more demanding applications.
    ️· Thermal Protection: Built-in thermal shutdown to prevent overheating.
    ️· Flyback Protection: Internal parasitic diodes help protect against flyback voltage. External fast-recovery diodes are needed for sustained high-energy flyback.
    ️· Overvoltage Protection: Zener diodes (Z1, Z2) are recommended for clamping transients and preventing power supply reversals (Figure 1).

    3. Stability & Compensation:

    ️· Gain & Phase Shift: Open-loop gain and phase shift increase with temperature.
    ️· Phase Compensation: Compensation capacitor values need to be calculated based on case temperature to achieve a 50° phase margin.
    ️· Input Impedance: Keep the DC summing junction impedance (parallel combination of feedback and input resistors) limited to 5k ohms or less.
    ️· Parasitic Capacitance: Be mindful of parasitic capacitance from traces, sockets, etc. to avoid instability. Small capacitors (single-digit pF) can be used to maintain constant feedback factor (β).

    4. Current Limiting:

    ️· Current Limit Resistor (Rcl): Must be connected externally. Minimum value: 3.9 ohms. Recommended maximum value: 110 ohms.
    ️· Current Limit Calculation: Ilimit = [Vbe] / Rcl. Vbe values vary with case temperature (see CURRENT LIMIT typical graph).
    ️· Spurious Oscillation: Current limiting may cause spurious oscillation; this will cease when the amplifier exits current limit.

    5. Safe Operating Area (SOA):

    ️· Limitations: SOA is limited by transistor voltage withstand capability, die metalization current handling, and MOSFET temperature.
    ️· Pulse Capability: SOA lines represent constant power levels and are shown for a case temperature of 25°C. Pulse stress levels can be calculated for other temperatures.
    ️· Important: SOA graphs are included (Figure 1).

    6. Heatsinking:

    ️· Heatslug: The PA243DF package features a large exposed copper heatslug.
    ️· Thermal Performance: Soldering the heatslug to a minimum 1 square inch foil area on the PCB yields a thermal resistance of 25°C/W. 1-2 square inches is recommended.
    ️· Temperature Monitoring: Measure the top of the package for temperature. Don't let the temperature exceed 85°C.

    7. Application References:

    ️· Several Application Notes (AN1, AN3, AN25, AN38) provide additional information for specific application scenarios.
    ️· Figure 1 provides a schematic illustrating overvoltage protection and related circuits.

    Key Takeaways & Cautions:

    ️· Detailed Design Required: The PA243U requires careful design and consideration of stability, heatsinking, and protection.
    ️· SOA Crucial: Pay close attention to the Safe Operating Area to avoid damage.
    ️· Datasheet Essential: This document is an extract, and the complete datasheet should be consulted for all specifications and detailed information.

    Part No.PA243
    ManufacturerCIRRUS
    Size254 Kbytes
    Pages6 pages
    DescriptionHigh Voltage Power Operational Amplifier