Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MD-0100-DXJ-TCXO Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MD-0100-DXJ-TCXO Datasheet

  • # Example questions: ➢ What are the typical and maximum supply voltage ranges for both 12v and 5v supply models?
    ➢ What communication protocols are supported by the serial communications interface, and where can one find detailed information about the command list?
    ➢ Describe the functionality and voltage levels associated with the 'lock status indicator' (pin 9).

  • Part No.MD-0100-DXJ-TCXO
    ManufacturerVECTRON
    Size956 Kbytes
    Pages8 pages
    DescriptionGPS Disciplined Oscillator Module
    Datasheet Summary with AI

    # MD-010 GPS Disciplined Oscillator Module

    ## Overview
    The MD-010 is a GPS disciplined oscillator module providing 1 pps TTL, 10 MHz sine wave, and 10 MHz square wave outputs synchronized to an external 1pps reference. It utilizes a Vectron oscillator (TCXO, HPTC, EMXO, DAEM, OCXO, DAOC, or DOCX) for performance. Customizable options are available.

    ## Features
    · GPS receiver embedded
    · Standard outputs: 1pps TTL, 10 MHz sine wave, 10 MHz square wave
    · Customizable output frequencies
    · Serial communication interface
    · Wide range of oscillator options for holdover requirements

    ## Applications
    · 3G/LTE/WiMAX Basestations
    · Digital Video Broadcast
    · E911 Location Systems
    · General Timing & Synchronization
    · Military Radio

    ## Performance Characteristics (varies by model)
    · Aging: Down to 0.1 ppb/day.
    · Temperature Stability: Less than 0.2 ppb.
    · Holdover Time: Varies by model (from minutes to 24 hours). Dependent on oscillator type and temperature change (ΔT).
    · Warm-up Time: 5-18 minutes (model dependent).
    · Power Supply: 5V or 12V.
    · Phase Noise: -155 to -95 dBc/Hz (model dependent).

    ## Available Models
    Models differ in oscillator type (TCXO, HPTC, EMXO, DAEM, OCXO, DAOC, DOCX) impacting holdover and stability. Key models include:
    · MD-0100-DXJ-TCXO-10M0000000 (low holdover)
    · MD-0104-BXJ-DOCX-10M0000000 (stringent holdover requirements)

    ## Pin Connections (16-pin)
    · PPS In/Out
    · RF Out (HCMOS/Sine Wave)
    · Serial Communication (Rx, Tx)
    · Power (Vcc, Ground)
    · Lock Status, Module OK indicators
    · Reset, Manual Holdover inputs

    ## Environmental
    · Operating Temperature: Model dependent.
    · Humidity: Up to 90%
    · Storage Temperature: -55°C to +125°C

    ## Ordering Information
    Part numbers define the module configuration (oscillator type, frequency, temperature range, voltage). Contact factory for custom options.

    # MD-010 GPS Disciplined Oscillator Module

    ## Overview
    The MD-010 is a GPS disciplined oscillator module providing 1 pps TTL, 10 MHz sine wave, and 10 MHz square wave outputs synchronized to an external 1pps reference. It utilizes a Vectron oscillator (TCXO, HPTC, EMXO, DAEM, OCXO, DAOC, or DOCX) for performance. Customizable options are available.

    ## Features
    · GPS receiver embedded
    · Standard outputs: 1pps TTL, 10 MHz sine wave, 10 MHz square wave
    · Customizable output frequencies
    · Serial communication interface
    · Wide range of oscillator options for holdover requirements

    ## Applications
    · 3G/LTE/WiMAX Basestations
    · Digital Video Broadcast
    · E911 Location Systems
    · General Timing & Synchronization
    · Military Radio

    ## Performance Characteristics (varies by model)
    · Aging: Down to 0.1 ppb/day.
    · Temperature Stability: Less than 0.2 ppb.
    · Holdover Time: Varies by model (from minutes to 24 hours). Dependent on oscillator type and temperature change (ΔT).
    · Warm-up Time: 5-18 minutes (model dependent).
    · Power Supply: 5V or 12V.
    · Phase Noise: -155 to -95 dBc/Hz (model dependent).

    ## Available Models
    Models differ in oscillator type (TCXO, HPTC, EMXO, DAEM, OCXO, DAOC, DOCX) impacting holdover and stability. Key models include:
    · MD-0100-DXJ-TCXO-10M0000000 (low holdover)
    · MD-0104-BXJ-DOCX-10M0000000 (stringent holdover requirements)

    ## Pin Connections (16-pin)
    · PPS In/Out
    · RF Out (HCMOS/Sine Wave)
    · Serial Communication (Rx, Tx)
    · Power (Vcc, Ground)
    · Lock Status, Module OK indicators
    · Reset, Manual Holdover inputs

    ## Environmental
    · Operating Temperature: Model dependent.
    · Humidity: Up to 90%
    · Storage Temperature: -55°C to +125°C

    ## Ordering Information
    Part numbers define the module configuration (oscillator type, frequency, temperature range, voltage). Contact factory for custom options.

    Part No.MD-0100-DXJ-TCXO
    ManufacturerVECTRON
    Size956 Kbytes
    Pages8 pages
    DescriptionGPS Disciplined Oscillator Module