Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ASM705CSAF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ASM705CSAF Datasheet

  • # Example questions: ➢ What is the primary difference between the asm705/706/707/708 and the asm813l in terms of reset signal polarity?
    ➢ What package types are available for the asm706 component?
    ➢ What are the temperature ranges available for the asm705 and asm813l components?

  • Part No.ASM705CSAF
    ManufacturerPULSECORE
    Size285 Kbytes
    Pages15 pages
    DescriptionLow Power 關P Supervisor Circuits
    Datasheet Summary with AI

    Document Type: Datasheet for low-power microprocessor (µP) supervisor circuits.

    Devices Covered:

    ️· ASM705: Active LOW reset, watchdog output, and manual reset.
    ️· ASM706: Active LOW reset, watchdog output, and manual reset. (Lower reset threshold than ASM705)
    ️· ASM707: Active LOW & HIGH reset with manual reset.
    ️· ASM708: Active LOW & HIGH reset with manual reset. (Lower reset threshold than ASM707)
    ️· ASM813L: Active HIGH reset, watchdog output, and manual reset.

    Key Features (Common to many):

    ️· Reset Function: Monitors the voltage of a microcontroller/processor and resets it if the voltage drops below a certain threshold.
    ️· Watchdog Timer: Resets the processor if the software doesn't "kick" the watchdog within a set time, preventing software lockups.
    ️· Manual Reset: Allows for a forced reset via a dedicated input pin.
    ️· Low Power Consumption: Designed for battery-powered or energy-efficient applications.

    Variations:

    ️· Reset Polarity: Devices have either active-LOW or active-HIGH reset outputs.
    ️· Reset Threshold: Different devices have slightly different reset threshold voltages (e.g., 4.65V vs. 4.40V).
    ️· Temperature Range: Devices are available in different temperature ranges (0°C to +70°C and -40°C to +85°C).

    Package Options:

    ️· 8-Pin Plastic DIP
    ️· 8-Pin SO (Small Outline)
    ️· 8-Pin MicroSO

    Ordering Codes:

    The datasheet provides detailed ordering codes that specify the part number, reset threshold, temperature range, and package type.

    Important Note: The datasheet includes a disclaimer that the information is subject to change.



    In essence, this document describes a family of chips designed to ensure the reliable operation of microprocessors by monitoring power and software activity and providing a reset signal if necessary.

    Document Type: Datasheet for low-power microprocessor (µP) supervisor circuits.

    Devices Covered:

    ️· ASM705: Active LOW reset, watchdog output, and manual reset.
    ️· ASM706: Active LOW reset, watchdog output, and manual reset. (Lower reset threshold than ASM705)
    ️· ASM707: Active LOW & HIGH reset with manual reset.
    ️· ASM708: Active LOW & HIGH reset with manual reset. (Lower reset threshold than ASM707)
    ️· ASM813L: Active HIGH reset, watchdog output, and manual reset.

    Key Features (Common to many):

    ️· Reset Function: Monitors the voltage of a microcontroller/processor and resets it if the voltage drops below a certain threshold.
    ️· Watchdog Timer: Resets the processor if the software doesn't "kick" the watchdog within a set time, preventing software lockups.
    ️· Manual Reset: Allows for a forced reset via a dedicated input pin.
    ️· Low Power Consumption: Designed for battery-powered or energy-efficient applications.

    Variations:

    ️· Reset Polarity: Devices have either active-LOW or active-HIGH reset outputs.
    ️· Reset Threshold: Different devices have slightly different reset threshold voltages (e.g., 4.65V vs. 4.40V).
    ️· Temperature Range: Devices are available in different temperature ranges (0°C to +70°C and -40°C to +85°C).

    Package Options:

    ️· 8-Pin Plastic DIP
    ️· 8-Pin SO (Small Outline)
    ️· 8-Pin MicroSO

    Ordering Codes:

    The datasheet provides detailed ordering codes that specify the part number, reset threshold, temperature range, and package type.

    Important Note: The datasheet includes a disclaimer that the information is subject to change.



    In essence, this document describes a family of chips designed to ensure the reliable operation of microprocessors by monitoring power and software activity and providing a reset signal if necessary.

    Part No.ASM705CSAF
    ManufacturerPULSECORE
    Size285 Kbytes
    Pages15 pages
    DescriptionLow Power 關P Supervisor Circuits