| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BNP10SBQ Datasheet
# Example questions:
➢ What is the maximum voltage and current this switch can handle with silver plated contacts?
➢ How does the bushing option affect the mounting style of the switch?
➢ What materials are used in the construction of the switch housing and cover?
# BNP Pushbutton Switch
## Specifications
️· Electrical Ratings: 3A @ 120VAC, 28VDC; 1A @ 250VAC (See Contact Options)
️· Electrical Life: 50,000 cycles typical
️· Contact Resistance: < 20 mΩ max initial @ 2-4VDC, 100mA
️· Dielectric Strength: 1500Vrms min
️· Insulation Resistance: > 100MΩ min
️· Operating Temperature: -40°C to 85°C
️· Storage Temperature: -40°C to 85°C
## Materials
️· Actuator: Thermoplastic Polyester
️· Housing: DAP – Diallyl Phthalate
️· Cover: Stainless Steel
️· Bushing: Brass, Nickel Plated
️· Contacts: Copper Alloy, Silver Plated
️· Terminals: Brass, Silver Plated
## Ordering Information
️· Series: BNP
️· Switch Function:
- 0: OFF - (ON) (SPST)
- 1: ON - (ON) (SPDT)
️· Bushing:
- Blank: Panel Mount Frame
- S/U: 5.59mm, 10-48UNS / Non-Threaded, Flat
- T: 5.59mm, Non-Threaded, Round
- V/V1: 7.87mm, ¼-40NS / Non-Threaded, Flat
- S9: 3.20mm, Actuator Only
️· Terminals:
- B: Solder Lug
- C: PC Pin
- H/HS: Horizontal Mount, Right Angle PC Pins (SPST/SPDT)
- V/VS: Vertical Mount, Right Angle PC Pins (SPST/SPDT)
- A5/A5S: PC Pins with Support Bracket (SPST/SPDT)
️· Contacts:
- Q: Silver Plated
- R: Gold over Nickel Plating
- G: Gold over Silver Plating
## Switch Function
️· SPST: 0 – OFF (ON) Terminals: 1-3
️· SPDT: 1 – ON (ON) Terminals: 2-1, 2-3
## Bushing Options
## Panel Mounting
## Terminal Options
## Contact Options
️· Q (Silver Plated): 3A @ 120VAC, 28VDC; 1A @ 250VAC
️· R (Gold over Nickel Plating): .4 VA max @ 20VAC or VDC max
️· G (Gold over Silver Plating): .4 VA max @ 20VAC or VDC max or 3A @ 120VAC, 28VDC; 1A @ 250VAC
## Frame Options
️· F86_ _ (Insert Cap & Frame Colors Here)
️· Cap/Frame Colors: 1 = White, 2 = Black, 3 = Red (Contact factory for other colors)
## Cap Options
️· C84_: 1 = White, 2 = Black, 3 = Red (Contact Factory for other colors)
️· C85_: 1 = White, 2 = Black, 3 = Red (Contact Factory for other colors)
️· C87_: 1 = White, 2 = Black, 3 = Red (Contact Factory for other colors - for V & V1 Bushings)
## Hardware
️· Two hex nuts, one lock washer, and one locking ring are supplied standard with threaded bushings.
# BNP Pushbutton Switch
## Specifications
️· Electrical Ratings: 3A @ 120VAC, 28VDC; 1A @ 250VAC (See Contact Options)
️· Electrical Life: 50,000 cycles typical
️· Contact Resistance: < 20 mΩ max initial @ 2-4VDC, 100mA
️· Dielectric Strength: 1500Vrms min
️· Insulation Resistance: > 100MΩ min
️· Operating Temperature: -40°C to 85°C
️· Storage Temperature: -40°C to 85°C
## Materials
️· Actuator: Thermoplastic Polyester
️· Housing: DAP – Diallyl Phthalate
️· Cover: Stainless Steel
️· Bushing: Brass, Nickel Plated
️· Contacts: Copper Alloy, Silver Plated
️· Terminals: Brass, Silver Plated
## Ordering Information
️· Series: BNP
️· Switch Function:
- 0: OFF - (ON) (SPST)
- 1: ON - (ON) (SPDT)
️· Bushing:
- Blank: Panel Mount Frame
- S/U: 5.59mm, 10-48UNS / Non-Threaded, Flat
- T: 5.59mm, Non-Threaded, Round
- V/V1: 7.87mm, ¼-40NS / Non-Threaded, Flat
- S9: 3.20mm, Actuator Only
️· Terminals:
- B: Solder Lug
- C: PC Pin
- H/HS: Horizontal Mount, Right Angle PC Pins (SPST/SPDT)
- V/VS: Vertical Mount, Right Angle PC Pins (SPST/SPDT)
- A5/A5S: PC Pins with Support Bracket (SPST/SPDT)
️· Contacts:
- Q: Silver Plated
- R: Gold over Nickel Plating
- G: Gold over Silver Plating
## Switch Function
️· SPST: 0 – OFF (ON) Terminals: 1-3
️· SPDT: 1 – ON (ON) Terminals: 2-1, 2-3
## Bushing Options
## Panel Mounting
## Terminal Options
## Contact Options
️· Q (Silver Plated): 3A @ 120VAC, 28VDC; 1A @ 250VAC
️· R (Gold over Nickel Plating): .4 VA max @ 20VAC or VDC max
️· G (Gold over Silver Plating): .4 VA max @ 20VAC or VDC max or 3A @ 120VAC, 28VDC; 1A @ 250VAC
## Frame Options
️· F86_ _ (Insert Cap & Frame Colors Here)
️· Cap/Frame Colors: 1 = White, 2 = Black, 3 = Red (Contact factory for other colors)
## Cap Options
️· C84_: 1 = White, 2 = Black, 3 = Red (Contact Factory for other colors)
️· C85_: 1 = White, 2 = Black, 3 = Red (Contact Factory for other colors)
️· C87_: 1 = White, 2 = Black, 3 = Red (Contact Factory for other colors - for V & V1 Bushings)
## Hardware
️· Two hex nuts, one lock washer, and one locking ring are supplied standard with threaded bushings.
| Part No. | BNP10SBQ |
| Manufacturer | CIT |
| Size | 295 Kbytes |
| Pages | 5 pages |
| Description | CIT SWITCH |