| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ASP11TEB Datasheet
# Example questions:
➢ What are the available color options for the c73 cap?
➢ What is the typical electrical life, in cycles, for the asp switch?
➢ What material is used for the support bracket of the asp switch?
# ASP Switch Datasheet Summary
## SPECIFICATIONS
· Electrical Ratings: 3A @ 120 VAC, 28VDC; 1A @ 250VAC
· Electrical Life: 50,000 cycles typical
· Contact Resistance: < 20 mΩ max initial @ 2-4VDC, 100mA
· Dielectric Strength: 1500Vrms min
· Insulation Resistance: > 100MΩ min
· Operating Temperature: -40°C to 85°C
· Storage Temperature: -40°C to 85°C
## MATERIALS ← RoHS COMPLIANT
· Actuator: 4/6 Nylon, Glass Filled, Flame Retardant, Heat Stabilized, UL94V-0
· Housing: 4/6 Nylon, Glass Filled, Flame Retardant, Heat Stabilized, UL94V-0
· Support Bracket: Steel, Tin Plated
· Contacts: Copper Alloy, Silver or Gold Plated
· Terminals: Copper Alloy, Silver or Gold Plated
## ORDERING INFORMATION
· SPDT Function: Terminals 1-3, 1-2
· DPDT Function: Terminals 1-3, 4-6; 1-2, 4-5
## ACTUATOR OPTIONS
· T: Indicates a specific actuator type.
## BUSHING OPTIONS PANEL MOUNTING
· E Bushing: Requires hardware (two hex nuts, one lock washer, & one locking ring).
## TERMINAL OPTIONS
· B (Single Pole), B (Double Pole), B (3 Pole)
· C (Single Pole), C (Double Pole), C (3 Pole)
· D (Single Pole), D (Double Pole), D (3 Pole)
· V (VS – Snap-in): Vertical Mount, Right Angle PC Pins (Single, Double, Three-pole)
· S20/V20 & S25/V25: Specify dimension (11.68 & 25.00).
· S20/V20, S25/V25: Snap-in bracket for PC Pins.
## CONTACT OPTIONS
· Q: Silver Plating, 3A @ 120 VAC, 28VDC; 1A @ 250VAC
· R: Gold over Nickel Plating, .4 VA max @ 20VAC or VDC max
· G: Gold over Silver Plating, .4 VA max @ 20VAC or VDC max, or 3A @ 120 VAC, 28VDC; 1A @ 250VAC
## CAP OPTIONS
· C73-77: Options for color (White, Black, Red). Contact factory for additional options.
## HARDWARE
· Supplied with threaded bushings: Two hex nuts, one lock washer, one locking ring
# ASP Switch Datasheet Summary
## SPECIFICATIONS
· Electrical Ratings: 3A @ 120 VAC, 28VDC; 1A @ 250VAC
· Electrical Life: 50,000 cycles typical
· Contact Resistance: < 20 mΩ max initial @ 2-4VDC, 100mA
· Dielectric Strength: 1500Vrms min
· Insulation Resistance: > 100MΩ min
· Operating Temperature: -40°C to 85°C
· Storage Temperature: -40°C to 85°C
## MATERIALS ← RoHS COMPLIANT
· Actuator: 4/6 Nylon, Glass Filled, Flame Retardant, Heat Stabilized, UL94V-0
· Housing: 4/6 Nylon, Glass Filled, Flame Retardant, Heat Stabilized, UL94V-0
· Support Bracket: Steel, Tin Plated
· Contacts: Copper Alloy, Silver or Gold Plated
· Terminals: Copper Alloy, Silver or Gold Plated
## ORDERING INFORMATION
· SPDT Function: Terminals 1-3, 1-2
· DPDT Function: Terminals 1-3, 4-6; 1-2, 4-5
## ACTUATOR OPTIONS
· T: Indicates a specific actuator type.
## BUSHING OPTIONS PANEL MOUNTING
· E Bushing: Requires hardware (two hex nuts, one lock washer, & one locking ring).
## TERMINAL OPTIONS
· B (Single Pole), B (Double Pole), B (3 Pole)
· C (Single Pole), C (Double Pole), C (3 Pole)
· D (Single Pole), D (Double Pole), D (3 Pole)
· V (VS – Snap-in): Vertical Mount, Right Angle PC Pins (Single, Double, Three-pole)
· S20/V20 & S25/V25: Specify dimension (11.68 & 25.00).
· S20/V20, S25/V25: Snap-in bracket for PC Pins.
## CONTACT OPTIONS
· Q: Silver Plating, 3A @ 120 VAC, 28VDC; 1A @ 250VAC
· R: Gold over Nickel Plating, .4 VA max @ 20VAC or VDC max
· G: Gold over Silver Plating, .4 VA max @ 20VAC or VDC max, or 3A @ 120 VAC, 28VDC; 1A @ 250VAC
## CAP OPTIONS
· C73-77: Options for color (White, Black, Red). Contact factory for additional options.
## HARDWARE
· Supplied with threaded bushings: Two hex nuts, one lock washer, one locking ring
| Part No. | ASP11TEB |
| Manufacturer | CIT |
| Size | 516 Kbytes |
| Pages | 6 pages |
| Description | CIT SWITCH |
| Política de Privacidad |
| ALLDATASHEET.ES |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |