Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC962CPA Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TC962CPA Datasheet

  • # Example questions: ➢ How does changing the input voltage affect the output resistance, and what might be a practical implication of this relationship in a circuit design?
    ➢ What type of capacitor is recommended for use with the tc962, and why is its capacitance value important?
    ➢ Explain how this relationship is illustrated in the provided 'oscillator frequency vs. c' graph.

  • Part No.TC962CPA
    ManufacturerTELCOM
    Size74 Kbytes
    Pages5 pages
    DescriptionHIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
    Datasheet Summary with AI

    # TC962 High Current Charge Pump DC-TO-DC Converter

    ## Features
    ️· Pin Compatible With TC7662/ICL7662/SI7661
    ️· High Output Current: 80mA
    ️· No External Diodes Required
    ️· Wide Operating Range: 3V to 18V
    ️· Low Output Impedance: 28Ω Typ.
    ️· No Low Voltage Terminal Required
    ️· Application Zener On Chip
    ️· OSC Frequency Doubling Pin Option

    ## Ordering Information
    ️· TC962COE: 16-Pin SOIC Wide, 0°C to +70°C
    ️· TC962CPA: 8-Pin Plastic DIP, 0°C to +70°C
    ️· TC962EPA: 8-Pin Plastic DIP, -40°C to +85°C
    ️· TC962IJA: 8-Pin CerDIP, -25°C to +85°C
    ️· TC962MJA: 8-Pin CerDIP, -55°C to +125°C
    ️· TC7660EV: Evaluation Kit

    ## General Description
    ️· Advanced version of TC7662
    ️· Capable of sourcing 8mA
    ️· Can output voltages from 3V to 18V
    ️· Low output impedance (28Ω)
    ️· High voltage conversion (99.9%) and power conversion (97%) efficiencies
    ️· Eliminated low voltage terminal
    ️· Grounding pin 6 doubles oscillator frequency (12kHz to 24kHz)
    ️· Requires only two external capacitors for inverter applications.

    ## Electrical Characteristics
    ️· Supply Voltage (VDD): 3-18V
    ️· Supply Current (IS): 510-700 µA (15V, 25°C)
    ️· Output Source Resistance (RO): 32-40Ω (20mA, 15V)
    ️· Oscillator Frequency (COSC): 12kHz (Pin 6 Open), 24kHz (Pin 6 GND)
    ️· Power Efficiency (PEFF): 93-97%
    ️· Voltage Efficiency (VDEF): 99.9%
    ️· Zener Voltage (VZ): 6.0-6.4V (5mA)

    ## Absolute Maximum Ratings
    ️· Supply Voltage: +18V
    ️· Input Voltage: VDD + 0.3V to VSS - 0.3V
    ️· Current into Any Pin: 10mA
    ️· Storage Temperature: -65°C to +150°C
    ️· Operating Temperature: 0°C to +70°C (CPA, COE), -25°C to +85°C (IJA), -40°C to +85°C (EPA), -55°C to +125°C (MJA)

    ## Application Information
    ️· Capacitive pump (switched capacitor circuit) with 4 MOSFET switches
    ️· High efficiency due to low ESR capacitors.
    ️· Latch-up protection required.
    ️· Zener diode for external regulator reference.

    # TC962 High Current Charge Pump DC-TO-DC Converter

    ## Features
    ️· Pin Compatible With TC7662/ICL7662/SI7661
    ️· High Output Current: 80mA
    ️· No External Diodes Required
    ️· Wide Operating Range: 3V to 18V
    ️· Low Output Impedance: 28Ω Typ.
    ️· No Low Voltage Terminal Required
    ️· Application Zener On Chip
    ️· OSC Frequency Doubling Pin Option

    ## Ordering Information
    ️· TC962COE: 16-Pin SOIC Wide, 0°C to +70°C
    ️· TC962CPA: 8-Pin Plastic DIP, 0°C to +70°C
    ️· TC962EPA: 8-Pin Plastic DIP, -40°C to +85°C
    ️· TC962IJA: 8-Pin CerDIP, -25°C to +85°C
    ️· TC962MJA: 8-Pin CerDIP, -55°C to +125°C
    ️· TC7660EV: Evaluation Kit

    ## General Description
    ️· Advanced version of TC7662
    ️· Capable of sourcing 8mA
    ️· Can output voltages from 3V to 18V
    ️· Low output impedance (28Ω)
    ️· High voltage conversion (99.9%) and power conversion (97%) efficiencies
    ️· Eliminated low voltage terminal
    ️· Grounding pin 6 doubles oscillator frequency (12kHz to 24kHz)
    ️· Requires only two external capacitors for inverter applications.

    ## Electrical Characteristics
    ️· Supply Voltage (VDD): 3-18V
    ️· Supply Current (IS): 510-700 µA (15V, 25°C)
    ️· Output Source Resistance (RO): 32-40Ω (20mA, 15V)
    ️· Oscillator Frequency (COSC): 12kHz (Pin 6 Open), 24kHz (Pin 6 GND)
    ️· Power Efficiency (PEFF): 93-97%
    ️· Voltage Efficiency (VDEF): 99.9%
    ️· Zener Voltage (VZ): 6.0-6.4V (5mA)

    ## Absolute Maximum Ratings
    ️· Supply Voltage: +18V
    ️· Input Voltage: VDD + 0.3V to VSS - 0.3V
    ️· Current into Any Pin: 10mA
    ️· Storage Temperature: -65°C to +150°C
    ️· Operating Temperature: 0°C to +70°C (CPA, COE), -25°C to +85°C (IJA), -40°C to +85°C (EPA), -55°C to +125°C (MJA)

    ## Application Information
    ️· Capacitive pump (switched capacitor circuit) with 4 MOSFET switches
    ️· High efficiency due to low ESR capacitors.
    ️· Latch-up protection required.
    ️· Zener diode for external regulator reference.

    Part No.TC962CPA
    ManufacturerTELCOM
    Size74 Kbytes
    Pages5 pages
    DescriptionHIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER