Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS404C Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LS404C Datasheet

  • # Example questions: ➢ What is the typical input bias current for the ls404i and ls404c, and in what unit is it measured?
    ➢ How does the supply voltage affect the maximum permissible power dissipation for the ls404?
    ➢ What are the available operating temperature ranges for the ls404 amplifier, according to the different part numbers?

  • Part No.LS404C
    ManufacturerSTMICROELECTRONICS
    Size209 Kbytes
    Pages12 pages
    DescriptionHIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
    Datasheet Summary with AI

    # LS404 Quad Operational Amplifier

    ## Description
    · High-performance quad operational amplifier.
    · Designed for professional and telecom applications (active filters, etc.).
    · Features internal frequency and phase compensation for stable operation.
    · Patented input stage prevents phase inversion and handles signals below the negative supply voltage.

    ## Electrical Characteristics (VCC = ±15V, Tamb = 25°C)
    · Supply Current (ICC): 1.3 - 3 mA
    · Input Bias Current (Iib): 50 - 300 nA
    · Input Offset Voltage (Vio): 0.5 - 5 mV
    · Large Signal Voltage Gain (Avd): 86 - 100 dB
    · Gain-Bandwidth Product (GBP): 1.5 - 3 MHz
    · Equivalent Input Noise Voltage (en): 8-20 nV/√Hz
    · Total Harmonic Distortion (THD): 0.01 - 0.4 %
    · Output Voltage Swing (±Vopp): ±3 - ±13 V
    · Slew Rate (SR): 0.8 - 1.5 V/µs
    · Common Mode Rejection Ratio (CMR): 80 - 94 dB
    · Supply Voltage Rejection Ratio (SVR): 86 - 94 dB
    · Channel Separation (VO1/VO2): ≥ 120 dB

    ## Absolute Maximum Ratings
    · Supply Voltage (VCC): ±18 V
    · Operating Temperature Range:
    - LS404C: 0 to +70 °C
    - LS404I: -40 to +105 °C
    - LS404M: -55 to +125 °C
    · Storage Temperature: -65 to +150 °C
    · Power Dissipation: 400 mW @ 70°C

    ## Package Options
    · DIP14 (Plastic Package)
    · SO14 (Plastic Micropackage)

    ## Pin Connections (Top View)
    · Refer to the datasheet for a detailed pinout diagram. Includes connections for:
    - Inverting & Non-Inverting Inputs (1-4)
    - Outputs (1-4)
    - Positive & Negative Supply Voltage.

    # LS404 Quad Operational Amplifier

    ## Description
    · High-performance quad operational amplifier.
    · Designed for professional and telecom applications (active filters, etc.).
    · Features internal frequency and phase compensation for stable operation.
    · Patented input stage prevents phase inversion and handles signals below the negative supply voltage.

    ## Electrical Characteristics (VCC = ±15V, Tamb = 25°C)
    · Supply Current (ICC): 1.3 - 3 mA
    · Input Bias Current (Iib): 50 - 300 nA
    · Input Offset Voltage (Vio): 0.5 - 5 mV
    · Large Signal Voltage Gain (Avd): 86 - 100 dB
    · Gain-Bandwidth Product (GBP): 1.5 - 3 MHz
    · Equivalent Input Noise Voltage (en): 8-20 nV/√Hz
    · Total Harmonic Distortion (THD): 0.01 - 0.4 %
    · Output Voltage Swing (±Vopp): ±3 - ±13 V
    · Slew Rate (SR): 0.8 - 1.5 V/µs
    · Common Mode Rejection Ratio (CMR): 80 - 94 dB
    · Supply Voltage Rejection Ratio (SVR): 86 - 94 dB
    · Channel Separation (VO1/VO2): ≥ 120 dB

    ## Absolute Maximum Ratings
    · Supply Voltage (VCC): ±18 V
    · Operating Temperature Range:
    - LS404C: 0 to +70 °C
    - LS404I: -40 to +105 °C
    - LS404M: -55 to +125 °C
    · Storage Temperature: -65 to +150 °C
    · Power Dissipation: 400 mW @ 70°C

    ## Package Options
    · DIP14 (Plastic Package)
    · SO14 (Plastic Micropackage)

    ## Pin Connections (Top View)
    · Refer to the datasheet for a detailed pinout diagram. Includes connections for:
    - Inverting & Non-Inverting Inputs (1-4)
    - Outputs (1-4)
    - Positive & Negative Supply Voltage.

    Part No.LS404C
    ManufacturerSTMICROELECTRONICS
    Size209 Kbytes
    Pages12 pages
    DescriptionHIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS