| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SN54ALS169B_07 Datasheet
# Example questions:
➢ What is the typical value of icc (quiescent current) for the 54as/74as devices at vcc = 5v and 25°c?
➢ What is the purpose of switching s1 open when measuring propagation delay items of 3-state outputs, as described in the notes accompanying figure 1?
➢ What are the characteristics of the input pulses used when measuring propagation delay times?
# SN74ALS169/SN54ALS169/SN74AS169/SN54AS169 Counters/Latches
## Description
These are synchronous 4-bit up/down binary presettable counters with internal carry look-ahead circuitry for high-speed counting applications. They feature synchronous operation, eliminating output spikes associated with asynchronous counters. They are fully programmable and can be cascaded for n-bit synchronous applications.
## Features
️· Synchronous operation
️· Internal carry look-ahead circuitry
️· Fully programmable
️· Cascadable
️· Available in various package options (D, FK, N, J)
️· SN54ALS/AS versions for military temperature range (-55°C to 125°C)
️· SN74ALS/AS versions for 0°C to 70°C operation
## Functional Description
The counters are up/down binary counters with preset and load capabilities. They feature count enable (ENP, ENT), up/down (U/D) control, and ripple carry output (RCO).
## Electrical Characteristics (Summary)
️· VCC: 4.5V - 5.5V
️· Input High Voltage (VIH): 2V (ALS/AS) / 0.8V (AS)
️· Output High Voltage (VOH): VCC - 2V
️· Output Low Voltage (VOL): 0.4V (ALS) / 0.25V (AS)
️· Operating Temperature: -55°C to 125°C (SN54ALS/AS), 0°C to 70°C (SN74ALS/AS)
## Package Options
️· D: Plastic Small Outline
️· FK: Ceramic Chip Carrier
️· N: Standard Plastic DIP
️· J: Ceramic DIP
## Absolute Maximum Ratings
️· Supply Voltage: 7V
️· Input Voltage: 7V
️· Operating Temperature: -65°C to 150°C
️· Storage Temperature: -65°C to 150°C
## Key Parameters
️· Propagation Delay: Varies depending on device type and temperature.
️· Clock Frequency: Up to 60-75 MHz.
️· Power Consumption: Varies depending on device type and load.
## Logic Diagram
(Detailed logic diagram available in the datasheet)
## Test Conditions
(Detailed test conditions and waveforms are provided in the datasheet)
# SN74ALS169/SN54ALS169/SN74AS169/SN54AS169 Counters/Latches
## Description
These are synchronous 4-bit up/down binary presettable counters with internal carry look-ahead circuitry for high-speed counting applications. They feature synchronous operation, eliminating output spikes associated with asynchronous counters. They are fully programmable and can be cascaded for n-bit synchronous applications.
## Features
️· Synchronous operation
️· Internal carry look-ahead circuitry
️· Fully programmable
️· Cascadable
️· Available in various package options (D, FK, N, J)
️· SN54ALS/AS versions for military temperature range (-55°C to 125°C)
️· SN74ALS/AS versions for 0°C to 70°C operation
## Functional Description
The counters are up/down binary counters with preset and load capabilities. They feature count enable (ENP, ENT), up/down (U/D) control, and ripple carry output (RCO).
## Electrical Characteristics (Summary)
️· VCC: 4.5V - 5.5V
️· Input High Voltage (VIH): 2V (ALS/AS) / 0.8V (AS)
️· Output High Voltage (VOH): VCC - 2V
️· Output Low Voltage (VOL): 0.4V (ALS) / 0.25V (AS)
️· Operating Temperature: -55°C to 125°C (SN54ALS/AS), 0°C to 70°C (SN74ALS/AS)
## Package Options
️· D: Plastic Small Outline
️· FK: Ceramic Chip Carrier
️· N: Standard Plastic DIP
️· J: Ceramic DIP
## Absolute Maximum Ratings
️· Supply Voltage: 7V
️· Input Voltage: 7V
️· Operating Temperature: -65°C to 150°C
️· Storage Temperature: -65°C to 150°C
## Key Parameters
️· Propagation Delay: Varies depending on device type and temperature.
️· Clock Frequency: Up to 60-75 MHz.
️· Power Consumption: Varies depending on device type and load.
## Logic Diagram
(Detailed logic diagram available in the datasheet)
## Test Conditions
(Detailed test conditions and waveforms are provided in the datasheet)
| Part No. | SN54ALS169B_07 |
| Manufacturer | TI |
| Size | 686 Kbytes |
| Pages | 19 pages |
| Description | SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS |