Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SFECF10M7DF00S0-R0 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SFECF10M7DF00S0-R0 Datasheet

  • # Example questions: ➢ What is the specified input/output impedance of this filter?
    ➢ What is the maximum thickness of the sfecf10m7df00s0-r0 filter?
    ➢ How many units of the sfecf10m7df00s0-r0 are included in a standard packing quantity?

  • Part No.SFECF10M7DF00S0-R0
    ManufacturerMURATA1
    Size355 Kbytes
    Pages3 pages
    DescriptionFilters
    Datasheet Summary with AI

    # SFECF10M7DF00S0-R0

    ## General Information

    ️· Datasheet may be out of date; refer to Murata's website for the latest version.
    ️· Specifications are subject to change or product discontinuation without notice.
    ️· Datasheet contains typical specifications; review product specifications or approval sheet before ordering.

    ## Applications

    ️· Suitable for FM receivers.
    ️· Used in VICS/RKE/TPMS applications.
    ️· Refer to Murata's website for detailed application requirements.

    ## Packaging

    Packaging Specifications Standard<br>Packing<br>Quantity
    R0 180mm Embossed Tape 2000

    ## Features

    ️· Super thin (1.4mm max.) filters.
    ️· Small mounting area (3.45x3.1mm).
    ️· Mountable by automatic placers.
    ️· Flexible PCB design enabled by slim profile (1.4mm max. thickness).
    ️· Various bandwidths available.

    ## Appearance & Shape

    ️· SMD
    ️· Elements: 2

    ## Specifications

    ️· Operating Temperature Range: -40°C to +85°C
    ️· Storage Temperature Range: -55°C to +85°C
    ️· Center Frequency: 10.700MHz
    ️· Nominal Center Value: Yes
    ️· 3dB Bandwidth: fn±145kHzmin.
    ️· Stop Bandwidth: 990kHz
    ️· Spurious Attenuation: 20dB (within 9MHz to fn)
    ️· Insertion Loss: 6.0dBmax. (at fn)
    ️· Ripple: 3.0dBmax. (at minimum loss point)
    ️· Input/Output Impedance: 330Ω
    ️· Mass: 65mg

    # SFECF10M7DF00S0-R0

    ## General Information

    ️· Datasheet may be out of date; refer to Murata's website for the latest version.
    ️· Specifications are subject to change or product discontinuation without notice.
    ️· Datasheet contains typical specifications; review product specifications or approval sheet before ordering.

    ## Applications

    ️· Suitable for FM receivers.
    ️· Used in VICS/RKE/TPMS applications.
    ️· Refer to Murata's website for detailed application requirements.

    ## Packaging

    Packaging Specifications Standard<br>Packing<br>Quantity
    R0 180mm Embossed Tape 2000

    ## Features

    ️· Super thin (1.4mm max.) filters.
    ️· Small mounting area (3.45x3.1mm).
    ️· Mountable by automatic placers.
    ️· Flexible PCB design enabled by slim profile (1.4mm max. thickness).
    ️· Various bandwidths available.

    ## Appearance & Shape

    ️· SMD
    ️· Elements: 2

    ## Specifications

    ️· Operating Temperature Range: -40°C to +85°C
    ️· Storage Temperature Range: -55°C to +85°C
    ️· Center Frequency: 10.700MHz
    ️· Nominal Center Value: Yes
    ️· 3dB Bandwidth: fn±145kHzmin.
    ️· Stop Bandwidth: 990kHz
    ️· Spurious Attenuation: 20dB (within 9MHz to fn)
    ️· Insertion Loss: 6.0dBmax. (at fn)
    ️· Ripple: 3.0dBmax. (at minimum loss point)
    ️· Input/Output Impedance: 330Ω
    ️· Mass: 65mg

    Part No.SFECF10M7DF00S0-R0
    ManufacturerMURATA1
    Size355 Kbytes
    Pages3 pages
    DescriptionFilters