| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SFECF10M7DA0001-R0 Datasheet
# Example questions:
➢ How many units of the sfecf10m7da0001-r0 are included in a standard packing quantity?
➢ What is the specified input/output impedance for this filter?
➢ What is the maximum thickness of the sfecf10m7da0001-r0 filter?
# SFECF10M7DA0001-R0
## General Information
️· Datasheet may be outdated. Refer to Murata's website for the latest version: [http://www.murata.com/en/products/productdetail?partno=SFECF10M7DA0001-R0](http://www.murata.com/en/products/productdetail?partno=SFECF10M7DA0001-R0)
️· Specifications are subject to change without notice. Consult Murata sales or engineers before ordering.
️· Datasheet contains typical specifications only. Refer to product specifications or approval sheet for detailed information.
️· Last updated: 04/09/2024
## Features
️· SFECF10M7 series: FM receiver filters
️· Small size and thin profile (1.4mm max.)
️· Mountable by automatic placers
️· Operating Temperature Range: -20 to +80°C
️· Storage Temperature Range: -40 to +85°C
## Packaging
| Packaging | Specification |
|--------------------|-------------------------|
| Standard Packing | 180mm Embossed Tape |
| Quantity | 2000 |
## Specifications
️· Center Frequency: 10.700 MHz
️· Center Frequency Tolerance: ±30 kHz
️· 3dB Bandwidth: 420 kHz min.
️· Stop Bandwidth: 950 kHz
️· Spurious Attenuation: 35 dB (within 9 MHz to fo)
️· Insertion Loss: 3.0 dB ± 2.0 dB (at minimum loss point)
️· Ripple: 3.0 dB max. (at minimum loss point)
️· Input/Output Impedance: 330 Ω
️· Mass: 65 mg
️· Shape: SMD
️· Elements: 2
# SFECF10M7DA0001-R0
## General Information
️· Datasheet may be outdated. Refer to Murata's website for the latest version: [http://www.murata.com/en/products/productdetail?partno=SFECF10M7DA0001-R0](http://www.murata.com/en/products/productdetail?partno=SFECF10M7DA0001-R0)
️· Specifications are subject to change without notice. Consult Murata sales or engineers before ordering.
️· Datasheet contains typical specifications only. Refer to product specifications or approval sheet for detailed information.
️· Last updated: 04/09/2024
## Features
️· SFECF10M7 series: FM receiver filters
️· Small size and thin profile (1.4mm max.)
️· Mountable by automatic placers
️· Operating Temperature Range: -20 to +80°C
️· Storage Temperature Range: -40 to +85°C
## Packaging
| Packaging | Specification |
|---|---|
| Standard Packing | 180mm Embossed Tape |
| Quantity | 2000 |
| Part No. | SFECF10M7DA0001-R0 |
| Manufacturer | MURATA1 |
| Size | 354 Kbytes |
| Pages | 3 pages |
| Description | Filters |