Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

634008138121 Datasheet with Chat AI
Part No.634008138121
ManufacturerWURTH
Size736 Kbytes
Pages7 pages
DescriptionWR-MJ SMT Modular Jack
Datasheet Summary with AI

# WR-MJ SMT Modular Jack

## General Information
️· Order Code: 634008138121
️· Number of Pins: 8P8C
️· Durability: 500 Mating cycles
️· Operating Temperature: -40 to +85 °C

## Material Properties
️· Insulator Material: LCP
️· Insulator Flammability Rating: UL94 V-0
️· Insulator Color: Black
️· Contact Material: Copper Alloy
️· Contact Plating: Selective Gold
️· Contact Type: Stamped

## Electrical Properties
️· Rated Current: 1.5 A
️· Working Voltage: 120 V (AC)
️· Withstanding Voltage: 1000 V (AC) (1 min)
️· Contact Resistance: 20 mΩ max.
️· Insulation Resistance: 500 MΩ min.

## Certifications
️· RoHS: Compliant [2011/65/EU&2015/863]
️· REACh: Conform or declared [(EC)1907/2006]
️· UL: E324776

## Dimensions (mm)
️· 8.89 ±0.20
️· 9.60 ±0.20
️· 11.43 ±0.1
️· 15.24 ±0.20

## Packaging
️· Tray: 155 x 129 x 295 mm (80 pcs)
️· Carton: 460 x 310 x 310 mm (3600 pcs)

## Reflow Soldering
️· Ts min: 150 °C
️· Ts max: 200 °C
️· TL: 217 °C
️· Tp: ≤ Tc (refer to table for Tc values based on package volume and thickness)

## Cautions & Warnings
️· Not for use in safety-critical applications without prior agreement.
️· Follow proper soldering, cleaning, potting, and storage guidelines.
️· Refer to datasheet for complete specifications and limitations.

# WR-MJ SMT Modular Jack

## General Information
️· Order Code: 634008138121
️· Number of Pins: 8P8C
️· Durability: 500 Mating cycles
️· Operating Temperature: -40 to +85 °C

## Material Properties
️· Insulator Material: LCP
️· Insulator Flammability Rating: UL94 V-0
️· Insulator Color: Black
️· Contact Material: Copper Alloy
️· Contact Plating: Selective Gold
️· Contact Type: Stamped

## Electrical Properties
️· Rated Current: 1.5 A
️· Working Voltage: 120 V (AC)
️· Withstanding Voltage: 1000 V (AC) (1 min)
️· Contact Resistance: 20 mΩ max.
️· Insulation Resistance: 500 MΩ min.

## Certifications
️· RoHS: Compliant [2011/65/EU&2015/863]
️· REACh: Conform or declared [(EC)1907/2006]
️· UL: E324776

## Dimensions (mm)
️· 8.89 ±0.20
️· 9.60 ±0.20
️· 11.43 ±0.1
️· 15.24 ±0.20

## Packaging
️· Tray: 155 x 129 x 295 mm (80 pcs)
️· Carton: 460 x 310 x 310 mm (3600 pcs)

## Reflow Soldering
️· Ts min: 150 °C
️· Ts max: 200 °C
️· TL: 217 °C
️· Tp: ≤ Tc (refer to table for Tc values based on package volume and thickness)

## Cautions & Warnings
️· Not for use in safety-critical applications without prior agreement.
️· Follow proper soldering, cleaning, potting, and storage guidelines.
️· Refer to datasheet for complete specifications and limitations.

Part No.634008138121
ManufacturerWURTH
Size736 Kbytes
Pages7 pages
DescriptionWR-MJ SMT Modular Jack