| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
# WERI PART NO: 615 0xx 149 421 - Horizontal 6P6C Modular Jack
## Product Overview
· Horizontal plastic 6P6C modular jack with tab.
· RoHS Compliant
## Technical Specifications
Material
· Insulator: PBT, UL94-V0 flammability rating, Black color
· Contact Material: Copper Alloy
· Contact Type: Stamped Contact
· Plating: Gold
· Metal Pin: Brass, Ni Plated
Electrical Characteristics
· Current Rating: 1.5A
· Working Voltage: 120V AC
· Insulation Resistance: >500 MΩ
· Withstanding Voltage: 1000 VAC/min
· Contact Resistance: 20 mΩ max
Environmental Specifications
· Operating Temperature: -40°C to +85°C
· Compliance: Lead Free and RoHS
Quality
· 500 Mating Cycles
## Soldering
· JEDEC Lead Free Wave Soldering Process
## Packaging
· Tray packaging
· Metal Peg
· Tray size: 275x140x20
· Carton Size: 460x310x310
· Waterproof bag size: 450x350x570
· Tray configuration: 3 piles, 11 trays/pile, 2 additional trays on upper layer.
· Parts per Tray:
- 2 Ports: 40 pcs
- 3 Ports: 30 pcs
- 4 Ports: 20 pcs
· Parts per Carton:
- 2 Ports: 1400 pcs
- 3 Ports: 1050 pcs
- 4 Ports: 700 pcs
## Tolerances
· .X = +/- 0.3 (Sheet 1/3)
· .XX = +/- 0.20 (Sheet 1/3)
· .X = +/- 0.2 (Sheet 2/3)
· .XX = +/- 0.15 (Sheet 2/3)
## Safety Disclaimer
· Component intended for general electronics equipment.
· Requires additional safety evaluation for critical applications (aerospace, aviation, medical, etc.).
· Sufficient reliability checks must be performed when used in high-safety/reliability circuits.
## Certification
· Certified: E324776
# WERI PART NO: 615 0xx 149 421 - Horizontal 6P6C Modular Jack
## Product Overview
· Horizontal plastic 6P6C modular jack with tab.
· RoHS Compliant
## Technical Specifications
Material
· Insulator: PBT, UL94-V0 flammability rating, Black color
· Contact Material: Copper Alloy
· Contact Type: Stamped Contact
· Plating: Gold
· Metal Pin: Brass, Ni Plated
Electrical Characteristics
· Current Rating: 1.5A
· Working Voltage: 120V AC
· Insulation Resistance: >500 MΩ
· Withstanding Voltage: 1000 VAC/min
· Contact Resistance: 20 mΩ max
Environmental Specifications
· Operating Temperature: -40°C to +85°C
· Compliance: Lead Free and RoHS
Quality
· 500 Mating Cycles
## Soldering
· JEDEC Lead Free Wave Soldering Process
## Packaging
· Tray packaging
· Metal Peg
· Tray size: 275x140x20
· Carton Size: 460x310x310
· Waterproof bag size: 450x350x570
· Tray configuration: 3 piles, 11 trays/pile, 2 additional trays on upper layer.
· Parts per Tray:
- 2 Ports: 40 pcs
- 3 Ports: 30 pcs
- 4 Ports: 20 pcs
· Parts per Carton:
- 2 Ports: 1400 pcs
- 3 Ports: 1050 pcs
- 4 Ports: 700 pcs
## Tolerances
· .X = +/- 0.3 (Sheet 1/3)
· .XX = +/- 0.20 (Sheet 1/3)
· .X = +/- 0.2 (Sheet 2/3)
· .XX = +/- 0.15 (Sheet 2/3)
## Safety Disclaimer
· Component intended for general electronics equipment.
· Requires additional safety evaluation for critical applications (aerospace, aviation, medical, etc.).
· Sufficient reliability checks must be performed when used in high-safety/reliability circuits.
## Certification
· Certified: E324776
| Part No. | 615012149421 |
| Manufacturer | WURTH |
| Size | 461 Kbytes |
| Pages | 3 pages |
| Description | HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP |