| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 31_N-50-0-2133_N-1 Datasheet
# Example questions:
➢ What is the maximum operating temperature for this n-type coaxial adapter?
➢ What is the vswr at a frequency of 8 ghz according to the electrical data provided?
➢ Which packaging type is used when ordering item number 22649845?
# COAXIAL ADAPTER, N, 50 Ohm, Jack/Jack (Female/Female) - 31_N-50-0-2/133_N-1
## Properties
· Wide range of configurations
· Accurate transitions
· Reliable interconnection solutions
· Appropriate materials
## Product Configuration
· Interface Type: N Jack (Female)
- Standard: IEC 61169-16, MIL-STD-348A, 304, CECC 22210
## Material Data
· Center Contact: Copper Beryllium Alloy, Gold Plating (Nickel Underplated)
· Outer Conductor: Brass, SUCOPLATE (R) Plating
· Body: Brass, SUCOPLATE (R) Plating
· Insulator: PFA / PTFE
## Electrical Data
· Impedance: 50 Ω
· Interface Frequency: 12.4 GHz
## Electrical Data (Frequency Related)
| Frequency Range | Return Loss | VSWR |
|---|---|---|
| 0 GHz ... 2 GHz | 30 dB | 1.07 |
| 2 GHz ... 8 GHz | 15 dB | 1.43 |
| 8 GHz ... 12.4 GHz | 10 dB | 1.92 |
# COAXIAL ADAPTER, N, 50 Ohm, Jack/Jack (Female/Female) - 31_N-50-0-2/133_N-1
## Properties
· Wide range of configurations
· Accurate transitions
· Reliable interconnection solutions
· Appropriate materials
## Product Configuration
· Interface Type: N Jack (Female)
- Standard: IEC 61169-16, MIL-STD-348A, 304, CECC 22210
## Material Data
· Center Contact: Copper Beryllium Alloy, Gold Plating (Nickel Underplated)
· Outer Conductor: Brass, SUCOPLATE (R) Plating
· Body: Brass, SUCOPLATE (R) Plating
· Insulator: PFA / PTFE
## Electrical Data
· Impedance: 50 Ω
· Interface Frequency: 12.4 GHz
## Electrical Data (Frequency Related)
| Frequency Range | Return Loss | VSWR |
|---|---|---|
| 0 GHz ... 2 GHz | 30 dB | 1.07 |
| 2 GHz ... 8 GHz | 15 dB | 1.43 |
| 8 GHz ... 12.4 GHz | 10 dB | 1.92 |
| Part No. | 31_N-50-0-2133_N-1 |
| Manufacturer | HUBERSUHNER |
| Size | 509 Kbytes |
| Pages | 2 pages |
| Description | COAXIAL ADAPTER, N, 50 Ohm, jack / jack (female / female) |