| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BPR56 Datasheet
# Example questions:
➢ What is the rated ambient temperature for these resistors?
➢ Is a 0.033 ohm resistor available in the 56f/58f series with a tolerance of ±5%?
➢ For a 100 ohm resistor with a 26f or 28f designation, what tolerance options are available?
This document appears to be a catalog or technical specification sheet for power resistors. Here's a breakdown of the information it contains:
1. General Information:
️· Product: Power resistors (various types and configurations)
️· Manufacturer: Not explicitly stated, but likely a Japanese manufacturer given the formatting and conventions.
️· Purpose: These resistors are used in electrical circuits to dissipate power as heat.
2. Key Specifications & Features:
️· Rated Ambient Temperature: +70°C (This is the maximum allowable temperature of the surrounding environment)
️· Operating Temperature Range: -40°C to +200°C (The range of temperatures within which the resistor can operate safely)
️· Rated Voltage: Calculated as Power Rating x Nominal Resistance (a formula is provided)
️· Warnings: Specifications are subject to change without notice. Users must verify specifications before ordering and using.
3. Resistor Types and Configurations:
️· Single Straight Style: Standard resistor.
️· Single Forming Style: Likely a resistor that has a special shape or mounting arrangement.
️· Twin Shape: Resistors connected in series.
️· Various Power Ratings: (e.g., 2W, 3W, 5W, 7W, 10W)
️· Resistance Values: A wide range of resistance values are offered.
️· Tolerances: J (±5%) and K (±10%) are standard tolerances.
4. Resistance Value Table:
️· This is the most extensive part of the document, listing available resistance values for different resistor types and tolerances. It uses symbols (○) to indicate which values are available for each combination.
In essence, this is a detailed technical reference for selecting appropriate power resistors for a specific application.
1. General Information:
️· Product: Power resistors (various types and configurations)
️· Manufacturer: Not explicitly stated, but likely a Japanese manufacturer given the formatting and conventions.
️· Purpose: These resistors are used in electrical circuits to dissipate power as heat.
2. Key Specifications & Features:
️· Rated Ambient Temperature: +70°C (This is the maximum allowable temperature of the surrounding environment)
️· Operating Temperature Range: -40°C to +200°C (The range of temperatures within which the resistor can operate safely)
️· Rated Voltage: Calculated as Power Rating x Nominal Resistance (a formula is provided)
️· Warnings: Specifications are subject to change without notice. Users must verify specifications before ordering and using.
3. Resistor Types and Configurations:
️· Single Straight Style: Standard resistor.
️· Single Forming Style: Likely a resistor that has a special shape or mounting arrangement.
️· Twin Shape: Resistors connected in series.
️· Various Power Ratings: (e.g., 2W, 3W, 5W, 7W, 10W)
️· Resistance Values: A wide range of resistance values are offered.
️· Tolerances: J (±5%) and K (±10%) are standard tolerances.
4. Resistance Value Table:
️· This is the most extensive part of the document, listing available resistance values for different resistor types and tolerances. It uses symbols (○) to indicate which values are available for each combination.
In essence, this is a detailed technical reference for selecting appropriate power resistors for a specific application.
| Part No. | BPR56 |
| Manufacturer | ETC |
| Size | 269 Kbytes |
| Pages | 2 pages |
| Description | Square metal plate resistor Rectangular Type Metal Plate Resistors |