Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Datasheet with Chat AI
Datasheet Details
Part No.M95320-RMB3T/P
MfrSTMICROELECTRONICS
Size353 Kbytes
Pages44 pages
Description32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
Datasheet SummaryAI
1. Device Overview:

️· Type: Electrically Erasable Programmable Memory (EEPROM)
️· Interface: SPI (Serial Peripheral Interface) compatible
️· Sizes:
- M95320: 32 Kbit (4096 x 8 bits)
- M95640: 64 Kbit (8192 x 8 bits)
️· Packaging: Available in ECOPACK® packages (Lead-free and RoHS compliant).

2. Key Signals & Their Functions:

️· C (Serial Clock): Provides timing for the SPI interface.
️· D (Serial Data Input): Input for instructions, addresses, and data to be written.
️· Q (Serial Data Output): Output for data read from the device.
️· S (Chip Select): Selects/deselects the device. Low = Selected, High = Deselected.
️· W (Write Protect): Freezes the size of the memory area protected against writes.
️· HOLD: Pauses communication without deselecting.
️· VCC: Supply Voltage.
️· VSS: Ground.

3. SPI Communication:

️· Data Transfer: Most Significant Bit (MSB) first.
️· Clock Polarity/Phase: Supports two SPI modes:
- CPOL=0, CPHA=0
- CPOL=1, CPHA=1
️· Multiple Devices: Can be connected to a single SPI bus; only one device drives the Q line at a time.

4. Important Considerations & Requirements:

️· Stable VCC: Essential during operation.
️· Signal Levels: Signals must be driven High or Low.
️· Pull-up/Pull-down Resistors: Needed on the bus for proper operation, especially for the S (Chip Select) and Clock (C) lines.

5. Key Features & Benefits:

️· High-Speed SPI Interface: Allows for fast data access.
️· ECOPACK Packaging: Environmentally friendly.
️· Flexibility: Available in different memory sizes to suit various applications.
️· Write Protection: Protects critical data from accidental modification.
M95320-RMB3T/P Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about M95320-RMB3T/P Datasheet.
    Example questions: ➤ Explain the function of the write protect (w) signal and how it relates to memory protection.➤ What is the purpose of the hold (hold) signal, and under what conditions can it be used?➤ What are the two spi modes supported by these devices?
  • Datasheet Details
    Part No.M95320-RMB3T/P
    ManufacturerSTMICROELECTRONICS
    Size353 Kbytes
    Pages44 pages
    Description32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
    Datasheet Summary AI Expand summary
    1. Device Overview:

    ️· Type: Electrically Erasable Programmable Memory (EEPROM)
    ️· Interface: SPI (Serial Peripheral Interface) compatible
    ️· Sizes:
    - M95320: 32 Kbit (4096 x 8 bits)
    - M95640: 64 Kbit (8192 x 8 bits)
    ️· Packaging: Available in ECOPACK® packages (Lead-free and RoHS compliant).

    2. Key Signals & Their Functions:

    ️· C (Serial Clock): Provides timing for the SPI interface.
    ️· D (Serial Data Input): Input for instructions, addresses, and data to be written.
    ️· Q (Serial Data Output): Output for data read from the device.
    ️· S (Chip Select): Selects/deselects the device. Low = Selected, High = Deselected.
    ️· W (Write Protect): Freezes the size of the memory area protected against writes.
    ️· HOLD: Pauses communication without deselecting.
    ️· VCC: Supply Voltage.
    ️· VSS: Ground.

    3. SPI Communication:

    ️· Data Transfer: Most Significant Bit (MSB) first.
    ️· Clock Polarity/Phase: Supports two SPI modes:
    - CPOL=0, CPHA=0
    - CPOL=1, CPHA=1
    ️· Multiple Devices: Can be connected to a single SPI bus; only one device drives the Q line at a time.

    4. Important Considerations & Requirements:

    ️· Stable VCC: Essential during operation.
    ️· Signal Levels: Signals must be driven High or Low.
    ️· Pull-up/Pull-down Resistors: Needed on the bus for proper operation, especially for the S (Chip Select) and Clock (C) lines.

    5. Key Features & Benefits:

    ️· High-Speed SPI Interface: Allows for fast data access.
    ️· ECOPACK Packaging: Environmentally friendly.
    ️· Flexibility: Available in different memory sizes to suit various applications.
    ️· Write Protection: Protects critical data from accidental modification.