Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSB512IYDT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TSB512IYDT Datasheet

  • # Example questions: ➢ What is the purpose of the 'ecopack' designation mentioned in the package information section?
    ➢ Identify at least two different package types available for the tsb512, and list a key mechanical dimension (e.g., length, width) for each.
    ➢ What is the maximum input voltage range for the tsb514, as implied by the provided datasheet excerpts?

  • Part No.TSB512IYDT
    ManufacturerSTMICROELECTRONICS
    Size2Mb
    Pages26 pages
    DescriptionRail-to-rail inputs and outputs, 36 V, 6 MHz op amps
    Datasheet Summary with AI

    Document Type: This is a datasheet for the TSB511, TSB512, and TSB514 series of operational amplifiers (op-amps).

    Key Features (Not explicitly listed, but implied by the detailed specs):

    ️· Low Power: These op-amps are designed for low-power applications.
    ️· Rail-to-Rail Input and Output: (Likely feature based on typical op-amp descriptions, although not stated directly).
    ️· Single-Supply Operation: They are intended for single-supply voltage configurations.
    ️· Multiple Package Options: Available in SOT23-5, MiniSO8, SO8, and TSSOP14 packages.

    Electrical Characteristics:

    ️· The datasheet contains a *large* amount of detailed electrical specifications, including:
    - Supply Voltage
    - Input Bias Current
    - Input Offset Voltage
    - Open-Loop Gain
    - Slew Rate
    - Gain Bandwidth Product
    - Noise
    - Common-Mode Rejection Ratio (CMRR)
    - Power Supply Rejection Ratio (PSRR)
    - Output Swing

    Package Information:

    ️· Detailed mechanical dimensions and recommended footprints are provided for:
    - SOT23-5
    - MiniSO8
    - SO8
    - TSSOP14

    Ordering Information:

    ️· Various part numbers are listed for each op-amp in different package types. Some part numbers are designated as AEC-Q100/Q003 qualified for automotive applications.

    Important Notes:

    ️· ST offers these devices in EcoPack packages, emphasizing their commitment to environmental responsibility.
    ️· Datasheet includes detailed tables of absolute maximum ratings, recommended operating conditions, electrical characteristics, and timing parameters.

    In essence, this datasheet provides all the necessary technical information for engineers to select, implement, and use the TSB511, TSB512, and TSB514 op-amps in their designs.

    Document Type: This is a datasheet for the TSB511, TSB512, and TSB514 series of operational amplifiers (op-amps).

    Key Features (Not explicitly listed, but implied by the detailed specs):

    ️· Low Power: These op-amps are designed for low-power applications.
    ️· Rail-to-Rail Input and Output: (Likely feature based on typical op-amp descriptions, although not stated directly).
    ️· Single-Supply Operation: They are intended for single-supply voltage configurations.
    ️· Multiple Package Options: Available in SOT23-5, MiniSO8, SO8, and TSSOP14 packages.

    Electrical Characteristics:

    ️· The datasheet contains a *large* amount of detailed electrical specifications, including:
    - Supply Voltage
    - Input Bias Current
    - Input Offset Voltage
    - Open-Loop Gain
    - Slew Rate
    - Gain Bandwidth Product
    - Noise
    - Common-Mode Rejection Ratio (CMRR)
    - Power Supply Rejection Ratio (PSRR)
    - Output Swing

    Package Information:

    ️· Detailed mechanical dimensions and recommended footprints are provided for:
    - SOT23-5
    - MiniSO8
    - SO8
    - TSSOP14

    Ordering Information:

    ️· Various part numbers are listed for each op-amp in different package types. Some part numbers are designated as AEC-Q100/Q003 qualified for automotive applications.

    Important Notes:

    ️· ST offers these devices in EcoPack packages, emphasizing their commitment to environmental responsibility.
    ️· Datasheet includes detailed tables of absolute maximum ratings, recommended operating conditions, electrical characteristics, and timing parameters.

    In essence, this datasheet provides all the necessary technical information for engineers to select, implement, and use the TSB511, TSB512, and TSB514 op-amps in their designs.

    Part No.TSB512IYDT
    ManufacturerSTMICROELECTRONICS
    Size2Mb
    Pages26 pages
    DescriptionRail-to-rail inputs and outputs, 36 V, 6 MHz op amps