| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2811/3 Datasheet
# Example questions:
➢ What is the minimum length of cable available on a spool, as specified in the packaging information?
➢ What is the maximum operating temperature for the cable described in the specifications?
➢ What is the maximum allowed concentration of lead in the cable by weight?
1. General Description:
️· This is a multi-conductor cable designed for demanding applications.
️· It includes silver-plated copper braid shielding for EMI/RFI protection.
️· The cable is constructed with PTFE and fiberglass for high-temperature resistance.
️· The cable is RoHS compliant.
2. Construction Details:
️· Conductors: Silver-plated copper.
️· Insulation: PTFE.
️· Shielding: Silver-plated copper braid (90% coverage).
️· Jacket: PTFE impregnated fiberglass.
️· Jacket Separator: Skived PTFE tape (25% overlap).
3. Electrical Specifications:
️· Voltage Rating: 600 VRMS.
️· Capacitance: 20.7 pF/ft (conductor to conductor).
️· Ground Capacitance: 37 pF/ft.
️· Inductance: 0.18 μH/ft.
️· Conductor DCR: 22.5 Ω/1000ft.
️· OA Shield DCR: 5.7 Ω/1000ft.
4. Physical Specifications:
️· Temperature Range: -55°C to 200°C.
️· Bend Radius: 10 times the cable diameter.
️· Pull Tension: 14.5 lbs maximum.
️· Jacket Diameter: 0.152" (0.166" max.).
️· Packaging: Available in 1000 ft reels (3 pieces) or 100 ft continuous lengths.
5. Regulatory Compliance:
️· Military Specification: MIL-W-16878/4 (Type E).
️· NEMA Specification: NEMA HP3-EXBEE.
️· RoHS Compliant: Complies with EU RoHS Directive 2011/65/EU and UK-RoHS.
️· China RoHS Compliant: Complies with SJ/T 11364-2014 and GB/T 26572-2011.
️· California Proposition 65: Exempt from labeling requirements under Proposition 65.
6. Key Applications:
️· High-temperature environments.
️· Applications requiring EMI/RFI shielding.
️· Demanding industrial applications.
Important Notes:
️· This cable is specifically designed for applications requiring a combination of high-temperature performance and shielding.
️· Always refer to the full specification sheet for complete details and limitations.
1. General Description:
️· This is a multi-conductor cable designed for demanding applications.
️· It includes silver-plated copper braid shielding for EMI/RFI protection.
️· The cable is constructed with PTFE and fiberglass for high-temperature resistance.
️· The cable is RoHS compliant.
2. Construction Details:
️· Conductors: Silver-plated copper.
️· Insulation: PTFE.
️· Shielding: Silver-plated copper braid (90% coverage).
️· Jacket: PTFE impregnated fiberglass.
️· Jacket Separator: Skived PTFE tape (25% overlap).
3. Electrical Specifications:
️· Voltage Rating: 600 VRMS.
️· Capacitance: 20.7 pF/ft (conductor to conductor).
️· Ground Capacitance: 37 pF/ft.
️· Inductance: 0.18 μH/ft.
️· Conductor DCR: 22.5 Ω/1000ft.
️· OA Shield DCR: 5.7 Ω/1000ft.
4. Physical Specifications:
️· Temperature Range: -55°C to 200°C.
️· Bend Radius: 10 times the cable diameter.
️· Pull Tension: 14.5 lbs maximum.
️· Jacket Diameter: 0.152" (0.166" max.).
️· Packaging: Available in 1000 ft reels (3 pieces) or 100 ft continuous lengths.
5. Regulatory Compliance:
️· Military Specification: MIL-W-16878/4 (Type E).
️· NEMA Specification: NEMA HP3-EXBEE.
️· RoHS Compliant: Complies with EU RoHS Directive 2011/65/EU and UK-RoHS.
️· China RoHS Compliant: Complies with SJ/T 11364-2014 and GB/T 26572-2011.
️· California Proposition 65: Exempt from labeling requirements under Proposition 65.
6. Key Applications:
️· High-temperature environments.
️· Applications requiring EMI/RFI shielding.
️· Demanding industrial applications.
Important Notes:
️· This cable is specifically designed for applications requiring a combination of high-temperature performance and shielding.
️· Always refer to the full specification sheet for complete details and limitations.
| Part No. | 2811/3 |
| Manufacturer | ALPHAWIRE |
| Size | 99 Kbytes |
| Pages | 4 pages |
| Description | Customer Specification |