| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about VS-25FR_V01 Datasheet
# Example questions:
➢ What does the '120' in 'vs-25fr120m' represent, and how is it related to the voltage rating of the device?
➢ What types of applications are vishay products *not* designed for, and what are the consequences of using them in those applications?
➢ What is the significance of the 'r' in the device code 'vs-25fr120m', and how does it affect the stud polarity?
# VS-25F(R) Series Standard Recovery Diodes
## Features
️· High surge current capability
️· Stud cathode & anode versions available
️· Wide current range (up to 25A IF(AV))
️· Voltage Range: 100 to 1200V V RRM
️· DO-4 (DO-203AA) Package
## Electrical Specifications
️· IF(AV): 25A @ 120°C
️· IF(RMS): 40A
️· VRRM Range: 100V - 1200V
️· TJ: -65 to +175°C
️· I2t: 636 A²s (50Hz) / 580 A²s (60Hz)
## Ordering Information
️· Device Code: 5 6 1 3 2 4
️· Suffixes:
- F = Standard device
- R = Reverse polarity (anode to stud)
- Voltage code x 10 = VRRM
- Base options: None (10-32UNF-2A) or M (M5 x 0.8)
## Thermal & Mechanical Specifications
️· RthJC: 1.5 K/W (DC)
️· RthCS: 0.5 K/W
️· Mounting Torque: 1.5 N·m (not lubricated) / 1.2 N·m (lubricated)
️· Weight: ~7g (0.25oz)
## Applications
️· Battery chargers
️· Converters
️· Power supplies
️· Machine tool controls
# VS-25F(R) Series Standard Recovery Diodes
## Features
️· High surge current capability
️· Stud cathode & anode versions available
️· Wide current range (up to 25A IF(AV))
️· Voltage Range: 100 to 1200V V RRM
️· DO-4 (DO-203AA) Package
## Electrical Specifications
️· IF(AV): 25A @ 120°C
️· IF(RMS): 40A
️· VRRM Range: 100V - 1200V
️· TJ: -65 to +175°C
️· I2t: 636 A²s (50Hz) / 580 A²s (60Hz)
## Ordering Information
️· Device Code: 5 6 1 3 2 4
️· Suffixes:
- F = Standard device
- R = Reverse polarity (anode to stud)
- Voltage code x 10 = VRRM
- Base options: None (10-32UNF-2A) or M (M5 x 0.8)
## Thermal & Mechanical Specifications
️· RthJC: 1.5 K/W (DC)
️· RthCS: 0.5 K/W
️· Mounting Torque: 1.5 N·m (not lubricated) / 1.2 N·m (lubricated)
️· Weight: ~7g (0.25oz)
## Applications
️· Battery chargers
️· Converters
️· Power supplies
️· Machine tool controls
| Part No. | VS-25FR_V01 |
| Manufacturer | VISHAY |
| Size | 162 Kbytes |
| Pages | 6 pages |
| Description | Standard Recovery Diodes, Standard Recovery Diodes, |