Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DBF1505 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DBF1505 Datasheet

  • # Example questions: ➢ By how much should the current be derated for capacitive loads?
    ➢ What is the typical junction capacitance for the dbf1505 rectifier?
    ➢ What is the maximum average rectified output current for the dbf1508 rectifier?

  • Part No.DBF1505
    ManufacturerZSELEC
    Size162 Kbytes
    Pages2 pages
    Description1.5A GLASS PASSIVATED BRIDGE RECTIFIER
    Datasheet Summary with AI

    # DBF1505 – DBF1510: 1.5A Glass Passivated Bridge Rectifier – Key Specifications & Features

    1. General Description:

    ️· A 1.5A glass passivated bridge rectifier designed for various AC-DC power supply applications.
    ️· Part of a series (DBF1505 through DBF1510), offering voltage ratings from 50V to 1000V.

    2. Electrical Characteristics (Typical Values):

    Characteristic Symbol DBF1505 DBF1510 Unit
    Peak Repetitive Reverse Voltage VRRM 50 1000 V
    RMS Reverse Voltage VRWM 35 700 V
    DC Blocking Voltage VR 50 1000 V
    Average Rectified Output Current (@TA=100°C) IO 1.5 1.5 A
    Non-Repetitive Peak Forward Surge Current (8.3ms) IFSM 60 60 A
    Forward Voltage (@IF = 1.5A) VF 1.0 1.0 V
    Peak Reverse Current (@TA = 25°C) IRM 5.0/500 5.0/500 µA
    Junction Capacitance Cj 30 30 pF
    Thermal Resistance RθJA 15 15 °C/W

    3. Operating Conditions:

    ️· Input Voltage: Designed for single-phase, half-wave, 60Hz operation.
    ️· Current Derating: Current must be derated by 20% for capacitive loads.
    ️· Temperature Range:
    - Junction Temperature (Tj): -55°C to +150°C
    - Storage Temperature (TSTG): -55°C to +150°C

    4. Key Features:

    ️· Glass Passivation: Provides ruggedness and reliable operation.
    ️· Wide Voltage Range: Available in a range of voltage ratings to suit various applications.
    ️· Standard Package: Facilitates easy integration into power supply designs.

    5. Mechanical Details (Refer to Datasheet for Exact Dimensions):

    ️· Standard bridge rectifier package.
    ️· Dimensions are provided in the detailed datasheet.



    Note: For complete specifications, including mechanical details, test conditions, and other technical information, refer to the official datasheet from Zibo Seno Electronic Engineering Co., Ltd.

    # DBF1505 – DBF1510: 1.5A Glass Passivated Bridge Rectifier – Key Specifications & Features

    1. General Description:

    ️· A 1.5A glass passivated bridge rectifier designed for various AC-DC power supply applications.
    ️· Part of a series (DBF1505 through DBF1510), offering voltage ratings from 50V to 1000V.

    2. Electrical Characteristics (Typical Values):

    Characteristic Symbol DBF1505 DBF1510 Unit
    Peak Repetitive Reverse Voltage VRRM 50 1000 V
    RMS Reverse Voltage VRWM 35 700 V
    DC Blocking Voltage VR 50 1000 V
    Average Rectified Output Current (@TA=100°C) IO 1.5 1.5 A
    Non-Repetitive Peak Forward Surge Current (8.3ms) IFSM 60 60 A
    Forward Voltage (@IF = 1.5A) VF 1.0 1.0 V
    Peak Reverse Current (@TA = 25°C) IRM 5.0/500 5.0/500 µA
    Junction Capacitance Cj 30 30 pF
    Thermal Resistance RθJA 15 15 °C/W

    3. Operating Conditions:

    ️· Input Voltage: Designed for single-phase, half-wave, 60Hz operation.
    ️· Current Derating: Current must be derated by 20% for capacitive loads.
    ️· Temperature Range:
    - Junction Temperature (Tj): -55°C to +150°C
    - Storage Temperature (TSTG): -55°C to +150°C

    4. Key Features:

    ️· Glass Passivation: Provides ruggedness and reliable operation.
    ️· Wide Voltage Range: Available in a range of voltage ratings to suit various applications.
    ️· Standard Package: Facilitates easy integration into power supply designs.

    5. Mechanical Details (Refer to Datasheet for Exact Dimensions):

    ️· Standard bridge rectifier package.
    ️· Dimensions are provided in the detailed datasheet.



    Note: For complete specifications, including mechanical details, test conditions, and other technical information, refer to the official datasheet from Zibo Seno Electronic Engineering Co., Ltd.

    Part No.DBF1505
    ManufacturerZSELEC
    Size162 Kbytes
    Pages2 pages
    Description1.5A GLASS PASSIVATED BRIDGE RECTIFIER