Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25B16C
MfrGIGADEVICE
Size991 Kbytes
Pages53 pages
Description3.3V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. General Information & Purpose

️· Device: GD25B16C – A 16Mb (8Mx2) SPI Flash Memory.
️· Interface: Supports Standard/Dual/Quad SPI. This means it can communicate using different widths of data (1, 2, or 4 bits simultaneously).
️· Purpose: Used for non-volatile data storage in embedded systems.
️· Memory Protection: Includes block protection features (BP4-BP0 bits) to prevent unintentional modification of memory regions.
️· OTP Security: Offers one-time programmable (OTP) features for security (LB bit).

2. Block Protection (BP4-BP0)

️· Function: These bits (BP4-BP0) define software-protected memory areas. When set to '1', these areas are protected from Page Program, Sector Erase, and Block Erase commands.
️· Control: These bits are written using the Write Status Register (WRSR) command.
️· Chip Erase: Chip Erase is only possible if BP2, BP1, and BP0 are all '0' and CMP is '0'.
️· Table 1 (referenced, but not provided in the extract): This table (mentioned but not given) is *essential* to understanding which memory ranges are protected by setting different combinations of the BP4-BP0 bits.

3. Status Register Protection (SRP1, SRP0)

️· Function: Control access to the Status Register.
️· Modes:
- Software Protection (0, 0): Status Register can be written after a Write Enable command. (Default)
- Power Supply Lock-Down (1, 0): Status Register is protected until power cycling.
- One-Time Programmable (1, 1): Status Register is permanently protected (cannot be written again).
️· Note: The Power Supply Lock-Down mode returns to the default state (0, 0) after power cycling.
️· One Time Programmable (OTP): This functionality is available upon special order.

4. Other Status Register Bits

️· QE (Quad Enable): Read-only bit that enables Quad SPI mode. Always set to '1' and cannot be changed.
️· LB (Lock Bit): One-Time Programmable bit that controls access to Security Registers. Default is '0' (unlocked).
️· CMP (Compare): Read/Write bit used in conjunction with the Block Protect bits (BP4-BP0) for more flexible array protection (refer to the omitted Table 1). Default is '0'.
️· HPM (High Performance Mode): Indicates the status of High Performance Mode.
️· SUS (Suspend): Read-only bit set when Program/Erase Suspend command is executed. Cleared by Resume command or power cycling.

5. Commands

️· Write Enable/Disable: Basic commands to allow or prevent writing to the memory.
️· Read Status Register: Allows reading of the current status register values.
️· Write Status Register: Used to change the status register values (e.g., set BP bits, SRP bits).
️· Read Data: Reads data from a specified memory address.
️· Fast Read/Quad Output/Quad I/O: Various read commands optimized for different SPI modes.
️· Page Program: Writes a small block (page) of data to memory.
️· Sector/Block/Chip Erase: Erases memory blocks or the entire chip.
️· Program/Erase Suspend/Resume: Temporarily suspends erase/program operations and allows another operation.
️· Reset: Resets the device.

Important Omissions & Where to Find More Information

️· Table 1 (Block Protection Details): This table is *critical* for understanding how the BP4-BP0 bits protect different memory ranges. Without it, you can't effectively configure memory protection.
️· Detailed Command Timing: The documentation doesn't include the precise timing diagrams for all commands.
️· Security Register Details: The LB bit refers to "Security Registers," but their specifics are not given here.



To effectively use this memory, you *must* obtain the complete documentation, especially Table 1.
GD25B16C Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25B16C Datasheet.
    Example questions: ➤ What is the function of the cmp bit in the status register and how does it interact with the bp4-bp0 bits?➤ Explain the differences between the 'chip erase' command and the 'sector erase' command, specifically addressing when each command would be appropriate to use.➤ Describe the purpose of the srp1 and srp0 bits and how their settings influence write protection of the status register, including the distinction between software protection, power supply lock-down, and one-time programmable protection.
  • Datasheet Details
    Part No.GD25B16C
    ManufacturerGIGADEVICE
    Size991 Kbytes
    Pages53 pages
    Description3.3V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. General Information & Purpose

    ️· Device: GD25B16C – A 16Mb (8Mx2) SPI Flash Memory.
    ️· Interface: Supports Standard/Dual/Quad SPI. This means it can communicate using different widths of data (1, 2, or 4 bits simultaneously).
    ️· Purpose: Used for non-volatile data storage in embedded systems.
    ️· Memory Protection: Includes block protection features (BP4-BP0 bits) to prevent unintentional modification of memory regions.
    ️· OTP Security: Offers one-time programmable (OTP) features for security (LB bit).

    2. Block Protection (BP4-BP0)

    ️· Function: These bits (BP4-BP0) define software-protected memory areas. When set to '1', these areas are protected from Page Program, Sector Erase, and Block Erase commands.
    ️· Control: These bits are written using the Write Status Register (WRSR) command.
    ️· Chip Erase: Chip Erase is only possible if BP2, BP1, and BP0 are all '0' and CMP is '0'.
    ️· Table 1 (referenced, but not provided in the extract): This table (mentioned but not given) is *essential* to understanding which memory ranges are protected by setting different combinations of the BP4-BP0 bits.

    3. Status Register Protection (SRP1, SRP0)

    ️· Function: Control access to the Status Register.
    ️· Modes:
    - Software Protection (0, 0): Status Register can be written after a Write Enable command. (Default)
    - Power Supply Lock-Down (1, 0): Status Register is protected until power cycling.
    - One-Time Programmable (1, 1): Status Register is permanently protected (cannot be written again).
    ️· Note: The Power Supply Lock-Down mode returns to the default state (0, 0) after power cycling.
    ️· One Time Programmable (OTP): This functionality is available upon special order.

    4. Other Status Register Bits

    ️· QE (Quad Enable): Read-only bit that enables Quad SPI mode. Always set to '1' and cannot be changed.
    ️· LB (Lock Bit): One-Time Programmable bit that controls access to Security Registers. Default is '0' (unlocked).
    ️· CMP (Compare): Read/Write bit used in conjunction with the Block Protect bits (BP4-BP0) for more flexible array protection (refer to the omitted Table 1). Default is '0'.
    ️· HPM (High Performance Mode): Indicates the status of High Performance Mode.
    ️· SUS (Suspend): Read-only bit set when Program/Erase Suspend command is executed. Cleared by Resume command or power cycling.

    5. Commands

    ️· Write Enable/Disable: Basic commands to allow or prevent writing to the memory.
    ️· Read Status Register: Allows reading of the current status register values.
    ️· Write Status Register: Used to change the status register values (e.g., set BP bits, SRP bits).
    ️· Read Data: Reads data from a specified memory address.
    ️· Fast Read/Quad Output/Quad I/O: Various read commands optimized for different SPI modes.
    ️· Page Program: Writes a small block (page) of data to memory.
    ️· Sector/Block/Chip Erase: Erases memory blocks or the entire chip.
    ️· Program/Erase Suspend/Resume: Temporarily suspends erase/program operations and allows another operation.
    ️· Reset: Resets the device.

    Important Omissions & Where to Find More Information

    ️· Table 1 (Block Protection Details): This table is *critical* for understanding how the BP4-BP0 bits protect different memory ranges. Without it, you can't effectively configure memory protection.
    ️· Detailed Command Timing: The documentation doesn't include the precise timing diagrams for all commands.
    ️· Security Register Details: The LB bit refers to "Security Registers," but their specifics are not given here.



    To effectively use this memory, you *must* obtain the complete documentation, especially Table 1.