Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AK4187 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AK4187 Datasheet

  • # Example questions: ➢ What is the purpose of the rxp and ryp pins, and how do they contribute to the functionality of the ak4187?
    ➢ The datasheet references resistors r1 through r4. what are their roles in the touch panel connection, and what is the recommended resistance value relationship between these resistors and the touch panel's resistance?
    ➢ What are the acceptable operating voltage ranges for vdd and tvdd?

  • Part No.AK4187
    ManufacturerAKM
    Size448 Kbytes
    Pages36 pages
    DescriptionTouch Screen Controller for Dual Touch Gestures
    Datasheet Summary with AI

    1. General Description:

    ️· The AK4187 is a mixed-mode analog-to-digital converter (ADC) and resistive touch screen controller IC.
    ️· It combines a 12-bit SAR ADC, a 4-wire (expandable to 6-wire for dual touch) resistive touch screen interface, a calculator, an internal clock generator, and an I2C interface.
    ️· It's designed for applications like touch screen devices, portable devices, and measurement systems.

    2. Key Features:

    ️· ADC:
    - 12-bit resolution.
    - SAR (Successive Approximation Register) architecture.
    - Continuous conversion mode.
    ️· Touch Screen Controller:
    - Supports 4-wire resistive touch screens.
    - Dual-touch capability through the use of RXP, RYP pins, enabling more complex gestures.
    - Uses external resistors (R1-R4) to achieve dual-touch functionality.
    ️· I2C Interface: Standard I2C for communication with a host microcontroller.
    ️· Internal Clock Generator: Reduces external component count.
    ️· Calculator: Integrated calculator for processing data.
    ️· Operating Voltage: 2.7V to 3.6V (for most functions), 1.6V to 3.6V (for some signals)
    ️· Low Power Consumption: Optimized for battery-powered devices.

    3. Pin Configuration & Connections (Critical for Implementation):

    ️· XP, XN: Connect to the X-axis contacts of the resistive touch screen. XN requires an external resistor (R4).
    ️· YP, YN: Connect to the Y-axis contacts of the resistive touch screen. YN requires an external resistor (R3).
    ️· RXP, RYP: Additional pins for dual-touch capabilities. They connect to the touch screen through resistors R2 and R1, respectively.
    ️· CAD0: This pin needs to be connected to TVDD if it's set to "H."
    ️· Standard I2C pins: SDA, SCL for communication.
    ️· ADC input: Analog input for conversion.
    ️· Internal Clock output: Allows external clock source if needed.

    4. Timing Characteristics (Important for Proper Operation):

    ️· I2C Timing:
    - SCL frequency up to 400 kHz.
    - Various setup and hold times for SDA and SCL signals.
    - Setup time for repeated start condition.
    ️· ADC Conversion Timing:
    - Internal clock frequency range: 2.5 MHz to 5.1 MHz.

    5. Dual-Touch Functionality (Key Differentiator):

    ️· The AK4187 expands beyond a standard 4-wire touch screen interface.
    ️· It adds RXP and RYP pins, connected through external resistors (R1 & R2), allowing for more complex touch gestures and dual-touch detection.
    ️· Resistor Values: The external resistor values (R1-R4) are *critical* and need to be carefully chosen based on the touch panel's resistance characteristics. The document recommends tolerances of ±20%.
    ️· Resistor values are:
    - R1 = 75% of Y-axis resistance.
    - R2 = 75% of X-axis resistance.
    - R3 = 1/4 of Y-axis resistance.
    - R4 = 1/4 of X-axis resistance.

    6. Operational Overview:

    ️· The AK4187 integrates various functions, simplifying the design of touch-enabled devices.
    ️· The connection diagram demonstrates how the IC connects to the touch panel, external resistors, and host microcontroller.

    7. Important Notes/Cautions:

    ️· CAD0 pin: Must be connected to TVDD if it's set to “H.”
    ️· Resistor Selection: The accuracy of external resistors (R1-R4) is vital for reliable dual-touch operation.
    ️· Refer to the detailed timing diagrams for precise signal timing requirements.
    ️· This document provides general information; detailed application notes and design guidelines may be available separately.



    Key Takeaways / Things to Remember:

    ️· Dual-Touch is a Feature: The extended 6-wire interface and RXP/RYP pins allow for a significantly enhanced touch experience beyond simple single-touch functionality.
    ️· Resistors are Paramount: Getting the external resistor values correct is absolutely essential for reliable dual-touch performance. Measure your touch panel's resistance and calculate the appropriate resistor values.
    ️· I2C Timing Matters: Pay close attention to the I2C timing parameters to ensure proper communication with the host microcontroller.
    ️· Read the Diagrams Carefully: The connection diagrams and timing diagrams are critical for successful implementation.

    1. General Description:

    ️· The AK4187 is a mixed-mode analog-to-digital converter (ADC) and resistive touch screen controller IC.
    ️· It combines a 12-bit SAR ADC, a 4-wire (expandable to 6-wire for dual touch) resistive touch screen interface, a calculator, an internal clock generator, and an I2C interface.
    ️· It's designed for applications like touch screen devices, portable devices, and measurement systems.

    2. Key Features:

    ️· ADC:
    - 12-bit resolution.
    - SAR (Successive Approximation Register) architecture.
    - Continuous conversion mode.
    ️· Touch Screen Controller:
    - Supports 4-wire resistive touch screens.
    - Dual-touch capability through the use of RXP, RYP pins, enabling more complex gestures.
    - Uses external resistors (R1-R4) to achieve dual-touch functionality.
    ️· I2C Interface: Standard I2C for communication with a host microcontroller.
    ️· Internal Clock Generator: Reduces external component count.
    ️· Calculator: Integrated calculator for processing data.
    ️· Operating Voltage: 2.7V to 3.6V (for most functions), 1.6V to 3.6V (for some signals)
    ️· Low Power Consumption: Optimized for battery-powered devices.

    3. Pin Configuration & Connections (Critical for Implementation):

    ️· XP, XN: Connect to the X-axis contacts of the resistive touch screen. XN requires an external resistor (R4).
    ️· YP, YN: Connect to the Y-axis contacts of the resistive touch screen. YN requires an external resistor (R3).
    ️· RXP, RYP: Additional pins for dual-touch capabilities. They connect to the touch screen through resistors R2 and R1, respectively.
    ️· CAD0: This pin needs to be connected to TVDD if it's set to "H."
    ️· Standard I2C pins: SDA, SCL for communication.
    ️· ADC input: Analog input for conversion.
    ️· Internal Clock output: Allows external clock source if needed.

    4. Timing Characteristics (Important for Proper Operation):

    ️· I2C Timing:
    - SCL frequency up to 400 kHz.
    - Various setup and hold times for SDA and SCL signals.
    - Setup time for repeated start condition.
    ️· ADC Conversion Timing:
    - Internal clock frequency range: 2.5 MHz to 5.1 MHz.

    5. Dual-Touch Functionality (Key Differentiator):

    ️· The AK4187 expands beyond a standard 4-wire touch screen interface.
    ️· It adds RXP and RYP pins, connected through external resistors (R1 & R2), allowing for more complex touch gestures and dual-touch detection.
    ️· Resistor Values: The external resistor values (R1-R4) are *critical* and need to be carefully chosen based on the touch panel's resistance characteristics. The document recommends tolerances of ±20%.
    ️· Resistor values are:
    - R1 = 75% of Y-axis resistance.
    - R2 = 75% of X-axis resistance.
    - R3 = 1/4 of Y-axis resistance.
    - R4 = 1/4 of X-axis resistance.

    6. Operational Overview:

    ️· The AK4187 integrates various functions, simplifying the design of touch-enabled devices.
    ️· The connection diagram demonstrates how the IC connects to the touch panel, external resistors, and host microcontroller.

    7. Important Notes/Cautions:

    ️· CAD0 pin: Must be connected to TVDD if it's set to “H.”
    ️· Resistor Selection: The accuracy of external resistors (R1-R4) is vital for reliable dual-touch operation.
    ️· Refer to the detailed timing diagrams for precise signal timing requirements.
    ️· This document provides general information; detailed application notes and design guidelines may be available separately.



    Key Takeaways / Things to Remember:

    ️· Dual-Touch is a Feature: The extended 6-wire interface and RXP/RYP pins allow for a significantly enhanced touch experience beyond simple single-touch functionality.
    ️· Resistors are Paramount: Getting the external resistor values correct is absolutely essential for reliable dual-touch performance. Measure your touch panel's resistance and calculate the appropriate resistor values.
    ️· I2C Timing Matters: Pay close attention to the I2C timing parameters to ensure proper communication with the host microcontroller.
    ️· Read the Diagrams Carefully: The connection diagrams and timing diagrams are critical for successful implementation.

    Part No.AK4187
    ManufacturerAKM
    Size448 Kbytes
    Pages36 pages
    DescriptionTouch Screen Controller for Dual Touch Gestures