Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LR9101G-10-AL5-R Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LR9101G-10-AL5-R Datasheet

  • # Example questions: ➢ What is the maximum output current (iout) the lr9101 can deliver?
    ➢ What is the ripple rejection (rr) of the lr9101, and under what test conditions is it specified?
    ➢ What is the typical supply current (iss) of the lr9101 when the output is not loaded (iout = 0a)?

  • Part No.LR9101G-10-AL5-R
    ManufacturerUTC
    Size216 Kbytes
    Pages5 pages
    DescriptionLOW NOISE 300mA LDO REGULATOR
    Datasheet Summary with AI

    # LR9101 CMOS IC

    ## Overview
    Low Noise 300mA LDO Regulator for portable communication, electrical appliances, and battery-powered equipment.

    ## Features
    ️· Supply Current: 50µA (Typ.)
    ️· Standby Mode: 0.1µA (Typ.)
    ️· Ripple Rejection: 70dB @ 1kHz, VOUT=2.5V
    ️· Line Regulation: 0.02%/V (Typ.)
    ️· Recommended Capacitors: CIN=COUT=1µF or more (Ceramic)

    ## Ordering Information
    ️· Package Options: SOT-23-3, SOT-23, SOT-23-5, SOT-343, SOT-353
    ️· Lead Finish: Lead Free (L) or Halogen Free (G)
    ️· Packing: Tape Reel
    ️· Example: LR9101L-xx-AE2-R (Lead Free, SOT-23-3, Tape Reel)

    ## Marking Information
    ️· Voltage Code (xx):
    - 10: 1.0V
    - 12: 1.2V
    - 15: 1.5V
    - 18: 1.8V
    - 25: 2.5V
    - 27: 2.7V
    - 28: 2.8V
    - 29: 2.9V
    - 30: 3.0V
    - 33: 3.3V

    ## Pin Configuration
    ️· VIN: Input Pin
    ️· GND: Ground Pin
    ️· VOUT: Output Pin
    ️· CE: Chip Enable (Active High)
    ️· NC: No Connection (SOT-23-5 package only)

    ## Absolute Maximum Ratings
    ️· Input Voltage (VIN): 6V
    ️· Output Current (IOUT): 400mA
    ️· Power Dissipation: 250mW - 300mW (depending on package)
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -55°C to +125°C

    ## Electrical Characteristics
    ️· Output Voltage Accuracy: ±20mV (VOUT > 2.0V)
    ️· Load Regulation: 20-40mV (1mA ≤ IOUT ≤ 150mA)
    ️· Dropout Voltage: 0.15V - 0.60V (depending on VOUT and IOUT)

    # LR9101 CMOS IC

    ## Overview
    Low Noise 300mA LDO Regulator for portable communication, electrical appliances, and battery-powered equipment.

    ## Features
    ️· Supply Current: 50µA (Typ.)
    ️· Standby Mode: 0.1µA (Typ.)
    ️· Ripple Rejection: 70dB @ 1kHz, VOUT=2.5V
    ️· Line Regulation: 0.02%/V (Typ.)
    ️· Recommended Capacitors: CIN=COUT=1µF or more (Ceramic)

    ## Ordering Information
    ️· Package Options: SOT-23-3, SOT-23, SOT-23-5, SOT-343, SOT-353
    ️· Lead Finish: Lead Free (L) or Halogen Free (G)
    ️· Packing: Tape Reel
    ️· Example: LR9101L-xx-AE2-R (Lead Free, SOT-23-3, Tape Reel)

    ## Marking Information
    ️· Voltage Code (xx):
    - 10: 1.0V
    - 12: 1.2V
    - 15: 1.5V
    - 18: 1.8V
    - 25: 2.5V
    - 27: 2.7V
    - 28: 2.8V
    - 29: 2.9V
    - 30: 3.0V
    - 33: 3.3V

    ## Pin Configuration
    ️· VIN: Input Pin
    ️· GND: Ground Pin
    ️· VOUT: Output Pin
    ️· CE: Chip Enable (Active High)
    ️· NC: No Connection (SOT-23-5 package only)

    ## Absolute Maximum Ratings
    ️· Input Voltage (VIN): 6V
    ️· Output Current (IOUT): 400mA
    ️· Power Dissipation: 250mW - 300mW (depending on package)
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -55°C to +125°C

    ## Electrical Characteristics
    ️· Output Voltage Accuracy: ±20mV (VOUT > 2.0V)
    ️· Load Regulation: 20-40mV (1mA ≤ IOUT ≤ 150mA)
    ️· Dropout Voltage: 0.15V - 0.60V (depending on VOUT and IOUT)

    Part No.LR9101G-10-AL5-R
    ManufacturerUTC
    Size216 Kbytes
    Pages5 pages
    DescriptionLOW NOISE 300mA LDO REGULATOR