Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WST-1205S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about WST-1205S_16 Datasheet

  • # Example questions: ➢ What is the maximum allowable current (in ma) for this buzzer?
    ➢ What is the rated voltage of the electromagnetic buzzer?
    ➢ What is the total duration of the vibration test (in hours)?

  • Part No.WST-1205S_16
    ManufacturerSOBERTON
    Size320 Kbytes
    Pages5 pages
    DescriptionTHIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
    Datasheet Summary with AI

    # Electromagnetic Buzzer - WST-1205S - Specification Summary

    General:

    ️· Model: WST-1205S
    ️· Product: Electromagnetic Buzzer
    ️· Edition: A/2016

    Specifications:

    ️· Rated Voltage: 5.0 Vp
    ️· Operating Voltage: 4.0 - 6.0 Vp
    ️· Mean Current: Max. 40 mA (at rated voltage)
    ️· Sound Output: 85 dBA (at 10cm, A-weight free air)
    ️· Rated Frequency: 2300 ± 300 Hz
    ️· Operating Temperature: -20°C to +60°C
    ️· Storage Temperature: -30°C to +80°C
    ️· Dimensions: φ12.0 x H9.5 mm
    ️· Weight: 2.0 g
    ️· Material: PPO (Black)
    ️· Terminal: Pin type (Plating: Sn)

    Environmental:

    ️· Protection: RoHS Compliant

    Testing:

    ️· High-Temperature Test: +70°C for 96 hours
    ️· Low-Temperature Test: -30°C for 96 hours
    ️· Thermal Shock: 10 cycles
    ️· Temperature/Humidity Cycle: 10 cycles
    ️· Operating Life Test: 96 hours continuous operation
    ️· High/Low Voltage Test: 24 hours

    Mechanical Characteristics:

    ️· Solderability: 90% minimum wetting.
    ️· Soldering Heat Resistance: Compliant.
    ️· Terminal Strength: 1KG tension.
    ️· Vibration: 10-55-10Hz, 1.52mm amplitude, 2 hours per axis.
    ️· Drop Test: 75cm onto 40mm thick wood, 3 times per axis.

    Packing:

    ️· Tray: 190 x 190 x 25 mm - 100 pcs
    ️· Inner Carton: 210 x 210 x 220 mm - 1000 pcs
    ️· Outer Carton: 430 x 430 x 250 mm - 4000 pcs

    # Electromagnetic Buzzer - WST-1205S - Specification Summary

    General:

    ️· Model: WST-1205S
    ️· Product: Electromagnetic Buzzer
    ️· Edition: A/2016

    Specifications:

    ️· Rated Voltage: 5.0 Vp
    ️· Operating Voltage: 4.0 - 6.0 Vp
    ️· Mean Current: Max. 40 mA (at rated voltage)
    ️· Sound Output: 85 dBA (at 10cm, A-weight free air)
    ️· Rated Frequency: 2300 ± 300 Hz
    ️· Operating Temperature: -20°C to +60°C
    ️· Storage Temperature: -30°C to +80°C
    ️· Dimensions: φ12.0 x H9.5 mm
    ️· Weight: 2.0 g
    ️· Material: PPO (Black)
    ️· Terminal: Pin type (Plating: Sn)

    Environmental:

    ️· Protection: RoHS Compliant

    Testing:

    ️· High-Temperature Test: +70°C for 96 hours
    ️· Low-Temperature Test: -30°C for 96 hours
    ️· Thermal Shock: 10 cycles
    ️· Temperature/Humidity Cycle: 10 cycles
    ️· Operating Life Test: 96 hours continuous operation
    ️· High/Low Voltage Test: 24 hours

    Mechanical Characteristics:

    ️· Solderability: 90% minimum wetting.
    ️· Soldering Heat Resistance: Compliant.
    ️· Terminal Strength: 1KG tension.
    ️· Vibration: 10-55-10Hz, 1.52mm amplitude, 2 hours per axis.
    ️· Drop Test: 75cm onto 40mm thick wood, 3 times per axis.

    Packing:

    ️· Tray: 190 x 190 x 25 mm - 100 pcs
    ️· Inner Carton: 210 x 210 x 220 mm - 1000 pcs
    ️· Outer Carton: 430 x 430 x 250 mm - 4000 pcs

    Part No.WST-1205S_16
    ManufacturerSOBERTON
    Size320 Kbytes
    Pages5 pages
    DescriptionTHIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER