Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL83204A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ISL83204A Datasheet

  • # Example questions: ➢ What is the refresh pulse width (tref-pw) for alo and blo?
    ➢ What is the low-level input voltage (vil) for the hen pin?
    ➢ What is the typical peak pull-up current (io+) for the gate driver outputs?

  • Part No.ISL83204A
    ManufacturerRENESAS
    Size638 Kbytes
    Pages15 pages
    Description60V/2.5A Peak, High Frequency Full Bridge FET Driver
    Datasheet Summary with AI

    Okay, here's a summary of the provided datasheet excerpt for the ISL83204, focusing on key parameters and specifications:

    Device Overview:

    ️· The ISL83204 is a gate driver designed for driving high-side and low-side MOSFETs in synchronous rectification applications, likely in power supply or motor control circuits. It seems targeted for use in applications needing fast switching and efficient power conversion.

    Key Electrical Characteristics (Important Parameters):

    ️· Supply Voltage (VDD): The device operates from a 12V supply.
    ️· Gate Drive Voltage: It provides drive for MOSFET gates (ALO, BLO, AHO, BHO).
    ️· Output Voltages:
    - VOL (Low-Level Output Voltage): ~0.7-1.0V (for 100mA output current).
    - VOH (High-Level Output Voltage) / VCC - VOH: ~0.85-1.1V (for -100mA output current) - It's specified as a drop *from* VCC.
    - Peak Output Current (IO+ and IO-): High drive capability – up to 3.8A (peak).
    ️· Input Logic: Uses standard CMOS logic levels.
    ️· UVLO (Under-Voltage Lockout): Has thresholds for when the gate driver shuts down to protect the MOSFETs and itself. Rising threshold is 8.1-9.4V. Falling threshold is 7.6-8.9V.
    ️· LDEL/HDEL Voltage: Approximately 5.1V when a current of -100uA is applied to the LDEL/HDEL pins.

    Switching Performance:

    ️· Propagation Delays: Relatively fast switching. Propagation delays (tLPHL, tHPHL, etc.) are in the 40-110ns range, depending on the specific signal path.
    ️· Rise/Fall Times: ~10-25ns.

    Key Features/Control Signals:

    ️· HEN (High-Enable): Enables/disables the high-side driver.
    ️· U/V (UV Lockout Signal): Indicates if the UVLO is active.
    ️· DIS (Disable): Globally disables the driver.
    ️· LDEL/HDEL: Turn-on delay pins, contributing to dead-time control.
    ️· REF-PW: The minimum pulse width for the refresh signal (240-500ns)

    Truth Table Summary:

    ️· The output state is primarily determined by the comparison of IN+ and IN-, along with the HEN, U/V, and DIS signals. When IN+ > IN- and the enabling conditions are met (HEN is high, U/V is active, DIS is low), the corresponding high-side or low-side output will be driven high.



    In essence, this datasheet excerpt describes a robust and relatively fast gate driver suitable for efficient synchronous rectification, providing high current drive capability and protection features.

    Device Overview:

    ️· The ISL83204 is a gate driver designed for driving high-side and low-side MOSFETs in synchronous rectification applications, likely in power supply or motor control circuits. It seems targeted for use in applications needing fast switching and efficient power conversion.

    Key Electrical Characteristics (Important Parameters):

    ️· Supply Voltage (VDD): The device operates from a 12V supply.
    ️· Gate Drive Voltage: It provides drive for MOSFET gates (ALO, BLO, AHO, BHO).
    ️· Output Voltages:
    - VOL (Low-Level Output Voltage): ~0.7-1.0V (for 100mA output current).
    - VOH (High-Level Output Voltage) / VCC - VOH: ~0.85-1.1V (for -100mA output current) - It's specified as a drop *from* VCC.
    - Peak Output Current (IO+ and IO-): High drive capability – up to 3.8A (peak).
    ️· Input Logic: Uses standard CMOS logic levels.
    ️· UVLO (Under-Voltage Lockout): Has thresholds for when the gate driver shuts down to protect the MOSFETs and itself. Rising threshold is 8.1-9.4V. Falling threshold is 7.6-8.9V.
    ️· LDEL/HDEL Voltage: Approximately 5.1V when a current of -100uA is applied to the LDEL/HDEL pins.

    Switching Performance:

    ️· Propagation Delays: Relatively fast switching. Propagation delays (tLPHL, tHPHL, etc.) are in the 40-110ns range, depending on the specific signal path.
    ️· Rise/Fall Times: ~10-25ns.

    Key Features/Control Signals:

    ️· HEN (High-Enable): Enables/disables the high-side driver.
    ️· U/V (UV Lockout Signal): Indicates if the UVLO is active.
    ️· DIS (Disable): Globally disables the driver.
    ️· LDEL/HDEL: Turn-on delay pins, contributing to dead-time control.
    ️· REF-PW: The minimum pulse width for the refresh signal (240-500ns)

    Truth Table Summary:

    ️· The output state is primarily determined by the comparison of IN+ and IN-, along with the HEN, U/V, and DIS signals. When IN+ > IN- and the enabling conditions are met (HEN is high, U/V is active, DIS is low), the corresponding high-side or low-side output will be driven high.



    In essence, this datasheet excerpt describes a robust and relatively fast gate driver suitable for efficient synchronous rectification, providing high current drive capability and protection features.

    Part No.ISL83204A
    ManufacturerRENESAS
    Size638 Kbytes
    Pages15 pages
    Description60V/2.5A Peak, High Frequency Full Bridge FET Driver