| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HSMBJSAC10 Datasheet
# Example questions:
➢ What is the maximum standby current (id) for the hsmbjsac10 device?
➢ What is the benefit of using a low capacitance rectifier diode in parallel with the tvs in unidirectional applications?
➢ What is the clamping factor, and how is it related to the values of vc and v(br)?
1. Product Overview:
️· Type: Transient Voltage Suppressors (TVS) – designed to protect circuits from voltage spikes and surges.
️· Series: HSMBJSAC Series - characterized by low capacitance, which is crucial for high-speed data lines.
️· Application: Protection of sensitive electronic components (e.g., microcontrollers, data lines) from overvoltage conditions.
2. Key Features:
️· Low Capacitance: Critical for high-speed data transmission lines to minimize signal distortion.
️· Bidirectional: Can handle voltage transients from either polarity.
️· Fast Response Time: Quickly clamps voltage to protect circuits.
️· Various Voltage Ratings: Available in a range of reverse standoff voltages (VWM) to suit different application requirements.
3. Electrical Characteristics (Key Parameters):
| Parameter | Description | Units |
|---|---|---|
| VWM (Reverse Standoff Voltage) | Voltage at which the TVS begins to conduct. | Volts |
| V(BR) (Breakdown Voltage) | Voltage at which the TVS conducts at a specified current (1mA). | Volts |
| ID (Max. Standby Current) | Maximum current flowing through the TVS under normal operating conditions (at VWM). | µA (microamps) |
| VC (Max. Clamping Voltage) | Voltage at which the TVS clamps the transient voltage. | Volts |
| IPP (Max. Peak Pulse Current) | Maximum current the TVS can handle during a transient event. | Amps |
| C (Capacitance) | Capacitance of the TVS device – important for signal integrity. | pF (picofarads) |
| VWIB (Working Inverse Blocking Voltage) | Maximum voltage allowed without triggering leakage current. | Volts |
| VPIB (Peak Inverse Blocking Voltage) | Maximum Voltage allowed for the device to operate without damage. | Volts |
1. Product Overview:
️· Type: Transient Voltage Suppressors (TVS) – designed to protect circuits from voltage spikes and surges.
️· Series: HSMBJSAC Series - characterized by low capacitance, which is crucial for high-speed data lines.
️· Application: Protection of sensitive electronic components (e.g., microcontrollers, data lines) from overvoltage conditions.
2. Key Features:
️· Low Capacitance: Critical for high-speed data transmission lines to minimize signal distortion.
️· Bidirectional: Can handle voltage transients from either polarity.
️· Fast Response Time: Quickly clamps voltage to protect circuits.
️· Various Voltage Ratings: Available in a range of reverse standoff voltages (VWM) to suit different application requirements.
3. Electrical Characteristics (Key Parameters):
| Parameter | Description | Units |
|---|---|---|
| VWM (Reverse Standoff Voltage) | Voltage at which the TVS begins to conduct. | Volts |
| V(BR) (Breakdown Voltage) | Voltage at which the TVS conducts at a specified current (1mA). | Volts |
| ID (Max. Standby Current) | Maximum current flowing through the TVS under normal operating conditions (at VWM). | µA (microamps) |
| VC (Max. Clamping Voltage) | Voltage at which the TVS clamps the transient voltage. | Volts |
| IPP (Max. Peak Pulse Current) | Maximum current the TVS can handle during a transient event. | Amps |
| C (Capacitance) | Capacitance of the TVS device – important for signal integrity. | pF (picofarads) |
| VWIB (Working Inverse Blocking Voltage) | Maximum voltage allowed without triggering leakage current. | Volts |
| VPIB (Peak Inverse Blocking Voltage) | Maximum Voltage allowed for the device to operate without damage. | Volts |
| Part No. | HSMBJSAC10 |
| Manufacturer | MICROSEMI |
| Size | 271 Kbytes |
| Pages | 3 pages |
| Description | 500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR |