MHO 68TAAD-R
AI

The **MHO 68TAAD-R** is a specific type of **Crystal Oscillator** (specifically an XO - Clock Oscillator). These components are essential in electronics for providing a stable, precise frequency signal used as a heartbeat for microprocessors and digital circuits.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
Based on the part numbering convention (typically associated with manufacturers like MtronPTI), here are the technical attributes:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Crystal Clock Oscillator |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Output Type** | TTL / HCMOS Compatible |
| **Frequency Stability** | Usually ±100ppm or ±50ppm (standard for this series) |
| **Operating Voltage** | Typically 5.0V DC |
---
### 2. Pin Configuration (Internal Structure)
Although it uses a 14-pin footprint, most oscillators of this type only utilize 4 active pins.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-State | No connection or Output Enable/Disable control |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | Positive Power Supply (+5V) |
---
### 3. Electronic Characteristics
The "MHO" series is known for several key performance factors:
* **HCMOS/TTL Compatibility:** It can drive both high-speed CMOS and standard TTL logic gates, making it versatile for older industrial equipment and modern digital boards.
* **Through-Hole Mounting:** The "68" designation refers to the physical package size (DIP-14), which is mounted by soldering pins through holes in the PCB. This provides high mechanical stability compared to surface-mount (SMD) parts.
* **Thermal Stability:** These parts are designed to maintain a consistent frequency even as the internal temperature of the device rises during operation.
### 4. Decoding the Part Number
* **MHO:** Series prefix (Metal Hermetic Oscillator).
* **6:** Denotes the package style (Full size 14-pin DIP).
* **8:** Specific voltage or stability rating (usually 5V operation).
* **TAAD:** Often refers to specific frequency tolerances and temperature ranges (e.g., 0°C to 70°C).
* **-R:** Indicates RoHS compliance (Lead-free).
---
### Summary of Use Cases
The MHO 68TAAD-R is commonly found in:
1. **Industrial Controllers:** Where physical durability and 5V logic are required.
2. **Legacy Computing:** Replacing old timing crystals in vintage hardware.
3. **Communication Equipment:** Providing the base clock for data transmission.
- ⤷
What is the specific frequency (MHz) marked on your MHO 68TAAD-R unit?
- ⤷ Can this oscillator be used in a 3.3V circuit instead of 5V?
- ⤷ What are the common failure symptoms of a crystal oscillator in a circuit?