EE-1010-R 2M
AI

The **EE-1010-R 2M** is a high-quality connector cable assembly manufactured by **Omron**. It is specifically designed for use with Omron’s range of photomicrosensors (optical switches).
---
### 1. Technical Specifications
The "2M" in the model name indicates the cable length. Below are the primary electronic and physical specifications:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Omron |
| **Series** | EE-1010 |
| **Cable Length** | 2 Meters (approx. 6.5 feet) |
| **Number of Conductors** | 4-wire (Standard for NPN/PNP output sensors) |
| **Connector Type** | Specific pressure-welded connector for photomicrosensors |
| **Outer Diameter** | Approx. 4.0 mm |
| **Wire Gauge** | 24 - 26 AWG (Typical for signal wiring) |
---
### 2. Connector Wiring Configuration
The cable typically utilizes a color-coded 4-wire system to interface with the sensor's internal electronics (Emitter and Detector).
| Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | Vcc / (+) | Positive power supply (typically 5-24V DC) |
| **Blue** | GND / (-) | Ground / Common |
| **Black** | Output 1 | Control Output (Light-ON or Dark-ON) |
| **White** | Output 2 / Control | L/D Control or secondary output |
---
### 3. Key Electronic Features
* **Vibration Resistance:** The connector features a locking mechanism (built-in friction) to prevent accidental disconnection in industrial machinery.
* **Flexible Jacket:** The cable uses a PVC or PUR jacket designed for high flexibility, making it suitable for applications involving moving parts or robotic arms.
* **Pre-terminated Connector:** The sensor-side end is pre-wired with a specialized socket, eliminating the need for soldering directly onto the sensor pins, which prevents heat damage to the sensitive optical components.
---
### 4. Compatible Sensors
This cable is commonly used with the following Omron photomicrosensor series:
* **EE-SX67 Series** (e.g., EE-SX670, EE-SX671)
* **EE-SY67 Series**
* **EE-SPX Series**
### 5. Application Usage
The EE-1010-R 2M acts as the bridge between the **sensing head** (which detects objects via light interruption) and the **PLC (Programmable Logic Controller)** or Microcontroller. It is widely used in:
1. **Limit Switching:** Detecting the end of travel for a linear slide.
2. **Object Counting:** Monitoring items on a conveyor belt.
3. **Positioning:** Indexing rotary tables.
- ⤷
What is the difference between the EE-1010 and the EE-1006 series?
- ⤷ Can this cable be used with non-Omron sensors?
- ⤷ What are the voltage and current limits for this specific cable?