Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Kemet Corporation |
T498B475M010ATE2K7
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 4.7 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 2.7 Ohms, Height Max = 2.1mm
|
T498B225K025ATE3K0
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 2.2 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 3 Ohms, Height Max = 2.1mm
|
T498B336K006ATE1K7
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 33 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 1.7 Ohms, Height Max = 2.1mm
|
T498B105K035ATE4K4
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 1 uF, 10%, 35 V, 3528, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 4.4 Ohms, Height Max = 2.1mm
|
T498A685K016ATE2K6
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 6.8 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 2.6 Ohms, Height Max = 1.8mm
|
T498C226K016ATE1K0
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 22 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 1 Ohms, Height Max = 2.8mm
|
T498A105K035ATE10K
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 1 uF, 10%, 35 V, 3216, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 10 Ohms, Height Max = 1.8mm
|
T498A105K016ATE6K5
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 1 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 6.5 Ohms, Height Max = 1.8mm
|
T498C106K025ATE1K1
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T498, 10 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 1.1 Ohms, 2.8mm
|
T499B475K016ATE6K0
|
81Kb / 1P |
Tantalum, MnO2 Tantalum, High Temperature, T499, 4.7 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 6 Ohms, Height Max = 2.1mm
|
|