Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA7905 Datasheet (PDF) - Fairchild Semiconductor

KA7905 Datasheet PDF - Fairchild Semiconductor
No. de pieza KA7905
Descarga  KA7905 Descarga

Tamaño del archivo   121.37 Kbytes
Page   18 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 3-Terminal 1A Negative Voltage Regulator

KA7905 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
KA7905 Datasheet PDF - Fairchild Semiconductor

No. de pieza KA7905
Descarga  KA7905 Click to download

Tamaño del archivo   121.37 Kbytes
Page   18 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 3-Terminal 1A Negative Voltage Regulator

KA7905 Datasheet (HTML) - Fairchild Semiconductor

Back Button KA7905 Datasheet HTML 1Page - Fairchild Semiconductor KA7905 Datasheet HTML 2Page - Fairchild Semiconductor KA7905 Datasheet HTML 3Page - Fairchild Semiconductor KA7905 Datasheet HTML 4Page - Fairchild Semiconductor KA7905 Datasheet HTML 5Page - Fairchild Semiconductor KA7905 Datasheet HTML 6Page - Fairchild Semiconductor KA7905 Datasheet HTML 7Page - Fairchild Semiconductor KA7905 Datasheet HTML 8Page - Fairchild Semiconductor KA7905 Datasheet HTML 9Page - Fairchild Semiconductor KA7905 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA7905 Detalles de producto

3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS

The MC79XX series of three-terminal negative regulators are available in TO-220 package and with several fixed output voltages, making them useful in a wide range of applications. Each type employs internal current limiting, thermal shut-down and safe area protection, making it essentially indestructible.

FEATURES
• Output Current in Excess of 1A
• Output Voltages of -5, -6, -8, -12, -15, -18, -24V
• Internal Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe-Area Compensation




Número de pieza similar - KA7905

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA7905 FAIRCHILD-KA7905 Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
TAITRON Components Inco...
KA7905 TAITRON-KA7905 Datasheet
75Kb / 1P
   Voltage Regulators
logo
Fairchild Semiconductor
KA7905A FAIRCHILD-KA7905A Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
KA7905ATU FAIRCHILD-KA7905ATU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
KA7905TU FAIRCHILD-KA7905TU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
More results


Descripción similar - KA7905

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results




Acerca de Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com