Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

72V3664L15PFG Datasheet (PDF) - Integrated Device Technology

72V3664L15PFG Datasheet PDF - Integrated Device Technology
No. de pieza 72V3664L15PFG
Descarga  72V3664L15PFG Descarga

Tamaño del archivo   275.7 Kbytes
Page   37 Pages
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology
Descripción Electrónicos 3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING

72V3664L15PFG Datasheet (PDF)

Go To PDF Page Descarga Datasheet
72V3664L15PFG Datasheet PDF - Integrated Device Technology

No. de pieza 72V3664L15PFG
Descarga  72V3664L15PFG Click to download

Tamaño del archivo   275.7 Kbytes
Page   37 Pages
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology
Descripción Electrónicos 3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING

72V3664L15PFG Datasheet (HTML) - Integrated Device Technology

Back Button 72V3664L15PFG Datasheet HTML 1Page - Integrated Device Technology 72V3664L15PFG Datasheet HTML 2Page - Integrated Device Technology 72V3664L15PFG Datasheet HTML 3Page - Integrated Device Technology 72V3664L15PFG Datasheet HTML 4Page - Integrated Device Technology 72V3664L15PFG Datasheet HTML 5Page - Integrated Device Technology 72V3664L15PFG Datasheet HTML 6Page - Integrated Device Technology 72V3664L15PFG Datasheet HTML 7Page - Integrated Device Technology 72V3664L15PFG Datasheet HTML 8Page - Integrated Device Technology 72V3664L15PFG Datasheet HTML 9Page - Integrated Device Technology 72V3664L15PFG Datasheet HTML 10Page - Integrated Device Technology Next Button 

72V3664L15PFG Detalles de producto

DESCRIPTION
The IDT72V3654/72V3664/72V3674 are pin and functionally compatible versions of the IDT723654/723664/723674, designed to run off a 3.3V supply for exceptionally low-power consumption. These devices are monolithic, high-speed, low-power, CMOS bidirectional synchronous (clocked) FIFO memory which supports clock frequencies up to 100 MHz and has read access times as fast as 6.5ns. Two independent 2,048/4,096/8,192 x 36 dual-port SRAM FIFOs on board each chip buffer data in opposite directions. FIFO data on Port B can be input and output in 36-bit, 18-bit, or 9-bit formats with a choice of Big- or Little-Endian configurations.

FEATURES
• Memory storage capacity:
   IDT72V3654 – 2,048 x 36 x 2
   IDT72V3664 – 4,096 x 36 x 2
   IDT72V3674 – 8,192 x 36 x 2
• Clock frequencies up to 100 MHz (6.5ns access time)
• Two independent clocked FIFOs buffering data in opposite directions
• Select IDT Standard timing (using EFA, EFB, FFA, and FFB flags functions) or First Word Fall Through Timing (using ORA, ORB, IRA, and IRB flag functions)
• Programmable Almost-Empty and Almost-Full flags; each has five default offsets (8, 16, 64, 256 and 1,024 )
• Serial or parallel programming of partial flags
• Port B bus sizing of 36 bits (long word), 18 bits (word) and 9 bits (byte)
• Big- or Little-Endian format for word and byte bus sizes
• Retransmit Capability
• Master Reset clears data and configures FIFO, Partial Reset clears data but retains configuration settings
• Mailbox bypass registers for each FIFO
• Free-running CLKA and CLKB may be asynchronous or coincident (simultaneous reading and writing of data on a single clock edge is permitted)
• Auto power down minimizes power dissipation
• Available in space saving 128-pin Thin Quad Flatpack (TQFP)
• Pin and functionally compatible version of the 5V operating IDT723654/723664/723674
• Pin compatible to the lower density parts, IDT72V3624/72V3634/ 72V3644
• Industrial temperature range (–40°C to +85°C) is available




Número de pieza similar - 72V3664L15PFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
72V3664L15PFG RENESAS-72V3664L15PFG Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
72V3664L15PFG8 RENESAS-72V3664L15PFG8 Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
More results


Descripción similar - 72V3664L15PFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT723624 IDT-IDT723624_13 Datasheet
525Kb / 35P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT723654 IDT-IDT723654 Datasheet
406Kb / 37P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
More results




Acerca de Integrated Device Technology


Integrated Device Technology (IDT) es una empresa estadounidense que se especializa en el diseño y fabricación de soluciones de semiconductores de señal mixta.
La compañía fue fundada en 1980 y tiene su sede en San José, California.
IDT proporciona una amplia gama de productos que incluyen soluciones de reloj y cronometraje, interfaz de memoria y productos lógicos digitales.
Los productos de la compañía se utilizan en diversas aplicaciones, como informática, telecomunicaciones y automatización industrial.
IDT es conocido por su experiencia en tecnología de semiconductores de señal mixta y su capacidad para ofrecer productos confiables y de alta calidad a sus clientes.
La compañía tiene operaciones e instalaciones en varios países de todo el mundo y trabaja en estrecha colaboración con sus clientes para proporcionar soluciones de semiconductores personalizadas que satisfagan sus requisitos y necesidades específicas.
Además de su negocio principal, IDT también proporciona soluciones para los mercados automotrices, centros de datos e Internet de las cosas (IoT).

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com